Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN2400UFDQ Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMN2400UFDQ
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2400UFDQ Datasheet(HTML) 1 Page - Diodes Incorporated

  DMN2400UFDQ Datasheet HTML 1Page - Diodes Incorporated DMN2400UFDQ Datasheet HTML 2Page - Diodes Incorporated DMN2400UFDQ Datasheet HTML 3Page - Diodes Incorporated DMN2400UFDQ Datasheet HTML 4Page - Diodes Incorporated DMN2400UFDQ Datasheet HTML 5Page - Diodes Incorporated DMN2400UFDQ Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DMN2400UFDQ
Document number: DS37853 Rev. 3 - 2
1 of 6
www.diodes.com
November 2015
© Diodes Incorporated
DMN2400UFDQ
D
S
G
Gate Protection
Diode
N-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
BVDSS
RDS(ON)
ID
TA = +25°C
20V
0.6
Ω @ VGS = 4.5V
0.9A
0.8
Ω @ VGS = 2.5V
0.7A
1.0
Ω @ VGS = 1.8V
0.5A
1.6
Ω @ VGS = 1.5V
0.3A
Features and Benefits
Low On-Resistance
Very low Gate Threshold Voltage, 1.0V Max.
Low Input Capacitance
Fast Switching Speed
ESD Protected Gate
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 standards for High Reliability
PPAP Capable (Note 4)
Description and Applications
This MOSFET is designed to minimize the on-state resistance
(RDS(on)) and yet maintain superior switching performance, making it
ideal for high-efficiency power management applications.
Power Management Functions
Battery Operated Systems and Solid-State Relays
Load Switch
Mechanical Data
Case: U-DFN1212-3
Case Material: Molded Plastic;
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
– NiPdAu over Copper Leadframe;
Solderable per MIL-STD-202, Method 208
Terminal Connections: See Diagram
Weight: 0.005 grams (Approximate)
Ordering Information (Note 5)
Part Number
Case
Packaging
DMN2400UFDQ-7
U-DFN1212-3
3,000/Tape & Reel
DMN2400UFDQ-13
U-DFN1212-3
10,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information
about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Automotive products are AEC-Q101 qualified and are PPAP capable. Automotive, AEC-Q101 and standard products are electrically and thermally the
same, except where specified. For more information, please refer to http://www.diodes.com/quality/product_compliance_definitions/.
5. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Date Code Key
Year
2015
2016
2017
2018
2019
2020
2021
2022
2023
2024
2025
Code
C
D
E
F
G
H
I
J
K
L
M
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Top View
Bottom View
Equivalent Circuit
ESD PROTECTED
K24 = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: C = 2015)
M = Month (ex: 9 = September)
Pin-out Top view
D
S
G
U-DFN1212-3
U-DFN1212-3
YM
K24
pin 1
e4


Similar Part No. - DMN2400UFDQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN2400UFD DIODES-DMN2400UFD Datasheet
354Kb / 6P
   Low On-Resistance
DMN2400UFD DIODES-DMN2400UFD Datasheet
434Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMN2400UFD-7 DIODES-DMN2400UFD-7 Datasheet
145Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMN2400UFD-7 DIODES-DMN2400UFD-7 Datasheet
354Kb / 6P
   Low On-Resistance
DMN2400UFD-7 DIODES-DMN2400UFD-7 Datasheet
434Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMN2400UFDQ

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com