Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMG1016VQ-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMG1016VQ-7
Description  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMG1016VQ-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMG1016VQ-7 Datasheet HTML 1Page - Diodes Incorporated DMG1016VQ-7 Datasheet HTML 2Page - Diodes Incorporated DMG1016VQ-7 Datasheet HTML 3Page - Diodes Incorporated DMG1016VQ-7 Datasheet HTML 4Page - Diodes Incorporated DMG1016VQ-7 Datasheet HTML 5Page - Diodes Incorporated DMG1016VQ-7 Datasheet HTML 6Page - Diodes Incorporated DMG1016VQ-7 Datasheet HTML 7Page - Diodes Incorporated DMG1016VQ-7 Datasheet HTML 8Page - Diodes Incorporated DMG1016VQ-7 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
DMG1016VQ
Document number: DS37972 Rev. 2 - 2
2 of 9
www.diodes.com
September 2015
© Diodes Incorporated
DMG1016VQ
Maximum Ratings (Q1 N-Channel) (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain Source Voltage
VDSS
20
V
Gate-Source Voltage
VGSS
6
V
Drain Current (Note 6)
TA = +25°C
TA = +85°C
ID
870
630
mA
Maximum Ratings (Q2 P-Channel) (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain Source Voltage
VDSS
-20
V
Gate-Source Voltage
VGSS
6
V
Drain Current (Note 6)
TA = +25°C
TA = +85°C
ID
-640
-460
mA
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 6)
PD
530
mW
Thermal Resistance, Junction to Ambient (Note 6)
RθJA
235
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C


Similar Part No. - DMG1016VQ-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMG1016V DIODES-DMG1016V Datasheet
205Kb / 8P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DS31767 Rev. 3 - 2
DMG1016V-7 DIODES-DMG1016V-7 Datasheet
205Kb / 8P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DS31767 Rev. 3 - 2
DMG1016V DIODES-DMG1016V_15 Datasheet
205Kb / 8P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
More results

Similar Description - DMG1016VQ-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMG1016UDW DIODES-DMG1016UDW_15 Datasheet
270Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4015SSD DIODES-DMC4015SSD_15 Datasheet
556Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1030UFDB DIODES-DMC1030UFDB_15 Datasheet
357Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4029SSD DIODES-DMC4029SSD_15 Datasheet
412Kb / 8P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMG1029SV DIODES-DMG1029SV_15 Datasheet
286Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1018UPD DIODES-DMC1018UPD Datasheet
508Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3028LSDXQ DIODES-DMC3028LSDXQ Datasheet
490Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3032LSD DIODES-DMC3032LSD_14 Datasheet
246Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
BCD Semiconductor Manuf...
DMC1028UFDB BCDSEMI-DMC1028UFDB Datasheet
666Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMC10H172SSD DIODES-DMC10H172SSD Datasheet
598Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
March 2022
DMC3730UVT DIODES-DMC3730UVT Datasheet
494Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
July 2018 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com