Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5819HW1-7-F Datasheet(PDF) 2 Page - Diodes Incorporated

Part # 1N5819HW1-7-F
Description  SUPER BARRIER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

1N5819HW1-7-F Datasheet(HTML) 2 Page - Diodes Incorporated

  1N5819HW1-7-F Datasheet HTML 1Page - Diodes Incorporated 1N5819HW1-7-F Datasheet HTML 2Page - Diodes Incorporated 1N5819HW1-7-F Datasheet HTML 3Page - Diodes Incorporated 1N5819HW1-7-F Datasheet HTML 4Page - Diodes Incorporated 1N5819HW1-7-F Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1N5819HW1
Document number: DS37090 Rev. 4 - 2
2 of 5
www.diodes.com
October 2015
© Diodes Incorporated
1N5819HW1
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VRM
40
V
RMS Reverse Voltage
VR(RMS)
28
V
Average Rectified Output Current
IO
1
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
30
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Typical Thermal Resistance, Junction to Ambient (Note 5)
RθJA
135
°C/W
Typical Thermal Resistance, Junction to Case (Note 5)
RθJC
20
°C/W
Typical Thermal Resistance, Junction to Ambient (Note 6)
RθJA
75
°C/W
Typical Thermal Resistance, Junction to Case (Note 6)
RθJC
12
°C/W
Operating Junction Temperature Range
TJ
-55 to +125
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 6)
V(BR)R
40
V
IR = 1.0mA
Forward Voltage Drop
VF
0.44
0.36
0.64
0.63
0.35
0.51
0.75
V
IF = 0.1A, TJ = +25°C
IF = 1A, TJ = +25°C
IF = 1A, TJ = +125°C
IF = 3A, TJ = +25°C
IF = 3A, TJ = +125°C
Leakage Current (Note 7)
IR
0.008
0.010
0.050
0.075
0.5
50
mA
VR = 4V, TJ = +25°C
VR = 6V, TJ = +25°C
VR = 40V, TJ = +25°C
VR = 40V, TJ = +125°C
Reverse Recovery Time
tRR
15
ns
IF = 10mA, IRRM = 0.1IR,
TA = +25°C
Total Capacitance
CT
30
pF
VR = 10V, f = 1MHz
Notes:
5. Device mounted on 1 x MRP FR-4 PC board, 2oz.
6. Device mounted on 1inch sq. copper pad, 2oz.
7. Short duration pulse test used to minimize self-heating effect.


Similar Part No. - 1N5819HW1-7-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5819HW DIODES-1N5819HW Datasheet
61Kb / 5P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
1N5819HW DIODES-1N5819HW Datasheet
82Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30217 Rev. 12 - 2
1N5819HW DIODES-1N5819HW Datasheet
103Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 15 - 2 February 2010
1N5819HW DIODES-1N5819HW Datasheet
297Kb / 5P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
1N5819HW-7-F DIODES-1N5819HW-7-F Datasheet
82Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30217 Rev. 12 - 2
More results

Similar Description - 1N5819HW1-7-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR20A150CT DIODES-SBR20A150CT_08 Datasheet
166Kb / 3P
   SUPER BARRIER RECTIFIER
DS30967 Rev. 3 - 2
logo
List of Unclassifed Man...
SBR20A40CTF ETC1-SBR20A40CTF Datasheet
61Kb / 2P
   SUPER BARRIER RECTIFIER
logo
Diodes Incorporated
SBR1045CTL DIODES-SBR1045CTL Datasheet
79Kb / 4P
   SUPER BARRIER RECTIFIER
logo
List of Unclassifed Man...
SBR20150CT ETC-SBR20150CT Datasheet
136Kb / 3P
   SUPER BARRIER RECTIFIER
SBR40U60PT ETC1-SBR40U60PT Datasheet
80Kb / 2P
   Super barrier rectifier
SBR40U100PT ETC1-SBR40U100PT Datasheet
80Kb / 2P
   Super barrier rectifier
SBR60A60CT ETC-SBR60A60CT Datasheet
77Kb / 2P
   Super barrier rectifier
SBR60A100CT ETC-SBR60A100CT Datasheet
78Kb / 2P
   Super barrier rectifier
SBR60A150CT ETC-SBR60A150CT Datasheet
77Kb / 2P
   Super barrier rectifier
SBR10150CT ETC1-SBR10150CT Datasheet
88Kb / 3P
   Super barrier rectifier
SBR2040CT ETC2-SBR2040CT Datasheet
93Kb / 3P
   Super Barrier Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com