Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPSD3254BV-24U6 Datasheet(PDF) 7 Page - STMicroelectronics

Part # UPSD3254BV-24U6
Description  8032 MCU with USB and Programmable Logic
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3254BV-24U6 Datasheet(HTML) 7 Page - STMicroelectronics

  UPSD3254BV-24U6 Datasheet HTML 1Page - STMicroelectronics UPSD3254BV-24U6 Datasheet HTML 2Page - STMicroelectronics UPSD3254BV-24U6 Datasheet HTML 3Page - STMicroelectronics UPSD3254BV-24U6 Datasheet HTML 4Page - STMicroelectronics UPSD3254BV-24U6 Datasheet HTML 5Page - STMicroelectronics UPSD3254BV-24U6 Datasheet HTML 6Page - STMicroelectronics UPSD3254BV-24U6 Datasheet HTML 7Page - STMicroelectronics UPSD3254BV-24U6 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7/8
uPSD32xx
PART NUMBERING
Table 3. Ordering Information Scheme
For other options, or for more information on any aspect of this device, please contact the ST Sales Office
nearest you.
Example:
uPSD
3
2
1
2
C
V
– 24
U
6
T
Device Type
uPSD = Microcontroller PSD
Family
3 = 8032 core
PLD Size
2 = 16 Macrocells
SRAM Size
1 = 2K bytes
3 = 8K bytes
5 = 32K bytes
Main Flash Memory Size
2 = 64K bytes
3 = 128K bytes
4 = 256K bytes
IP Mix
A = USB, I2C, PWM, DDC, ADC, (2) UARTs,
Supervisor (Reset Out, Reset In, LVD, WD)
B = I2C, PWM, DDC, ADC, (2) UARTs,
Supervisor (Reset Out, Reset In, LVD, WD)
C = I2C, PWM, ADC, (2) UARTs,
Supervisor (Reset Out, Reset In, LVD, WD)
Operating Voltage
blank = VCC = 4.5 to 5.5V
V = VCC = 3.0 to 3.6V
Speed
–24 = 24MHz
–40 = 40MHz
Package
T = 52-pin TQFP
U = 80-pin TQFP
Temperature Range
6 = –40 to 85°C
Shipping Option
T = Tape and Reel Packing
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - UPSD3254BV-24U6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UPSD3254BV-24U6 STMICROELECTRONICS-UPSD3254BV-24U6 Datasheet
1Mb / 176P
   Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
November 2002
UPSD3254BV-24U6 STMICROELECTRONICS-UPSD3254BV-24U6 Datasheet
79Kb / 8P
   Flash Programmable System Device with 8032 Microcontroller Core
UPSD3254BV-24U6T STMICROELECTRONICS-UPSD3254BV-24U6T Datasheet
1Mb / 175P
   Flash Programmable System Devices with 8032 Microcontroller Core
UPSD3254BV-24U6T STMICROELECTRONICS-UPSD3254BV-24U6T Datasheet
1Mb / 176P
   Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
November 2002
UPSD3254BV-24U6T STMICROELECTRONICS-UPSD3254BV-24U6T Datasheet
79Kb / 8P
   Flash Programmable System Device with 8032 Microcontroller Core
More results

Similar Description - UPSD3254BV-24U6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UPSD34XX STMICROELECTRONICS-UPSD34XX Datasheet
267Kb / 9P
   Fast Turbo 8032 MCU with USB and Programmable Logic
UPSD3212A STMICROELECTRONICS-UPSD3212A Datasheet
2Mb / 163P
   Flash Programmable System Devices with 8032 MCU with USB and Programmable Logic
UPSD33XX STMICROELECTRONICS-UPSD33XX Datasheet
3Mb / 231P
   Fast 8032 MCU with Programmable Logic
UPSD3354DV-40U6 STMICROELECTRONICS-UPSD3354DV-40U6 Datasheet
3Mb / 272P
   fast 8032 MCU with programmable logic
UPSD3422 STMICROELECTRONICS-UPSD3422_V01 Datasheet
3Mb / 300P
   Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
Rev 5 January 2009
UPSD3422 STMICROELECTRONICS-UPSD3422 Datasheet
4Mb / 264P
   Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
UPSD3422 STMICROELECTRONICS-UPSD3422_06 Datasheet
4Mb / 293P
   Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
UPSD325X STMICROELECTRONICS-UPSD325X Datasheet
1Mb / 176P
   Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
UPSD3200 STMICROELECTRONICS-UPSD3200 Datasheet
79Kb / 8P
   Flash Programmable System Device with 8032 Microcontroller Core
UPSD3234A STMICROELECTRONICS-UPSD3234A Datasheet
1Mb / 170P
   Flash Programmable System Devices with 8032 Microcontroller Core
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com