Electronic Components Datasheet Search |
|
WTB2S-2N1010S23 Datasheet(PDF) 2 Page - SICK AG |
|
WTB2S-2N1010S23 Datasheet(HTML) 2 Page - SICK AG |
2 / 6 page Photoelectric sensorsAAAAAAAAAAAAA© SICK AG. Subject to change without notice.AAAAAAAAAAAAA1/29/2016 5:13:54 AM Photoelectric sensors W2S-2, Photoelectric proximity sensor, Background suppression 1) 2) Object with 90 % reflectance (referred to standard white, DIN 5033) 3) Average service life of 100,000 h at TA = +25 °C Type > WTB2S-2N1010S23 Part No. > 1063826 At a glance Sensing ranges of up to 150 mm • Almost no black/white shift up to 60 mm • Sensor with line-shaped light spot • Sensor with laser-like focused light spots • Precise background suppression that is immune to interference/crosstalk • High-performance PinPoint 2.0 LED • Your benefits An ultra-compact design with the performance of large photoelectric proximity sensors offers new space-saving machine construction possibilities. • Large variety of proximity sensors and operating concepts enable a wide range of application options • Use in confined spaces: detection of small, flat parts thanks to high-quality background suppression and almost nonexistent black/white shift • Remote access: models with IO-Link allow data to be easily accessed from the PLC • High availability and long-term use in grippers thanks to flexible and rugged cable entry • Illustration may differ Features Sensor/detection principle: Photoelectric proximity sensor, Background suppression Dimensions (W x H x D): 7.7 mm x 21.8 mm x 13.5 mm Housing design (light emission): Rectangular Sensing range max.: 1 mm ... 18 mm 1) Sensing range: 3 mm ... 15 mm 2) Type of light: Visible red light Light source: PinPoint LED 3) Wave length: 640 nm Special features: Cable length 1 m Light spot size (distance): Ø 2 mm (8 mm) Background suppression typ. from: 20 mm Mechanics/electronics Supply voltage: 10 V DC ... 30 V DC 1) Ripple: ≤ 5 Vpp 2) |
Similar Part No. - WTB2S-2N1010S23 |
|
Similar Description - WTB2S-2N1010S23 |