Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV1702AIDGK Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLV1702AIDGK
Description  microPower Comparator
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV1702AIDGK Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV1702AIDGK Datasheet HTML 5Page - Texas Instruments TLV1702AIDGK Datasheet HTML 6Page - Texas Instruments TLV1702AIDGK Datasheet HTML 7Page - Texas Instruments TLV1702AIDGK Datasheet HTML 8Page - Texas Instruments TLV1702AIDGK Datasheet HTML 9Page - Texas Instruments TLV1702AIDGK Datasheet HTML 10Page - Texas Instruments TLV1702AIDGK Datasheet HTML 11Page - Texas Instruments TLV1702AIDGK Datasheet HTML 12Page - Texas Instruments TLV1702AIDGK Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
Time (150 ns/div)
C021
Output Voltage
Input Voltage
V
S = 36 V, Overdrive = 100 mV
t
PLH = 440 ns
Time (150 ns/div)
C021
Output Voltage
Input Voltage
V
S = 36 V, Overdrive = 100 mV
t
PLH = 400 ns


 
 
 
 
 
 
 
20p
200p
2n
Output Capacitive Load (F)
2.2 V Supply
]18 V Supply
C020
t
PLH
t
PHL
200n
400n
600n
800n
1000n
1200n
-40
-25
-10
5
20
35
50
65
80
95
110 125
Temperature (
SC)
]18 V Low-to-High
]18 V High-to-Low
2.2 V Low-to-High
2.2 V High-to-Low
C020
V
OD = 100 mV
±3
±2
±1
0
1
2
3
0
6
12
18
24
30
36
Supply Voltage (V)
C028
16 Typical Units Shown
200n
400n
600n
800n
1000n
0
200
400
600
800
1000
Input Overdrive (mV)
]18 V Low-to-High
]18 V High-to-Low
2.2 V Low-to-High
2.2 V High-to-Low
C020
TLV1701, TLV1702, TLV1704
www.ti.com
SBOS589D – DECEMBER 2013 – REVISED JUNE 2015
Typical Characteristics (continued)
at TA = +25°C, VS = +5 V, RPULLUP = 5.1 kΩ, and input overdrive = 100 mV (unless otherwise noted)
Figure 7. Offset Voltage vs Supply Voltage
Figure 8. Propagation Delay vs Input Overdrive
Figure 9. Propagation Delay vs Capacitive Load
Figure 10. Propagation Delay vs Temperature
Figure 11. Propagation Delay (TpLH)
Figure 12. Propagation Delay (TpHL)
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TLV1701 TLV1702 TLV1704


Similar Part No. - TLV1702AIDGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1702AQDGKRQ1 TI1-TLV1702AQDGKRQ1 Datasheet
1Mb / 24P
[Old version datasheet]   microPower Comparator
TLV1702AQDGKRQ1 TI1-TLV1702AQDGKRQ1 Datasheet
1Mb / 27P
[Old version datasheet]   2.2-V to 36-V, microPower Comparator
TLV1702AQDGKRQ1 TI1-TLV1702AQDGKRQ1 Datasheet
1Mb / 29P
[Old version datasheet]   TLV170x-Q1 2.2-V to 36-V, microPower Comparator
More results

Similar Description - TLV1702AIDGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1702-Q1 TI1-TLV1702-Q1 Datasheet
1Mb / 24P
[Old version datasheet]   microPower Comparator
logo
Linear Technology
LT1017 LINER-LT1017 Datasheet
618Kb / 8P
   Micropower Dual Comparator
logo
Vishay Siliconix
L161 VISHAY-L161 Datasheet
617Kb / 11P
   MicroPower Quad Comparator
logo
Linear Technology
LTC1040 LINER-LTC1040_09 Datasheet
221Kb / 12P
   Dual Micropower Comparator
LT1018 LINER-LT1018_15 Datasheet
225Kb / 16P
   Micropower Dual Comparator
LT1017 LINER-LT1017_15 Datasheet
225Kb / 16P
   Micropower Dual Comparator
LTC1040 LINER-LTC1040 Datasheet
1,003Kb / 12P
   Dual Micropower Comparator
LTC1040 LINER-LTC1040_15 Datasheet
227Kb / 12P
   Dual Micropower Comparator
LT1017 LINER-LT1017_1 Datasheet
222Kb / 16P
   Micropower Dual Comparator
LT1020 LINER-LT1020_03 Datasheet
262Kb / 16P
   Micropower Regulator and Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com