Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV7275MF Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LMV7275MF
Description  Single and Dual, 1.8-V Low Power Comparators With Rail-to-Rail Input
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV7275MF Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMV7275MF Datasheet HTML 2Page - Texas Instruments LMV7275MF Datasheet HTML 3Page - Texas Instruments LMV7275MF Datasheet HTML 4Page - Texas Instruments LMV7275MF Datasheet HTML 5Page - Texas Instruments LMV7275MF Datasheet HTML 6Page - Texas Instruments LMV7275MF Datasheet HTML 7Page - Texas Instruments LMV7275MF Datasheet HTML 8Page - Texas Instruments LMV7275MF Datasheet HTML 9Page - Texas Instruments LMV7275MF Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
LMV7271, LMV7272, LMV7275
SNOSA56I – FEBRUARY 2003 – REVISED SEPTEMBER 2015
www.ti.com
6.7 2.7-V Electrical Characteristics
Unless otherwise specified, all limits ensured for TJ = 25°C, V
+ = 2.7 V, V= 0 V.
PARAMETER
CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
0.3
4
VOS
Input Offset Voltage
mV
At the temperature extremes
6
TC VOS
Input Offset Temperature Drift
VCM = 1.35 V
(3)
20
µV/°C
IB
Input Bias Current
10
nA
IOS
Input offset Current
200
pA
9
13
LMV7271/LMV7275
µA
At the temperature
15
extremes
IS
Supply Current
18
25
LMV7272
µA
At the temperature
28
extremes
Sourcing, VO = 1.35 V
10
15
(LMV7271/LMV7272 only)
ISC
Output Short Circuit Current
mA
Sinking, VO = 1.35 V
10
15
IO = 0.5 mA
2.63
2.66
Output Voltage High
VOH
V
(LMV7271/LMV7272 only)
IO = 2.0 mA
2.48
2.55
IO = −0.5 mA
50
70
VOL
Output Voltage Low
mV
IO = −2 mA
155
220
2.8
V
VCM
Input Common Voltage Range
CMRR > 45 dB
−0.1
V
CMRR
Common-Mode Rejection Ratio
0 < VCM < 2.7 V
46
78
dB
PSRR
Power Supply Rejection Ratio
V+ = 1.8 V to 5 V
55
80
dB
ILEAKAGE
Output Leakage Current
VO = 2.7 V (LMV7275 only)
2
pA
(1)
All limits are ensured by testing or statistical analysis.
(2)
Typical values represent the most likely parametric norm.
(3)
Offset Voltage average drift determined by dividing the change in VOS at temperature extremes into the total temperature change.
6.8 2.7-V AC Electrical Characteristics
Unless otherwise specified, all limits ensured for TJ = 25°C, V
+ = 2.7 V, V= 0 V, V
CM = 0.5 V, VO = V
+/2 and R
L > 1 MΩ to
V
.
PARAMETER
CONDITION
MIN(1)
TYP(2)
MAX(1)
UNIT
Input Overdrive = 20 mV
1200
ns
Load = 50 pF//5 k
Propagation Delay
tPHL
(High to Low)
Input Overdrive = 50 mV
810
ns
Load = 50 pF//5 k
Input Overdrive = 20 mV
1300
ns
Load = 50 pF//5 k
Propagation Delay
tPLH
(Low to High)
Input Overdrive = 50 mV
860
ns
Load = 50 pF//5 k
(1)
All limits are ensured by testing or statistical analysis.
(2)
Typical values represent the most likely parametric norm.
6
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: LMV7271 LMV7272 LMV7275


Similar Part No. - LMV7275MF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV7275MF NSC-LMV7275MF Datasheet
494Kb / 16P
   Single & Dual, 1.8V Low Power Comparators with Rail-to-Rail Input
LMV7275MF NSC-LMV7275MF Datasheet
939Kb / 18P
   Single & Dual, 1.8V Low Power Comparators with Rail-to-Rail Input
logo
Texas Instruments
LMV7275MF TI1-LMV7275MF Datasheet
1Mb / 29P
[Old version datasheet]   Single & Dual, 1.8V Low Power Comparators with Rail-to-Rail Input
LMV7275MF/NOPB TI1-LMV7275MF/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   Single & Dual, 1.8V Low Power Comparators with Rail-to-Rail Input
logo
National Semiconductor ...
LMV7275MFX NSC-LMV7275MFX Datasheet
494Kb / 16P
   Single & Dual, 1.8V Low Power Comparators with Rail-to-Rail Input
More results

Similar Description - LMV7275MF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV7271 NSC-LMV7271 Datasheet
494Kb / 16P
   Single & Dual, 1.8V Low Power Comparators with Rail-to-Rail Input
logo
Texas Instruments
LMV7272TL-NOPB TI1-LMV7272TL-NOPB Datasheet
1Mb / 29P
[Old version datasheet]   Single & Dual, 1.8V Low Power Comparators with Rail-to-Rail Input
logo
National Semiconductor ...
LMV7271 NSC-LMV7271_08 Datasheet
939Kb / 18P
   Single & Dual, 1.8V Low Power Comparators with Rail-to-Rail Input
logo
Texas Instruments
LMV7275-Q1 TI1-LMV7275-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   Automotive Single 1.8-V Low Power Comparator With Rail-to-Rail Input
LMV7275-Q1 TI-LMV7275-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   LMV7275-Q1 Automotive Single 1.8-V Low Power Comparator With Rail-to-Rail Input
LMV931IDBVRG4 TI-LMV931IDBVRG4 Datasheet
514Kb / 27P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV931 TI-LMV931 Datasheet
725Kb / 26P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV931-Q1 TI1-LMV931-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
logo
Analog Devices
AD8515 AD-AD8515_15 Datasheet
371Kb / 16P
   1.8 V Low Power CMOS Rail-to-Rail
Rev. D
logo
STMicroelectronics
TS185X STMICROELECTRONICS-TS185X Datasheet
427Kb / 24P
   1.8 V input/output, rail-to-rail, low power operational amplifiers
March 2010 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com