Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV7235M5X Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LMV7235M5X
Description  Open-Drain and Push-Pull Output
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV7235M5X Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMV7235M5X Datasheet HTML 2Page - Texas Instruments LMV7235M5X Datasheet HTML 3Page - Texas Instruments LMV7235M5X Datasheet HTML 4Page - Texas Instruments LMV7235M5X Datasheet HTML 5Page - Texas Instruments LMV7235M5X Datasheet HTML 6Page - Texas Instruments LMV7235M5X Datasheet HTML 7Page - Texas Instruments LMV7235M5X Datasheet HTML 8Page - Texas Instruments LMV7235M5X Datasheet HTML 9Page - Texas Instruments LMV7235M5X Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
LMV7235, LMV7239, LMV7239-Q1
SNOS532N – SEPTEMBER 2000 – REVISED APRIL 2015
www.ti.com
6.7 Electrical Characteristics, 5 V
Unless otherwise specified, all limits guaranteed for TA = 25°C, VCM = V
+/2, V+ = 5V, V= 0V.
LMV7239 in table below also applies to LMV7239-Q1 unless noted.
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
1
6
VOS
Input Offset Voltage
mV
At temp extremes
8
30
400
IB
Input Bias Current
nA
At temp extremes
600
5
200
IOS
Input Offset Current
nA
At temp extremes
400
Common Mode Rejection
0 V < VCM < 5 V
dB
CMRR
52
67
Ratio
PSRR
Power Supply Rejection Ratio
V+ = 2.7 V to 5 V
65
85
dB
−0.2 to
V
−0.1
V+ +0.1
Input Common-Mode Voltage
5.2
VCM
CMRR > 50dB
V
Range
At temp extremes
V
V+
IL = 4 mA,
V+
−0.25
V+
−0.15
V
VID = 500 mV
Output Swing High
(LMV7239 only)
IL = 0.4 mA,
V+
−0.01
V
VID = 500 mV
VO
IL = −4 mA,
230
350
mV
VID = −500 mV
At temp extremes
450
Output Swing Low
IL = −0.4 mA,
mV
10
VID = −500 mV
Sourcing, VO = 0 V
25
55
mA
(LMV7239 only)(3)
At temp extremes
15
ISC
Output Short Circuit Current
Sinking, VO = 5 V
30
60
mA
(LMV7235, RL = 10k)
(3)
At temp extremes
20
65
95
IS
Supply Current
No load
µA
At temp extremes
110
Overdrive = 20 mV
89
ns
CLOAD = 15 pF
(4)
Overdrive = 50 mV
tPD
Propagation Delay
82
ns
CLOAD = 15 pF
(4)
Overdrive = 100 mV
75
ns
CLOAD = 15 pF
(4)
Propagation Delay Skew
tSKEW
Overdrive = 20 mV(5)
1
ns
(LMV7239 only)
LMV7239
1.2
ns
10% to 90%
tr
Output Rise Time
LMV7235
100
ns
10% to 90%(4)
tf
Output Fall Time
90% to 10%
1.2
ns
Output Leakage Current
ILEAKAGE
3
nA
(LMV7235 only)
(1)
All limits are guaranteed by testing or statistical analysis.
(2)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not guaranteed on
shipped production material.
(3)
Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in
exceeding the maximum allowed junction temperature of 150°C. Output currents in excess of ±30mA over long term may adversely
affect reliability.
(4)
A 10k pull-up resistor was used when measuring the LMV7235. The rise time of the LMV7235 is a function of the R-C time constant.
(5)
Propagation Delay Skew is defined as the absolute value of the difference between tPDLH and tPDHL.
6
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: LMV7235 LMV7239 LMV7239-Q1


Similar Part No. - LMV7235M5X

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV7235M5X NSC-LMV7235M5X Datasheet
320Kb / 12P
   45ns, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
LMV7235M5X NSC-LMV7235M5X Datasheet
733Kb / 13P
   45 nsec, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
LMV7235M5X NSC-LMV7235M5X Datasheet
852Kb / 14P
   45 nsec, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
logo
Texas Instruments
LMV7235M5X TI-LMV7235M5X Datasheet
996Kb / 22P
[Old version datasheet]   LMV7235/LMV7239/LMV7239Q 75 nsec, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
LMV7235M5X TI1-LMV7235M5X Datasheet
1Mb / 22P
[Old version datasheet]   LMV7235/LMV7239/LMV7239Q 75 nsec, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
More results

Similar Description - LMV7235M5X

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA1631S01 RENESAS-HA1631S01 Datasheet
272Kb / 23P
   Single CMOS Comparator (Push Pull/Open Drain Output)
HA1631S01020304 RENESAS-HA1631S01020304_15 Datasheet
509Kb / 24P
   Single CMOS Comparator (Push Pull/Open Drain Output)
HA1631D01 RENESAS-HA1631D01_15 Datasheet
644Kb / 29P
   Dual CMOS Comparator (Push Pull/Open Drain Output)
HA1631S01 RENESAS-HA1631S01_06 Datasheet
444Kb / 23P
   Single CMOS Comparator (Push Pull/Open Drain Output)
HA1631D01 RENESAS-HA1631D01 Datasheet
627Kb / 27P
   Dual CMOS Comparator (Push Pull/Open Drain Output)
logo
NXP Semiconductors
NVT2006BS PHILIPS-NVT2006BS Datasheet
493Kb / 33P
   Bidirectional voltage-level translator for open-drain and push-pull applications
Rev. 5-19 February 2014
logo
Union Semiconductor, In...
UM3211P UNIONSEMI-UM3211P Datasheet
275Kb / 10P
   Bidirectional voltage level translator for open-drain and push-pull applications
logo
NXP Semiconductors
NVT2008PW NXP-NVT2008PW Datasheet
439Kb / 33P
   Bidirectional voltage-level translator for open-drain and push-pull applications
Rev. 3-27 January 2014
logo
Union Semiconductor, In...
UM2002 UNIONSEMI-UM2002 Datasheet
279Kb / 12P
   Bidirectional voltage level translator for open-drain and push-pull applications
logo
NXP Semiconductors
NVT2001 NXP-NVT2001_V01 Datasheet
542Kb / 32P
   Bidirectional voltage level translator for open-drain and push-pull applications
Rev. 4.4 - 22 May 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com