Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV7235 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMV7235
Description  Open-Drain and Push-Pull Output
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV7235 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMV7235 Datasheet HTML 6Page - Texas Instruments LMV7235 Datasheet HTML 7Page - Texas Instruments LMV7235 Datasheet HTML 8Page - Texas Instruments LMV7235 Datasheet HTML 9Page - Texas Instruments LMV7235 Datasheet HTML 10Page - Texas Instruments LMV7235 Datasheet HTML 11Page - Texas Instruments LMV7235 Datasheet HTML 12Page - Texas Instruments LMV7235 Datasheet HTML 13Page - Texas Instruments LMV7235 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
LMV7235, LMV7239, LMV7239-Q1
SNOS532N – SEPTEMBER 2000 – REVISED APRIL 2015
www.ti.com
8 Detailed Description
8.1 Overview
The LMV7235, LMV7239 and LMV7239-Q1 are ultra low power, low voltage, 75-ns comparators. They are
guaranteed to operate over the full supply voltage range of 2.7 V to 5.5 V. These devices achieve a 75-ns
propagation delay while consuming only 65 µA of supply current at 5 V.
The LMV7235, LMV7239 and LMV7239-Q1 have a greater than rail-to-rail common mode voltage range. The
input common mode voltage range extends 200 mV below ground and 200 mV above supply, allowing both
ground and supply sensing.
8.2 Functional Block Diagram
Simplified Schematic of LMV7239
8.3 Feature Description
8.3.1 Input Stage
The LMV7235, LMV7239 and LMV7239-Q1 are rail-to-rail input and output. The typical input common mode
voltage range of
−0.2 V below the ground to 0.2 V above the supply. The LMV7235, LMV7239 and LMV7239-Q1
use a complimentary PNP and NPN input stage in which the PNP stage senses common mode voltage near V
and the NPN stage senses common mode voltage near V+. If either of the input signals falls below the negative
common mode limit, the parasitic PN junction formed by the substrate and the base of the PNP will turn on
resulting in an increase of input bias current.
If one of the inputs goes above the positive common mode limit, the output will still maintain the correct logic
level as long as the other input stays within the common mode range. However, the propagation delay will
increase. When both inputs are outside the common mode voltage range, current saturation occurs in the input
stage, and the output becomes unpredictable.
The propagation delay does not increase significantly with large differential input voltages. However, large
differential voltages greater than the supply voltage should be avoided to prevent damage to the input stage.
8.3.2 Output Stage, LMV7239 and LMV7239-Q1
The LMV7239 has a push-pull output. When the output switches, there is a low resistance path between VCC and
ground, causing high output sinking or sourcing current during the transition.
10
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: LMV7235 LMV7239 LMV7239-Q1


Similar Part No. - LMV7235

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV7235 NSC-LMV7235 Datasheet
320Kb / 12P
   45ns, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
LMV7235 NSC-LMV7235 Datasheet
733Kb / 13P
   45 nsec, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
LMV7235 NSC-LMV7235 Datasheet
852Kb / 14P
   45 nsec, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
logo
Texas Instruments
LMV7235 TI-LMV7235 Datasheet
996Kb / 22P
[Old version datasheet]   LMV7235/LMV7239/LMV7239Q 75 nsec, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
LMV7235 TI1-LMV7235 Datasheet
1Mb / 22P
[Old version datasheet]   LMV7235/LMV7239/LMV7239Q 75 nsec, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
More results

Similar Description - LMV7235

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA1631S01 RENESAS-HA1631S01 Datasheet
272Kb / 23P
   Single CMOS Comparator (Push Pull/Open Drain Output)
HA1631S01020304 RENESAS-HA1631S01020304_15 Datasheet
509Kb / 24P
   Single CMOS Comparator (Push Pull/Open Drain Output)
HA1631D01 RENESAS-HA1631D01_15 Datasheet
644Kb / 29P
   Dual CMOS Comparator (Push Pull/Open Drain Output)
HA1631S01 RENESAS-HA1631S01_06 Datasheet
444Kb / 23P
   Single CMOS Comparator (Push Pull/Open Drain Output)
HA1631D01 RENESAS-HA1631D01 Datasheet
627Kb / 27P
   Dual CMOS Comparator (Push Pull/Open Drain Output)
logo
NXP Semiconductors
NVT2006BS PHILIPS-NVT2006BS Datasheet
493Kb / 33P
   Bidirectional voltage-level translator for open-drain and push-pull applications
Rev. 5-19 February 2014
logo
Union Semiconductor, In...
UM3211P UNIONSEMI-UM3211P Datasheet
275Kb / 10P
   Bidirectional voltage level translator for open-drain and push-pull applications
logo
NXP Semiconductors
NVT2008PW NXP-NVT2008PW Datasheet
439Kb / 33P
   Bidirectional voltage-level translator for open-drain and push-pull applications
Rev. 3-27 January 2014
logo
Union Semiconductor, In...
UM2002 UNIONSEMI-UM2002 Datasheet
279Kb / 12P
   Bidirectional voltage level translator for open-drain and push-pull applications
logo
NXP Semiconductors
NVT2001 NXP-NVT2001_V01 Datasheet
542Kb / 32P
   Bidirectional voltage level translator for open-drain and push-pull applications
Rev. 4.4 - 22 May 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com