Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM397MFX Datasheet(PDF) 9 Page - Texas Instruments

Part # LM397MFX
Description  Single General-Purpose Voltage Comparator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM397MFX Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM397MFX Datasheet HTML 5Page - Texas Instruments LM397MFX Datasheet HTML 6Page - Texas Instruments LM397MFX Datasheet HTML 7Page - Texas Instruments LM397MFX Datasheet HTML 8Page - Texas Instruments LM397MFX Datasheet HTML 9Page - Texas Instruments LM397MFX Datasheet HTML 10Page - Texas Instruments LM397MFX Datasheet HTML 11Page - Texas Instruments LM397MFX Datasheet HTML 12Page - Texas Instruments LM397MFX Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
R1
VO
VIN
-
+
R3
VS
RPULL-UP
R2
LM397
www.ti.com
SNOS977E – MAY 2001 – REVISED OCTOBER 2015
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
LM397 will typically be used to compare a single signal to a reference or two signals against each other.
8.2 Typical Application
Figure 9. Inverting Comparator With Hysteresis
8.2.1 Design Requirements
For this design example, use the parameters listed in Table 1 as the input parameters.
Table 1. Design Parameters
DESIGN
EXAMPLE VALUE
PARAMETER
Input voltage range
0 V to VS – 1.5 V
Supply voltage
5 V to 30 V
Logic supply voltage
5 V to 30 V
(RPULLUP voltage)
Output current
1 µA to 20 mA
(VLOGIC/RPULLUP)
Input overdrive
100 mV
voltage
Reference voltage
5.5 V
8.2.2 Detailed Design Procedure
When using TL331 in a general comparator application, determine the following:
Input voltage range
Minimum overdrive voltage
Output and drive current
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM397


Similar Part No. - LM397MFX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM397MFX NSC-LM397MFX Datasheet
200Kb / 9P
   Single General Purpose Voltage Comparator
LM397MFX NSC-LM397MFX Datasheet
603Kb / 8P
   Single General Purpose Voltage Comparator
logo
Texas Instruments
LM397MFX TI-LM397MFX Datasheet
800Kb / 14P
[Old version datasheet]   LM397 Single General Purpose Voltage Comparator
LM397MFX TI-LM397MFX Datasheet
800Kb / 14P
[Old version datasheet]   LM397 Single General Purpose Voltage Comparator
LM397MFXNOPB TI1-LM397MFXNOPB Datasheet
823Kb / 15P
[Old version datasheet]   LM397 Single General Purpose Voltage Comparator
More results

Similar Description - LM397MFX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM397 NSC-LM397 Datasheet
200Kb / 9P
   Single General Purpose Voltage Comparator
logo
Texas Instruments
SM73403 TI1-SM73403 Datasheet
188Kb / 8P
[Old version datasheet]   Single General Purpose Voltage Comparator
logo
National Semiconductor ...
LM397 NSC-LM397_06 Datasheet
603Kb / 8P
   Single General Purpose Voltage Comparator
logo
Texas Instruments
LM397MFX TI-LM397MFX Datasheet
800Kb / 14P
[Old version datasheet]   LM397 Single General Purpose Voltage Comparator
logo
Diodes Incorporated
AZV331 DIODES-AZV331 Datasheet
461Kb / 15P
   SINGLE GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
Texas Instruments
LM397 TI1-LM397 Datasheet
823Kb / 15P
[Old version datasheet]   LM397 Single General Purpose Voltage Comparator
LM397MF TI-LM397MF Datasheet
800Kb / 14P
[Old version datasheet]   LM397 Single General Purpose Voltage Comparator
logo
BCD Semiconductor Manuf...
AZV331 BCDSEMI-AZV331 Datasheet
384Kb / 14P
   SINGLE GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
Diodes Incorporated
LMV331 DIODES-LMV331 Datasheet
1Mb / 13P
   GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
STMicroelectronics
LMV331 STMICROELECTRONICS-LMV331 Datasheet
479Kb / 12P
   General-purpose low voltage comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com