Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT4684 Datasheet(PDF) 9 Page - Skyworks Solutions Inc.

Part # AAT4684
Description  available in tsopjw-12 package
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AAT4684 Datasheet(HTML) 9 Page - Skyworks Solutions Inc.

Back Button AAT4684 Datasheet HTML 5Page - Skyworks Solutions Inc. AAT4684 Datasheet HTML 6Page - Skyworks Solutions Inc. AAT4684 Datasheet HTML 7Page - Skyworks Solutions Inc. AAT4684 Datasheet HTML 8Page - Skyworks Solutions Inc. AAT4684 Datasheet HTML 9Page - Skyworks Solutions Inc. AAT4684 Datasheet HTML 10Page - Skyworks Solutions Inc. AAT4684 Datasheet HTML 11Page - Skyworks Solutions Inc. AAT4684 Datasheet HTML 12Page - Skyworks Solutions Inc. AAT4684 Datasheet HTML 13Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
AAT4684
Over-Voltage Protection Switch
DATA SHEET
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201959A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • May 16, 2012
Over-Voltage Protection
The AAT4684 adjustable version has a 1.1V 1.5% over-
voltage trip threshold on the OVP pin. With a resistor
divider on OVP pin from IN to GND, the over-voltage trip
point can be adjusted anywhere within the input voltage
range (see Table 1). Once the over-voltage trip level is
triggered, the PMOS switch controller will shut off the
PMOS in less than 1μs.
The AAT4684 fixed version is also available where the
resistor divider is internally integrated with the input
voltage trip point at 6.5V. The fixed version of AAT4684
does not have a connection to the internal OVP circuitry
and the pin #11 is designed to be not connected.
FLT Output
The FLT output is an active-low open-drain fault (OV)
reporting output. A pull-up resistor should be connected
from FLT to the logic I/O voltage of the host system. FLT
will be asserted immediately if an over-voltage fault
occurs (only about a 1μs inherited internal circuit delay).
A 10ms blanking is applied to FLT signal prior to de-
assertion.
Over-Temperature Protection (OTP)
If the ambient temperature of the device exceeds TSHDN,
the OVP switch is turned off, and the pin is driven low.
The OVP switch will recover automatically when the
junction temperature falls below TSHDN - 25°C.
EN Input
EN is an active-low enable input. EN is driven low, con-
nected to ground, or left floating for normal device
operation. Taking the EN high turns off the MOSFET. In
the case of an over-voltage or UVLO condition toggling
the EN will not override the fault condition and the
switch will remain off.
Device Operation
On initial power-up, if VIN < UVLO or if VOVP > VOVP_TH
(1.1V), the PMOS is held off. If UVLO < VIN, VOVP <
VOVP_TH, and EN is low, the device enters startup after a
10ms internal delay.
Application Information
Over-Voltage Protection
The AAT4684 over-voltage protection circuit provides
fast protection against transient voltage spikes and short
duration spikes of high voltage from the power supply
lines. AAT4684 can quickly disconnect the input supply
from the load and not cause any damage to sensitive
components
In portable product applications, if the user removes the
battery pack during charging, this action can create
large transients and a high voltage spike can occur
which can damage other electronic devices in the prod-
uct such as the battery charger. A hot plug of the AC/DC
wall adapter into the AC outlet can create and release a
voltage spike from the transformer. As a result, some
sensitive devices within the product can be damaged.
With the AAT4684 placed between the power lines and
the sensitive devices, the voltage spike can be kept
away and the input supply disconnected from other
devices in 0.7μs.
Figure 2 shows the response time of over-voltage pro-
tection from the test circuit (Figure 1). The input volt-
age is rapidly increased from 5V to 12V by a voltage
surge or voltage spike. The voltage at the OVP pin is also
increased until the trip point is triggered. At this point,
the FLT pin is pulled low and the output voltage starts to
fall. Figure 3 shows a zoom-in scope capture of the OVP
response time; the output is disconnected from the input
in as little as 700ns.
Adjustable Version -
Over-Voltage Protection Resistors
The over-voltage protection threshold is programmed
with two resistors, R1 and R2. To limit the current going
through the external resistor string while maintaining
good noise immunity, use smaller resistor values, such
as 10KΩ for R2. Using a larger value will further reduce
the system current, but will also increase the impedance
of the OVP node, making it more sensitive to external
noise and interference.
V
OVP = VOVP_TH · 1 +
R
1
R
2


Similar Part No. - AAT4684

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4684 ANALOGICTECH-AAT4684 Datasheet
291Kb / 13P
   Over-Voltage Protection Switch
AAT4684ITP-6.5-T1 ANALOGICTECH-AAT4684ITP-6.5-T1 Datasheet
291Kb / 13P
   Over-Voltage Protection Switch
AAT4684ITP-T1 ANALOGICTECH-AAT4684ITP-T1 Datasheet
291Kb / 13P
   Over-Voltage Protection Switch
More results

Similar Description - AAT4684

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT4686 SKYWORKS-AAT4686 Datasheet
590Kb / 13P
   available in sc70jw-8 package
logo
Xilinx, Inc
DS310 XILINX-DS310 Datasheet
315Kb / 14P
   Available in multiple package options
logo
Advanced Crystal Techno...
ACT_UM5_SMD_GULL_WING ACT-ACT_UM5_SMD_GULL_WING Datasheet
305Kb / 2P
   available in industry standard package & specifications
29/06/11
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-P480 AVAGO-ACPL-P480 Datasheet
403Kb / 10P
   Available in Stretched SO-6 package
logo
Xilinx, Inc
DS556 XILINX-DS556 Datasheet
364Kb / 19P
   Available in the following package option
logo
PETERMANN-TECHNIK
SMD03025-4 PETERMANN-SMD03025-4 Datasheet
143Kb / 2P
   SMALLEST AVAILABLE SMD-CRYSTAL IN CERAMIC PACKAGE
SMD0603 PETERMANN-SMD0603 Datasheet
104Kb / 3P
   CHEAPEST AVAILABLE SMD-CRYSTAL IN CERAMIC PACKAGE
logo
Texas Instruments
SN74LVC1G74DQER TI-SN74LVC1G74DQER Datasheet
811Kb / 21P
[Old version datasheet]   Available in the Texas Instruments NanoFree??Package
logo
PETERMANN-TECHNIK
SMD0507 PETERMANN-SMD0507 Datasheet
129Kb / 3P
   CHEAPEST AVAILABLE SMD-CRYSTAL IN CERAMIC PACKAGE
M3215A PETERMANN-M3215A_15 Datasheet
500Kb / 3P
   Cheapest available MINI-Watch-Crystal in ceramic package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com