Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA-80-50 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LA-80-50
Description  DC Ammeter Shunts
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LA-80-50 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LA-80-50 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DC Ammeter Shunts
STD Accuracy ± 0.25%
Tolerances ± .015 for the hole diameters. Other tolerances ± .030 unless specified.
Dimensions subject to change without notice.
TYPE LA: 5 through 150 Amperes
Catalog
AMP
Number
LA-5-100
5
LA-10-100
10
LA-15-100
15
LA-20-100
20
LA-30-100
30
LA-50-100
50
LA-75-100
75
LA-80-100
80
LA-85-100
85
LA-100-100
100
LA-150-100
150
TYPE LA: 100 mV
Catalog
AMP
Number
LA-5-50
5
LA-10-50
10
LA-15-50
15
LA-20-50
20
LA-30-50
30
LA-50-50
50
LA-75-50
75
LA-80-50
80
LA-85-50
85
LA-100-50
100
LA-150-50
150
TYPE LA: 50 mV


Similar Part No. - LA-80-50

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LA-80-50 ETC2-LA-80-50 Datasheet
117Kb / 1P
   TYPE LA 5 through 150 Amperes
More results

Similar Description - LA-80-50

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FH-80-50 ETC2-FH-80-50 Datasheet
39Kb / 1P
   DC AMMETER SHUNTS DERIVADORES DE CORRIENTE (SHUNTS)
FN-2-50 ETC2-FN-2-50 Datasheet
32Kb / 1P
   DC AMMETER SHUNTS DERIVADORES DE CORRIENTE (SHUNTS)
logo
Riedon Powertron
RSN-20-50B RIEDON-RSN-20-50B Datasheet
166Kb / 3P
   DC Ammeter Shunts / Busbar Shunts 1 Amp - 500 Amp
RSN-5-50B RIEDON-RSN-5-50B Datasheet
166Kb / 3P
   DC Ammeter Shunts / Busbar Shunts 1 Amp - 500 Amp
logo
IET Labs Inc.
DCCS IET-DCCS Datasheet
186Kb / 1P
   DC Current Shunts
October 2017
logo
Asahikeiki Co.,Ltd.
AP-310 ASAHI-AP-310 Datasheet
48Kb / 1P
   DC VOLTMETER & AMMETER
logo
C&B ELECTRONICS (SHENZH...
RTCS10K0 RESI-RTCS10K0 Datasheet
643Kb / 3P
   Precision DC Ammeter Shunt
2022/12/26
RTBS0050 RESI-RTBS0050 Datasheet
864Kb / 3P
   Precision DC Ammeter Shunt
2022/12/26
RTCS0500 RESI-RTCS0500 Datasheet
936Kb / 3P
   Precision DC Ammeter Shunt
2022/12/26
RTCS20K0 RESI-RTCS20K0 Datasheet
640Kb / 3P
   Precision DC Ammeter Shunt
2022/12/26
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com