Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1SAZ811201R1007 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 1SAZ811201R1007
Description  Thermal overload relay
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1SAZ811201R1007 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  1SAZ811201R1007 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1SAZ811201R1007 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1SAZ811201R1007 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1SAZ811201R1007 Datasheet HTML 4Page - List of Unclassifed Manufacturers 1SAZ811201R1007 Datasheet HTML 5Page - List of Unclassifed Manufacturers 1SAZ811201R1007 Datasheet HTML 6Page - List of Unclassifed Manufacturers 1SAZ811201R1007 Datasheet HTML 7Page - List of Unclassifed Manufacturers 1SAZ811201R1007 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6 - 2CDC106069D0201
General data
Duty time
100 %
Operating frequency without early tripping
up to 15 operations/h or 60 operations/h with
40 % duty ratio, if the motor breaking current 6 x In
and the motor starting time does not exceed 1 s
Dimensions (W x H x D)
see dimension drawing
Weight
see ordering data
Mounting
mount on the contactor and tighten the screws of
the main circuit terminals or with single mounting kit
on DIN rail (35 mm)
Mounting position
position 1
Minimum distance to other units same type
horizontal
none
vertical
not applicable
Minimum distance to electrical conductive board
horizontal
up to 400 V
none
up to 690 V
1 mm
vertical
not applicable
Degree of protection
housing
IP20
main circuit terminals
IP10
Altitude
up to 2000 m
Electromagnetic compatibility
Electromagnetic compatibility
not applicable
Environmental data
Ambient air temperature
Operation
open - compensated
-25 ... +60 °C
open
-25 ... +60 °C
Storage
-50 ... +85 °C
Ambient air temperature compensation
acc. to IEC/EN 60947-4-1
Vibration (sinusoidal) acc. to IEC/EN 60068-2-6 (Fc)
5g / 3 ... 150 Hz
Shock (half-sine) acc. to IEC/EN 60068-2-27 (Ea)
25g / 11 ms
Standards / directives
Product standard
IEC/EN 60947-1
IEC/EN 60947-4-1
IEC/EN 60947-5-1
UL 60947-1
UL 60947-4-1
Low Voltage Directive
2006/95/EC
EMC Directive
2004/108/EC
RoHS Directive
2002/95/EC


Similar Part No. - 1SAZ811201R1007

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1SA0 MCC-1SA0 Datasheet
86Kb / 3P
   1.0 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Shanghai Lunsure Electr...
1SA0 CHENYI-1SA0 Datasheet
54Kb / 3P
   1.0Amp Schottky Barrier Rectifier
logo
Jinan Jingheng (Group) ...
1SA0 JINANJINGHENG-1SA0 Datasheet
65Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Shunye Electro...
1SA0 SY-1SA0 Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
1SA0 SHUNYE-1SA0 Datasheet
259Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - 1SAZ811201R1007

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LA7D3064 SCHNEIDER-LA7D3064 Datasheet
131Kb / 1P
   TeSys LRD thermal overload relay, terminal block adaptor
Aug 10, 2019
logo
STMicroelectronics
L78 STMICROELECTRONICS-L78 Datasheet
2Mb / 54P
   Thermal overload protection
November 2016 Rev 34
logo
Schneider Electric
LR9D01 SCHNEIDER-LR9D01 Datasheet
122Kb / 3P
   TeSys LRD - electronic thermal overload relay - 3P - 0.1...0.5 A
LR9D01 SCHNEIDER-LR9D01_V01 Datasheet
136Kb / 3P
   TeSys LRD - electronic thermal overload relay - 3P - 0.1...0.5 A
May 30, 2022
DPER08 SCHNEIDER-DPER08 Datasheet
133Kb / 3P
   Easy TeSys DPER thermal overload relay, 2.5?? A, class 10
logo
M.S. Kennedy Corporatio...
MSK5212 MSK-MSK5212 Datasheet
151Kb / 6P
   Internal Thermal Overload Protection
MSK5214 MSK-MSK5214 Datasheet
151Kb / 6P
   Internal Thermal Overload Protection
logo
Schneider Electric
LR9D32 SCHNEIDER-LR9D32 Datasheet
120Kb / 3P
   TeSys LRD - electronic thermal overload relay - 3P - 6.4...32 A
logo
Inchange Semiconductor ...
LM7805 ISC-LM7805 Datasheet
239Kb / 2P
   Internal thermal overload protection
logo
M.S. Kennedy Corporatio...
MSK5211 MSK-MSK5211 Datasheet
151Kb / 6P
   Internal Thermal Overload Protection
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com