Electronic Components Datasheet Search |
|
LQW04AN18NH00 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd. |
|
LQW04AN18NH00 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd. |
1 / 2 page LQW04AN18NH00# # indicates a package specification code. < List of part numbers with package codes > LQW04AN18NH00D , LQW04AN18NH00B Shape L size 0.8 ±0.05mm W size 0.4 ±0.05mm T size 0.4 ±0.05mm Size code in inch (mm) 03015 (0804) Specifications Inductance 18nH ±3% Inductance test frequency 100MHz Rated current (Itemp) (Based on Temperature rise) 220mA Max. of DC resistance 0.54Ω Q (min.) 15 Q test frequency 250MHz Self resonance frequency (min.) 5.0GHz Operating temperature range (Self-temperature rise is not included) -55∼125℃ Class of magnetic shield No magnetic shield References Packaging code Specifications Minimum quantity φ180mm Paper taping 10000 Packing in bulk 500 Mass (Typ.) 1 piece 0.0003g 1 of 2 1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, its specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering. 2.This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering. URL : http://www.murata.com/ Last updated: 2016/01/11 |
Similar Part No. - LQW04AN18NH00 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |