Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K8AK Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # K8AK
Description  Measuring & Monitoring Relays
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

K8AK Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button K8AK Datasheet HTML 3Page - Omron Electronics LLC K8AK Datasheet HTML 4Page - Omron Electronics LLC K8AK Datasheet HTML 5Page - Omron Electronics LLC K8AK Datasheet HTML 6Page - Omron Electronics LLC K8AK Datasheet HTML 7Page - Omron Electronics LLC K8AK Datasheet HTML 8Page - Omron Electronics LLC K8AK Datasheet HTML 9Page - Omron Electronics LLC K8AK Datasheet HTML 10Page - Omron Electronics LLC K8AK Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 88 page
background image
K8AK-AS
7
Ratings and Specifications
Input Range
*1 The range is selected using connected terminals.
*2 The K8AK-AS3 is designed to be used in combination with an OMRON K8AC-CT200L Current Transformer (CT). (Direct input is not possible.)
Ratings
Model
Range*1
Connection
terminal
Setting range
Input impedance
Input type
Overload capacity
K8AK-AS1
0 to 20 mA AC/DC
I1-COM
2 to 20 mA AC/DC,
10 to 100 mA AC/
DC, 50 to 500 mA
AC/DC
Approx. 5
Direct input
Continuous input at
120% of maximum input
1 s at 150%
0 to 100 mA AC/DC
I2-COM
Approx. 1
Direct input
0 to 500 mA AC/DC
I3-COM
Approx. 0.2
Direct input
K8AK-AS2
0 to 1 A AC/DC
I1-COM
0.1 to 1 A AC/DC,
0.5 to 5 A AC/DC,
0.8 to 8 A AC/DC
Approx. 0.12

(Load : 0.5 VA)
Direct input
or commer-
cially avail-
able CT
0 to 5 A AC/DC
I2-COM
Approx. 0.02
(Load : 1.5 VA)
0 to 8 A AC/DC
I3-COM
Approx. 0.02
(Load : 3 VA)
---
K8AK-AS3
0 to 100 A AC
I2-COM
10 to 100 A AC*2,
20 to 200 A AC*2
---
OMRON CT Continuous input at 120% with
an OMRON CT (K8AC-
CT200L).
30 s at 200%
1 s at 600%
* CT capacity on primary side.
0 to 200 A AC
I3-COM
---
OMRON CT
Power supply voltage
Isolated power supply
24 VAC/DC
100 to 240 VAC
Power consumption
24 VAC/DC: 2.0 VA/1.1 W max.
100 to 240 VAC: 4.6 VA max.
Operating value setting range (SV)
10% to 100% of the maximum value of the setting range
K8AK-AS1:
2 to 20 mA AC/DC
10 to 100 mA AC/DC
50 to 500 mA AC/DC
K8AK-AS2:
0.1 to 1 A AC/DC (Compatible with commercially available CTs.)
0.5 to 5 A AC/DC (Compatible with commercially available CTs.)
0.8 to 8 A AC/DC
K8AK-AS3:
When used with the OMRON CT (K8AC-CT200L).
10 to 100 A AC
20 to 200 A AC
Operating value
100% operation at set value
Reset value setting range (HYS.)
5% to 50% of operating value
Reset method
Manual reset/automatic reset (switchable)
Note: Manual reset: Turn OFF power supply for 1 s or longer.
Operating time setting range (T)
0.1 to 30 s
Startup lock time setting range (LOCK)
Note: Enabled only for overcurrent operation.
0 to 30 s
(The startup lock timer starts when the input has reached approximately 30% or more of the set value.)
Note: Enabled only for overcurrent operation.
Indicators
Power (PWR): Green, Relay output (RY): Yellow, Alarm outputs (ALM): Red
Input impedance
Refer to Input Range on this page.
Output relays
One SPDT relay (NO/NC switched using DIP switch.)
Output relay ratings
Rated load
Resistive load
5 A at 250 VAC
5 A at 30 VDC
Maximum contact voltage: 250 VAC or 30 VDC
Max. switching current: 5 A
Maximum switching capacity: 1,250 VA, 150 W
Mechanical life: 10 million operations min.
Electrical life:
5 A at 250 VAC or 30 VDC: 50,000 operations
3 A at 250 VAC/30 VDC:100,000 operations
Ambient operating temperature
20 to 60°C (with no condensation or icing)
Storage temperature
25 to 65°C (with no condensation or icing)
Ambient operating humidity
25% to 85% (with no condensation)
Storage humidity
25% to 85% (with no condensation)
Altitude
2,000 m max.
Terminal screw tightening torque
0.49 N·m


Similar Part No. - K8AK

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K8A1215ETC SAMSUNG-K8A1215ETC Datasheet
1Mb / 84P
   512Mb C-die NOR FLASH
K8A2815ETE SAMSUNG-K8A2815ETE Datasheet
984Kb / 51P
   128Mb E-die NOR FLASH
logo
Toshiba Semiconductor
K8A500 TOSHIBA-K8A500 Datasheet
187Kb / 6P
   Switching Regulator Applications
K8A50D TOSHIBA-K8A50D Datasheet
187Kb / 6P
   Switching Regulator Applications
K8A55DA TOSHIBA-K8A55DA Datasheet
297Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (π-MOSⅦ)
2013-11-01
More results

Similar Description - K8AK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PUB02CT23 ETC2-PUB02CT23 Datasheet
211Kb / 4P
   Monitoring Relays Monitoring Relays Types DUB02, PUB02
DFB01CM24 ETC2-DFB01CM24 Datasheet
112Kb / 3P
   Monitoring Relays Frequency Monitoring
logo
Littelfuse
PLR LITTELFUSE-PLR Datasheet
347Kb / 2P
   Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062716
logo
Allen-Bradley
MSR8T ALLEN-BRADLEY-MSR8T Datasheet
64Kb / 1P
   Monitoring Safety Relays
MSR123RT ALLEN-BRADLEY-MSR123RT Datasheet
62Kb / 2P
   Monitoring Safety Relays
MSR121RT ALLEN-BRADLEY-MSR121RT Datasheet
64Kb / 2P
   Monitoring Safety Relays
MSR9T ALLEN-BRADLEY-MSR9T Datasheet
64Kb / 2P
   Monitoring Safety Relays
MSR5T ALLEN-BRADLEY-MSR5T Datasheet
78Kb / 2P
   Monitoring Safety Relays
MSR131RTP ALLEN-BRADLEY-MSR131RTP Datasheet
68Kb / 2P
   Monitoring Safety Relays
MSR126R ALLEN-BRADLEY-MSR126R Datasheet
58Kb / 2P
   Monitoring Safety Relays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com