Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMT10H010LPS-13 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMT10H010LPS-13
Description  100V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMT10H010LPS-13 Datasheet(HTML) 4 Page - Diodes Incorporated

  DMT10H010LPS-13 Datasheet HTML 1Page - Diodes Incorporated DMT10H010LPS-13 Datasheet HTML 2Page - Diodes Incorporated DMT10H010LPS-13 Datasheet HTML 3Page - Diodes Incorporated DMT10H010LPS-13 Datasheet HTML 4Page - Diodes Incorporated DMT10H010LPS-13 Datasheet HTML 5Page - Diodes Incorporated DMT10H010LPS-13 Datasheet HTML 6Page - Diodes Incorporated DMT10H010LPS-13 Datasheet HTML 7Page - Diodes Incorporated DMT10H010LPS-13 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DMT10H010LPS
Document number: DS37977 Rev. 4 - 2
4 of 8
www.diodes.com
December 2015
© Diodes Incorporated
DMT10H010LPS
POWERDI is a registered trademark of Diodes Incorporated.
0.0
5.0
10.0
15.0
20.0
25.0
30.0
0
0.5
1
1.5
2
2.5
3
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 1. Typical Output Characteristic
V
GS=3.0V
V
GS=3.5V
V
GS=4.0V
V
GS=4.5V
V
GS=5.0V
V
GS=6.0V
V
GS=10.0V
0
5
10
15
20
25
30
1
2
3
4
5
6
V
GS, GATE-SOURCE VOLTAGE (V)
Figure 2. Typical Transfer Characteristic
V
DS=5V
-55℃
25℃
85℃
125℃
150℃
175℃
0
2
4
6
8
10
12
14
16
18
20
0
2
4
6
8
10
12
14
16
18
20
VGS, GATE-SOURCE VOLTAGE (V)
Figure 4. Typical Transfer Characteristic
I
D=5.0A
I
D=13A
4
5
6
7
8
9
10
0
2
4
6
8
10
12
14
16
18
20
ID, DRAIN-SOURCE CURRENT (A)
Figure 3. Typical On-Resistance vs. Drain Current
and Gate Voltage
V
GS=10V
V
GS=4.5V
V
GS=6.0V
0
0.5
1
1.5
2
2.5
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (℃)
Figure 6. On-Resistance Variation with Temperature
V
GS=10V, ID=13A
V
GS=6V, ID=13A
V
GS=4.5V, ID=5A
0
0.002
0.004
0.006
0.008
0.01
0.012
0.014
0.016
0.018
0.02
0
5
10
15
20
25
30
I
D, DRAIN CURRENT (A)
Figure 5. Typical On-Resistance vs Drain Current and
Junction Temperature
V
GS= 10V
-55℃
25℃
85℃
175℃
125℃
150℃


Similar Part No. - DMT10H010LPS-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMT10H010LPS DIODES-DMT10H010LPS Datasheet
465Kb / 8P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMT10H010LPS DIODES-DMT10H010LPS_18 Datasheet
465Kb / 8P
   N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMT10H010LPS-13

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN10B08E6 ZETEX-ZXMN10B08E6 Datasheet
252Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10A11G ZETEX-ZXMN10A11G Datasheet
1Mb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMN10H099SK3 DIODES-DMN10H099SK3_15 Datasheet
361Kb / 6P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMN10A08E6 ZETEX-ZXMN10A08E6_05 Datasheet
186Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN10A08DN8 DIODES-ZXMN10A08DN8 Datasheet
185Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10A09K DIODES-ZXMN10A09K Datasheet
660Kb / 8P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10A11K DIODES-ZXMN10A11K Datasheet
670Kb / 8P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN10H220LE DIODES-DMN10H220LE_15 Datasheet
500Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN10H220LVT DIODES-DMN10H220LVT_15 Datasheet
400Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZVN3310F DIODES-ZVN3310F_15 Datasheet
180Kb / 5P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
DMT10H015LK3 DIODES-DMT10H015LK3 Datasheet
533Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com