Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSE300 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PSE300
Description  torque control.
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PSE300 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PSE300 Datasheet HTML 1Page - List of Unclassifed Manufacturers PSE300 Datasheet HTML 2Page - List of Unclassifed Manufacturers PSE300 Datasheet HTML 3Page - List of Unclassifed Manufacturers PSE300 Datasheet HTML 4Page - List of Unclassifed Manufacturers PSE300 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
28 Softstarters | 1SFC132005C0201, rev. M
1SFC132005C0201, rev. M | Softstarters 29
PSE – The efficient range
Overview
PSE18 ... PSE105
Softstarter, type
Normal start
In-line connected
PSE18
PSE25
PSE30
PSE37
PSE45
PSE60
PSE72
PSE85
PSE105
(400 V) kW
7.5
11
15
18.5
22
30
37
45
55
IEC, max. A
18
25
30
37
45
60
72
85
106
(440-480 V) hp
10
15
20
25
30
40
50
60
75
UL, max FLA
18
25
28
34
42
60
68
80
104
400 V, 40 ºC
Using MCCB only, type 1
coordination will be achieved
MCCB (35 kA), type
T2N160
T3N250
MCCB (50 kA), type
T2S160
T3S250
To achieve type 2 coordina-
tion, semi-conductor fuses
must be used
Fuse protection (85 kA), Semiconductor fuses, Bussmann, type
170M1563
170M1564
170M1566
170M1567
170M1568
170M1569
170M1571
170M1572
170M3819
Suitable switch fuse for re-
commended semi-conductor
fuses
Switch fuse, type
OS32GD03P
OS63GD03P
OS125GD03P
OS250D03P
The line contactor is not
required for the softstarter
itself but often used to open
if OL trips
Line contactor, type
AF26
AF30
AF38
AF52
AF65
AF80
AF96
AF116
Overload protection is used
to protect the motor from
over heating
Electronic overload relay, type
Built-in
The by-pass will reduce the
power loss of the softstarter.
By-pass, type
Built-in
The table above is an overview of possible combinations of devices.
Complete coordination tables are available at www.abb.com/lowvoltage
PSE – The efficient range
Overview
PSE142 ... PSE170
PSE210 ... PSE370
Softstarter, type
Normal start
In-line connected
PSE142
PSE170
PSE210
PSE250
PSE300
PSE370
(400 V) kW
75
90
110
132
160
200
IEC, max. A
143
171
210
250
300
370
(440-480 V) hp
100
125
150
200
250
300
UL, max FLA
130
169
192
248
302
361
400 V, 40 ºC
Using MCCB only, type 1
coordination will be achieved
MCCB (35 kA), type
T3N250
T4N320
T5N400
T5N630
MCCB (50 kA), type
T3S250
T4S320
T5S400
T5S630
To achieve type 2 coordina-
tion, semi-conductor fuses
must be used
Fuse protection (85kA), Semiconductor fuses, Bussmann, type
170M5809
170M5810
170M5812
170M5813
170M6812
170M6813
Suitable switch fuse for re-
commended semi-conductor
fuses
Switch fuse, type
OS400D03P
OS630D03P
The line contactor is not
required for the softstarter
itself but often used to open
if OL trips
Line contactor, type
AF140
AF190
AF205
AF265
AF305
AF370
Overload protection is used
to protect the motor from
over heating
Electronic overload relay, type
Built-in
The by-pass will reduce the
power loss of the softstarter.
By-pass, type
Built-in
Quick guide for selection
Normal start class 10
Heavy-duty start class 30
Ordering - see page 30
Ordering - see page 31
Typical applications
• Bow thruster • Centrifugal pump
• Centrifugal fan
• Conveyor belt (long)
• Compressor
• Conveyor belt (short)
• Crusher
• Mill
• Elevator
• Escalator
• Mixer
• Stirrer
If more than 10 starts/h
!Selectonesizelargerthanthestandardselection
How to select the correct size
By using the guide here, you can quickly
select a suitable softstarter for the most
common applications.
If a more precise selection is required,
you can use the softstarer selection tool
available at www.abb.com/lowvoltage


Similar Part No. - PSE300

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
PSE30RI SCHURTER-PSE30RI Datasheet
82Kb / 7P
   Snap-in switch for switches PSE, MSM and MCS 30
More results

Similar Description - PSE300

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC8670 TRINAMIC-TMC8670 Datasheet
16Mb / 123P
   Torque Control (FOC), Velocity Control, Position Control
logo
Rosenberger Hochfrequen...
53W008-000 ROSENBERGER-53W008-000 Datasheet
281Kb / 2P
   Torque Wrench
53W009-000 ROSENBERGER-53W009-000 Datasheet
283Kb / 2P
   Torque Wrench
74W021-000 ROSENBERGER-74W021-000 Datasheet
361Kb / 2P
   TORQUE WRENCH
logo
Glenair, Inc.
600-004 GLENAIR-600-004 Datasheet
210Kb / 1P
   Torque Wrenches
logo
Rosenberger Hochfrequen...
32W100-016 ROSENBERGER-32W100-016 Datasheet
83Kb / 1P
   TORQUE WRENCH
64W021-000 ROSENBERGER-64W021-000 Datasheet
646Kb / 2P
   Torque Wrench
logo
PHOENIX CONTACT
SF-Z0028 PHOENIX-SF-Z0028 Datasheet
43Kb / 2P
   Torque screwdriver
logo
Mini-Circuits
TRQ-516-08 MINI-TRQ-516-08 Datasheet
168Kb / 1P
   Torque Wrench
logo
Glenair, Inc.
600-161 GLENAIR-600-161 Datasheet
301Kb / 1P
   Digital Torque Wrench
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com