Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMNH10H028SK3Q Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMNH10H028SK3Q
Description  100V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMNH10H028SK3Q Datasheet(HTML) 4 Page - Diodes Incorporated

  DMNH10H028SK3Q Datasheet HTML 1Page - Diodes Incorporated DMNH10H028SK3Q Datasheet HTML 2Page - Diodes Incorporated DMNH10H028SK3Q Datasheet HTML 3Page - Diodes Incorporated DMNH10H028SK3Q Datasheet HTML 4Page - Diodes Incorporated DMNH10H028SK3Q Datasheet HTML 5Page - Diodes Incorporated DMNH10H028SK3Q Datasheet HTML 6Page - Diodes Incorporated DMNH10H028SK3Q Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DMNH10H028SK3Q
Document number: DS38225 Rev. 1 - 2
4 of 7
www.diodes.com
October 2015
© Diodes Incorporated
DMNH10H028SK3Q
0.01
0.015
0.02
0.025
0.03
0.035
0.04
0.045
0.05
-50
-25
0
25
50
75
100 125 150 175
T
J, JUNCTION TEMPERATURE (℃)
Figure 7. On-Resistance Variation with Temperature
V
GS=10V, ID=10A
V
GS=10V, ID=20A
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
-50
-25
0
25
50
75
100 125 150 175
T
J, JUNCTION TEMPERATURE (℃)
Figure 8. Gate Threshold Variation vs. Junction
Temperature
I
D=250µA
I
D=1mA
0
5
10
15
20
25
30
0
0.3
0.6
0.9
1.2
V
SD, SOURCE-DRAIN VOLTAGE (V)
Figure 9. Diode Forward Voltage vs. Current
V
GS=0V,
T
A=-55℃
V
GS=0V,
T
A=25℃
V
GS=0V,
T
A=85℃
V
GS=0V,
T
A=125℃
V
GS=0V,
T
A=150℃
V
GS=0V,
T
A=175℃
10
100
1000
10000
0
10
20
30
40
50
60
70
80
90 100
V
DS, DRAIN-SOURCE VOLTAGE(V)
Figure 10. Typical Junction Capacitance
f=1MHz
Ciss
Coss
Crss
0
2
4
6
8
10
0
5
10
15
20
25
30
35
40
Qg (nC)
Figure 11. Gate Charge
V
DS=50V, ID=20A
0.001
0.01
0.1
1
10
100
0.1
1
10
100
1000
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 12. SOA, Safe Operation Area
T
J(Max)=175℃
T
C=25℃
Single Pulse
DUT on 1*MRP board
V
GS=20V
R
DS(ON) Limited
P
W=10s
DC
P
W=1s
P
W=100ms
P
W=10ms
P
W=1ms


Similar Part No. - DMNH10H028SK3Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMNH10H028SK3 DIODES-DMNH10H028SK3 Datasheet
564Kb / 7P
   100V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Inchange Semiconductor ...
DMNH10H028SK3 ISC-DMNH10H028SK3 Datasheet
305Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Diodes Incorporated
DMNH10H028SK3-13 DIODES-DMNH10H028SK3-13 Datasheet
564Kb / 7P
   100V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMNH10H028SK3Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMNH10H028SPSQ DIODES-DMNH10H028SPSQ Datasheet
555Kb / 7P
   100V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMNH10H028SK3 DIODES-DMNH10H028SK3 Datasheet
564Kb / 7P
   100V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH10H010LCT DIODES-DMTH10H010LCT Datasheet
369Kb / 6P
   100V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMNH10H028SPS DIODES-DMNH10H028SPS Datasheet
629Kb / 7P
   100V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMNH3010LK3 DIODES-DMNH3010LK3 Datasheet
536Kb / 7P
   175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH4004SPS DIODES-DMTH4004SPS Datasheet
431Kb / 7P
   40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH4007SPS DIODES-DMTH4007SPS Datasheet
396Kb / 8P
   40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH6005LPS DIODES-DMTH6005LPS Datasheet
577Kb / 7P
   60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH4004LK3 DIODES-DMTH4004LK3 Datasheet
455Kb / 7P
   40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH6004SCTB DIODES-DMTH6004SCTB Datasheet
546Kb / 7P
   60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com