Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1SBH136001R2331 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # 1SBH136001R2331
Description  Contactor Relays
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1SBH136001R2331 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button 1SBH136001R2331 Datasheet HTML 5Page - List of Unclassifed Manufacturers 1SBH136001R2331 Datasheet HTML 6Page - List of Unclassifed Manufacturers 1SBH136001R2331 Datasheet HTML 7Page - List of Unclassifed Manufacturers 1SBH136001R2331 Datasheet HTML 8Page - List of Unclassifed Manufacturers 1SBH136001R2331 Datasheet HTML 9Page - List of Unclassifed Manufacturers 1SBH136001R2331 Datasheet HTML 10Page - List of Unclassifed Manufacturers 1SBH136001R2331 Datasheet HTML 11Page - List of Unclassifed Manufacturers 1SBH136001R2331 Datasheet HTML 12Page - List of Unclassifed Manufacturers 1SBH136001R2331 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
8 | ABB
Connecting Characteristics
Contactor relay types
NF
Main terminals
Screw terminals with cable clamp
Connecting capacity (min. ... max.)
Pole and coil terminals
Rigid
1 x
1 ... 2.5 mm²
2 x
1 ... 2.5 mm²
Flexible with non insulated ferrule
1 x
0.75 ... 2.5 mm²
2 x
0.75 ... 2.5 mm²
Flexible with insulated ferrule
1 x
0.75 ... 2.5 mm²
2 x
0.75 ... 1.5 mm²
L
6
Bars or lugs
L <
8 mm
Capacity according to UL/CSA
1 or 2 x
AWG 18 ... 14
Stripping length
10 mm
Degree of protection
acc. to IEC 60947-1 / EN 60947-1 and IEC 60529 / EN 60529
All terminals
IP20
Screw terminals
(delivered in open position, screws of unused terminals must be tightened)
All terminals
M3.5
Screwdriver type
Flat Ø5.5 / Pozidriv 2
Tightening torque
Pole terminals
1.2 Nm / 11 lb.in
Coil terminals
1.2 Nm / 11 lb.in
NF Contactor Relays
Technical Data
1SBC 101 110 S0201
Catalogue Page


Similar Description - 1SBH136001R2331

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMA3 ETC-CMA3 Datasheet
52Kb / 3P
   Kinds of single relays, power relays, Autimotive relays lays. Pc-board relays, plug-in relays, PCB relays, miniature relays
logo
TE Connectivity Ltd
K43C234 TEC-K43C234 Datasheet
235Kb / 4P
   Relays, Contactors & Switches > Relays > High Voltage Relays
08/23/2019
logo
Tyco Electronics
V23081 MACOM-V23081 Datasheet
138Kb / 4P
   PCB relays Twin relays
VKP-15H42 MACOM-VKP-15H42 Datasheet
228Kb / 6P
   PCB Relays Single Relays
Revised 6-2009
T72M MACOM-T72M Datasheet
132Kb / 5P
   PCB Relays / Single Relays
3-1393240-9 MACOM-3-1393240-9 Datasheet
582Kb / 4P
   General Purpose Relays PCB Relays
R10-E1Y4-V700 MACOM-R10-E1Y4-V700 Datasheet
762Kb / 6P
   General Purpose Relays Industrial Relays
3-1393224-5 MACOM-3-1393224-5 Datasheet
399Kb / 4P
   General Purpose Relays PCB Relays
2-1393115-1 MACOM-2-1393115-1 Datasheet
617Kb / 3P
   General Purpose Relays Industrial Relays
2-1393115-6 MACOM-2-1393115-6 Datasheet
599Kb / 3P
   General Purpose Relays Industrial Relays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com