Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OT63F3 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # OT63F3
Description  Disconnect switches Non-fusible Fusible
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OT63F3 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  OT63F3 Datasheet HTML 1Page - List of Unclassifed Manufacturers OT63F3 Datasheet HTML 2Page - List of Unclassifed Manufacturers OT63F3 Datasheet HTML 3Page - List of Unclassifed Manufacturers OT63F3 Datasheet HTML 4Page - List of Unclassifed Manufacturers OT63F3 Datasheet HTML 5Page - List of Unclassifed Manufacturers OT63F3 Datasheet HTML 6Page - List of Unclassifed Manufacturers OT63F3 Datasheet HTML 7Page - List of Unclassifed Manufacturers OT63F3 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6 | Disconnect switches - Nonfusible & fusible
All ABB UL98 listed fusible switches are designed to meet
customer requirements in terms of high interrupting capacity
(all rated 200 kA) and long electrical life while occupying little
more panel space than the appropriate fuses.
The basic construction provides flexibility and high
performance in an extremely compact size. The fusible
switch line’s unique compact dimensions allow panel size
reduction in new applications and easily retrofit into existing
applications where space is limited.
Fusible disconnect switches
UL98 / IEC
Catalog number
3 pole
OS30FACC12
OS30FAJ12
OS60GJ03
OS100GJ03
OS200J03
OS400J03
OS600J03
OS800L03
OS1200L03
Amp rating
A
30
30
60
100
200
400
600
800
1200
Approvals
2 pole
N/A
N/A
N/A
UL98 / IEC
UL98 / IEC
UL98 / IEC
UL98 / IEC
UL98 / IEC
UL98 / IEC
3 pole
UL98 / IEC
UL98 / IEC
UL98 / IEC
UL98 / IEC
UL98 / IEC
UL98 / IEC
UL98 / IEC
UL98 / IEC
UL98 / IEC
4 pole
UL98 / IEC
UL98 / IEC
UL98 / IEC
UL98 / IEC
UL98 / IEC
UL98 / IEC
UL98 / IEC
UL98 / IEC
UL98 / IEC
Technical ratings – UL, CSA
Max operating voltage
V
600
600
600
600
600
600
600
600
600
Max horsepower rating
Three phase
240 V
HP
7.5
7.5
15
30
60
125
200
250
480 V
HP
15
15
30
60
125
250
400
500
600 V
HP
20
20
50
75
150
350
500
600
Single phase
120 V
HP
2
2
240 V
HP
3
3
UL fuse class
CC
J
J
J
J
J
J
L
L
Technical ratings – IEC
Rated insulation and operational
voltage. AC20 and DC20
V
1000
1000
1000
1000
1000
1000
1000
1000
1000
Rated thermal current, Ith
AC 20/DC 20 open
A
32
32
63
160
200
400
630
800
1250
AC 20/DC 20 enclosed
A
32
32
63
160
200
400
630
720
1250
AC 21A ≤500 V
A
32
32
63
160
200
400
630
800
1250
≤690 V
A
32
32
63
160
200
400
630
800
1250
Rated operational power AC23
400/415 V
kW
14/15
14/15
30
80/90
110
210/230
315/340
350/380
560
690 V
kW
25
25
60
132
200
330
540
600
1000
Short circuit interrupting capacity
kA
200
200
200
200
200
200
200
200
200
UL Fuse size
A
30
30
60
100
200
400
600
800
1200
UL Fuse type
CC
J
J
J
J
J
J
L
L
Physical characteristics
Weight
3 pole
lb
1.54
1.54
2.86
3.30
5.9
17.18
37.44
37.44
63.93
4 pole
lb
1.98
1.98
3.52
3.96
7.5
19.38
46.26
46.26
77.16
Dimension (3 pole)
H in
3.66
3.60
3.94
7.91
6.5
8.90
10.10
10.10
11.30
W in
4.15
4.15
5.69
5.77
7.1
11.26
14.80
14.80
16.42
D in
4.10
4.10
4.65
4.10
5.2
8.07
9.17
9.17
11.62
OS30FA_12
OS60GJ03
OS100GJ03
OS200J03
OS400J03
OS600J03 / OS800L03
OS1200L03
ABB’s fusible disconnect line includes eight amperage sizes
from 30A to 1200A and are complemented by a wide range of
fuse clip options. ABB fusible switches offer an economical
and reliable solution for fused short circuit protection.
Fuse isolation
ABB fusible switches contain contacts on both sides of
the fuse. The fuses are totally isolated in the OFF position,
reducing the risk of shock to authorized personnel – even if
the switch has been back fed.


Similar Part No. - OT63F3

ManufacturerPart #DatasheetDescription
logo
ABB
OT63F3 ABB-OT63F3 Datasheet
217Kb / 4P
   SWITCH-DISCONNECTOR
More results

Similar Description - OT63F3

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
RDF30CC-3N COOPER-RDF30CC-3N Datasheet
1Mb / 2P
   UL489 FUSIBLE DISCONNECT SWITCHES
RDF30J-3N-COMP COOPER-RDF30J-3N-COMP Datasheet
1Mb / 2P
   UL489 FUSIBLE DISCONNECT SWITCHES
RDF30CC-3 COOPER-RDF30CC-3 Datasheet
1Mb / 2P
   UL489 FUSIBLE DISCONNECT SWITCHES
RDF30J-3-COMP COOPER-RDF30J-3-COMP Datasheet
1Mb / 2P
   UL489 FUSIBLE DISCONNECT SWITCHES
logo
Vishay Siliconix
NFR25 VISHAY-NFR25 Datasheet
96Kb / 8P
   Fusible, Non-Flammable Resistors
Revision: 24-Feb-04
NFR25H VISHAY-NFR25H Datasheet
745Kb / 9P
   Fusible, Non-Flammable Resistors
Revision: 21-Feb-08
logo
Schneider Electric
8538SBA21V81FF4T SCHNEIDER-8538SBA21V81FF4T Datasheet
103Kb / 2P
   NEMA Fusible Disconnect Switch Combination Starters
Feb 6, 2023
8538SBA23V81AFF4P1T SCHNEIDER-8538SBA23V81AFF4P1T Datasheet
107Kb / 2P
   NEMA Fusible Disconnect Switch Combination Starters
Feb 6, 2023
8538SBA23V81FF4T SCHNEIDER-8538SBA23V81FF4T Datasheet
103Kb / 2P
   NEMA Fusible Disconnect Switch Combination Starters
Feb 6, 2023
8538SBA43V81FF4T SCHNEIDER-8538SBA43V81FF4T Datasheet
103Kb / 2P
   NEMA Fusible Disconnect Switch Combination Starters
Feb 6, 2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com