Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1SBH137001R1462 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 1SBH137001R1462
Description  Contactor Relays
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1SBH137001R1462 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  1SBH137001R1462 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1SBH137001R1462 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1SBH137001R1462 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1SBH137001R1462 Datasheet HTML 4Page - List of Unclassifed Manufacturers 1SBH137001R1462 Datasheet HTML 5Page - List of Unclassifed Manufacturers 1SBH137001R1462 Datasheet HTML 6Page - List of Unclassifed Manufacturers 1SBH137001R1462 Datasheet HTML 7Page - List of Unclassifed Manufacturers 1SBH137001R1462 Datasheet HTML 8Page - List of Unclassifed Manufacturers 1SBH137001R1462 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
NF22E
NF44E
cULus
CE
Application
NF contactor relays are used for switching auxiliary and control circuits.
Description
– NF contactor relays include an electronic coil interface accepting a wide control voltage Uc min. ... Uc max.
Only four coils cover control voltages between 24...500 V 50/60 Hz or 20...500 V DC
– NF contactor relays can manage large control voltage variations. One coil (i.e. 100...250 V 50/60 Hz - DC) can
be used for different control voltages used worldwide without any coil change
– NFZ contactor relays equipped with a Z coil type allow direct control by 24 V DC 500 mA PLC-output and obtain
a reduced holding coil consumption.
NFZ contactor relays withstand short dips and voltage interruptions (SEMI F47-0706 compliance)
– NF contactor relays have built-in surge protection and do not require additional surge suppressors
– The contactor relays have mechanically-linked auxiliary contacts compliant with Annex L of IEC 60947-5-1 and
include the "Mechanically Linked" symbol on their side
– 8-pole contactor relays are mounted with a non-removable auxiliary contact block (2nd stack).
Ordering Details
Number of contacts
Control voltage
Type
Order code
Weight
1st stack
2nd stack
Uc min. ... Uc max.
Pack(ing)
1 piece
V 50/60 Hz V DC
kg
43
NO
NO
44
31
NC
NC
32
21
NC
NC
22
13
NO
NO
14
A1
A2
24...60
20...60
NFZ22E-21
1SBH 136 001 R2122
0.310
48...130
48...130
NF22E-12
1SBH 137 001 R1222
0.270
100...250 100...250 NF22E-13
1SBH 137 001 R1322
0.270
250...500 250...500 NF22E-14
1SBH 137 001 R1422
0.310
33
NO
NO
34
21
NC
NC
22
13
NO
NO
14
43
NO
NO
44
A1
A2
24...60
20...60
NFZ31E-21
1SBH 136 001 R2131
0.310
48...130
48...130
NF31E-12
1SBH 137 001 R1231
0.270
100...250 100...250 NF31E-13
1SBH 137 001 R1331
0.270
250...500 250...500 NF31E-14
1SBH 137 001 R1431
0.310
43
NO
NO
44
33
NO
NO
34
23
NO
NO
24
13
NO
NO
14
A1
A2
24...60
20...60
NFZ40E-21
1SBH 136 001 R2140
0.310
48...130
48...130
NF40E-12
1SBH 137 001 R1240
0.270
100...250 100...250 NF40E-13
1SBH 137 001 R1340
0.270
250...500 250...500 NF40E-14
1SBH 137 001 R1440
0.310
43
NO
NO
44
33
NO
NO
34
23
NO
NO
24
13
NO
NO
14
81
NC
NC
82
71
NC
NC
72
61
NC
NC
62
51
NC
NC
52
A1
A2
24...60
20...60
NFZ44E-21
1SBH 136 001 R2144
0.360
48...130
48...130
NF44E-12
1SBH 137 001 R1244
0.320
100...250 100...250 NF44E-13
1SBH 137 001 R1344
0.320
250...500 250...500 NF44E-14
1SBH 137 001 R1444
0.360
43
NO
NO
44
33
NO
NO
34
23
NO
NO
24
13
NO
NO
14
81
NC
NC
82
71
NC
NC
72
61
NC
NC
62
53
NO
NO
54
A1
A2
24...60
20...60
NFZ53E-21
1SBH 136 001 R2153
0.360
48...130
48...130
NF53E-12
1SBH 137 001 R1253
0.320
100...250 100...250 NF53E-13
1SBH 137 001 R1353
0.320
250...500 250...500 NF53E-14
1SBH 137 001 R1453
0.360
43
NO
NO
44
33
NO
NO
34
23
NO
NO
24
13
NO
NO
14
83
NO
NO
84
71
NC
NC
72
61
NC
NC
62
53
NO
NO
54
A1
A2
24...60
20...60
NFZ62E-21
1SBH 136 001 R2162
0.360
48...130
48...130
NF62E-12
1SBH 137 001 R1262
0.320
100...250 100...250 NF62E-13
1SBH 137 001 R1362
0.320
250...500 250...500 NF62E-14
1SBH 137 001 R1462
0.360
43
NO
NO
44
33
NO
NO
34
23
NO
NO
24
13
NO
NO
14
83
NO
NO
84
73
NO
NO
74
61
NC
NC
62
53
NO
NO
54
A1
A2
24...60
20...60
NFZ71E-21
1SBH 136 001 R2171
0.360
48...130
48...130
NF71E-12
1SBH 137 001 R1271
0.320
100...250 100...250 NF71E-13
1SBH 137 001 R1371
0.320
250...500 250...500 NF71E-14
1SBH 137 001 R1471
0.360
43
NO
NO
44
33
NO
NO
34
23
NO
NO
24
13
NO
NO
14
83
NO
NO
84
73
NO
NO
74
63
NO
NO
64
53
NO
NO
54
A1
A2
24...60
20...60
NFZ80E-21
1SBH 136 001 R2180
0.360
48...130
48...130
NF80E-12
1SBH 137 001 R1280
0.320
100...250 100...250 NF80E-13
1SBH 137 001 R1380
0.320
250...500 250...500 NF80E-14
1SBH 137 001 R1480
0.360
NF Contactor Relays
AC / DC Operated - with Screw Terminals
Catalogue Page 1SBC 101 077 S0201
4 | ABB


Similar Description - 1SBH137001R1462

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMA3 ETC-CMA3 Datasheet
52Kb / 3P
   Kinds of single relays, power relays, Autimotive relays lays. Pc-board relays, plug-in relays, PCB relays, miniature relays
logo
TE Connectivity Ltd
K43C234 TEC-K43C234 Datasheet
235Kb / 4P
   Relays, Contactors & Switches > Relays > High Voltage Relays
08/23/2019
logo
Tyco Electronics
V23081 MACOM-V23081 Datasheet
138Kb / 4P
   PCB relays Twin relays
VKP-15H42 MACOM-VKP-15H42 Datasheet
228Kb / 6P
   PCB Relays Single Relays
Revised 6-2009
T72M MACOM-T72M Datasheet
132Kb / 5P
   PCB Relays / Single Relays
3-1393240-9 MACOM-3-1393240-9 Datasheet
582Kb / 4P
   General Purpose Relays PCB Relays
R10-E1Y4-V700 MACOM-R10-E1Y4-V700 Datasheet
762Kb / 6P
   General Purpose Relays Industrial Relays
3-1393224-5 MACOM-3-1393224-5 Datasheet
399Kb / 4P
   General Purpose Relays PCB Relays
2-1393115-1 MACOM-2-1393115-1 Datasheet
617Kb / 3P
   General Purpose Relays Industrial Relays
2-1393115-6 MACOM-2-1393115-6 Datasheet
599Kb / 3P
   General Purpose Relays Industrial Relays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com