Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4N32 Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # K4N32
Description  Photocoupler(These Photocouplers cosist of a Gallium Arsenide Infrared Emitting)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

K4N32 Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  K4N32 Datasheet HTML 1Page - KODENSHI_AUK CORP. K4N32 Datasheet HTML 2Page - KODENSHI_AUK CORP. K4N32 Datasheet HTML 3Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Photocoupler
package.
FEATURES
• Small Package Size
• Collector-Emitter Voltage : Min.30V
• Current Transfer Ratio : Type 1000% (at IF=10mA, VCE=10V)
• Electrical Isolation Voltage : AC2500Vrms
• UL Recognized File No. E107486
APPLICATIONS
• Interface between two circuits of different potential
• Telephone Line Receiver, CMOS Logic Interface
• Power Supply Regulators
MAXIMUM RATINGS
(Ta=25℃ )
*1. Input current with 300㎲ pulse width, 2% duty cycle
*2. Measured at RH=40~60% for 1min
*3. 1/16 inch form case for 10sec
K4N32 • K4N32A
These Photocouplers cosist of a Gallium Arsenide Infrared Emitting
Diode and a Silicon NPN Photo Darlington transistor in a 6-pin
Lead Soldering Temperature
*3
Tsol
260
Operating Temperature
Topr
-30~+100
Storage Temperature
Tstg
-55~+125
Input to Output Isolation Voltage
*2
Viso
AC2500
Vrms
Collector Power Dissipation
PC
150
mW
V
V
V
Collector Current
IC
100
mA
Output
Collector-Emitter Breakdown Voltage
BVCEO
30
Emitter-Collector Breakdown Voltage
BVECO
5
Collector-Base Breakdown Voltage
BVECO
30
mA
V
A
Power Dissipation
PD
150
mW
Reverse Voltage
VR
5
Peak Forward Current
*1
IFP
3
Parameter
Symbol
Rating
Unit
Input
Forward Current
IF
80
Total Power Dissipation
Ptot
250
mW
DIMENSION
(Unit : mm)
1/3
8.9 0.25
2.54 0.25
1
2
3
1.2
0.5
7.62 0.25
6.4
0.25
0° -15°
6
5
4
Orientation Mark
4
5
6
1
2
3
PIN NO. AND INTERNAL
CONNECTION DIAGRAM


Similar Part No. - K4N32

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
K4N30 KODENSHI-K4N30 Datasheet
235Kb / 3P
   Photocoupler(These Photocouplers cosist of a Gallium Arsenide Infrared Emitting)
K4N31 KODENSHI-K4N31 Datasheet
234Kb / 3P
   Photocoupler(These Photocouplers cosist of a Gallium Arsenide Infrared Emitting)
K4N33 KODENSHI-K4N33 Datasheet
234Kb / 3P
   Photocoupler(These Photocouplers cosist of a Gallium Arsenide Infrared Emitting)
K4N35 KODENSHI-K4N35 Datasheet
157Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
K4N36 KODENSHI-K4N36 Datasheet
157Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
More results

Similar Description - K4N32

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
K4N29 KODENSHI-K4N29 Datasheet
237Kb / 3P
   Photocoupler(These Photocouplers cosist of a Gallium Arsenide Infrared Emitting)
K3620 KODENSHI-K3620 Datasheet
110Kb / 3P
   Photocoupler(These Photocouplers cosist of a Gallium Arsenide Infrared Emitting)
K5620 KODENSHI-K5620 Datasheet
120Kb / 3P
   Photocoupler(These Photocouplers cosist of a Gallium Arsenide Infrared Emitting)
PC-18K1 KODENSHI-PC-18K1 Datasheet
80Kb / 3P
   Photocoupler(These Photocouplers cosist of a Gallium Arsenide Infrared Emitting)
PC-18T1 KODENSHI-PC-18T1 Datasheet
188Kb / 3P
   Photocoupler(These Photocouplers cosist of a Gallium Arsenide Infrared Emitting)
KPC3020 KODENSHI-KPC3020 Datasheet
123Kb / 3P
   Photocoupler(These Photocouplers cosist of a Gallium Arsenide Infrared Emitting)
K4N25G KODENSHI-K4N25G Datasheet
187Kb / 3P
   Photocoupler(These Photocouplers cosist of a Gallium Arsenide Infrared Emitting)
KPC3051 KODENSHI-KPC3051 Datasheet
62Kb / 3P
   Photocoupler(These Photocouplers cosist of a Gallium Arsenide Infrared Emitting)
K4N33 KODENSHI-K4N33 Datasheet
234Kb / 3P
   Photocoupler(These Photocouplers cosist of a Gallium Arsenide Infrared Emitting)
KPC2020 KODENSHI-KPC2020 Datasheet
193Kb / 3P
   Photocoupler(These Photocouplers cosist of a Gallium Arsenide Infrared Emitting)
K4N30 KODENSHI-K4N30 Datasheet
235Kb / 3P
   Photocoupler(These Photocouplers cosist of a Gallium Arsenide Infrared Emitting)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com