Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMJ70H1D3SJ3 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # DMJ70H1D3SJ3
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMJ70H1D3SJ3 Datasheet(HTML) 6 Page - Diodes Incorporated

  DMJ70H1D3SJ3 Datasheet HTML 1Page - Diodes Incorporated DMJ70H1D3SJ3 Datasheet HTML 2Page - Diodes Incorporated DMJ70H1D3SJ3 Datasheet HTML 3Page - Diodes Incorporated DMJ70H1D3SJ3 Datasheet HTML 4Page - Diodes Incorporated DMJ70H1D3SJ3 Datasheet HTML 5Page - Diodes Incorporated DMJ70H1D3SJ3 Datasheet HTML 6Page - Diodes Incorporated DMJ70H1D3SJ3 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DMJ70H1D3SJ3
Document number: DS37825 Rev. 4 - 2
6 of 7
www.diodes.com
January 2016
© Diodes Incorporated
DMJ70H1D3SJ3
Package Outline Dimensions
Please see AP02001 at http://www.diodes.com/_files/datasheets/ap02001.pdf for the latest version.
TO251
TO251 (Type TH)
b3
E
D1
E1
L
A
k
c
b
e
D
H
A2
L3
L5
P
0
0
0
01
L4
TO251
Dim
Min
Max
A
2.200
2.400
A2
0.890
1.150
A3
0.450
0.550
B
0.550
0.740
C
0.450
0.570
D
6.400
6.750
D2
5.200
5.400
E
5.950
6.250
E2
0.900
1.250
E
2.240
2.340
e1
4.430
4.730
L
8.900
9.500
All Dimensions in mm
TO251 (Type TH)
Dim
Min
Max
Typ
A
2.20
2.40
2.30
A2
0.97
1.17
1.07
b
0.68
0.90
0.78
b3
5.20
5.50
5.33
c
0.43
0.63
0.53
D
5.98
6.22
6.10
D1
5.30 REF
e
2.286 BSC
E
6.40
6.80
6.60
E1
4.63
5.03
4.83
H
16.22
16.82
16.52
k
0.40REF
L
9.15
9.65
9.40
L3
0.88
1.28
1.02
L4
0.75 REF
L5
1.65
1.95
1.80
1.20
θ
θ1
All Dimensions in mm
45°
D
D2
E
L
E2
b
e
e1
A
A3
c
A2
Option 2
Option 3


Similar Part No. - DMJ70H1D3SJ3

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMJ70H1D3SH3 DIODES-DMJ70H1D3SH3 Datasheet
446Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Inchange Semiconductor ...
DMJ70H1D3SH3 ISC-DMJ70H1D3SH3 Datasheet
317Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Diodes Incorporated
DMJ70H1D3SI3 DIODES-DMJ70H1D3SI3 Datasheet
419Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMJ70H1D3SJ3

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com