Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H7EC-NV-B Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # H7EC-NV-B
Description  Self-powered Total Counter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7EC-NV-B Datasheet(HTML) 2 Page - Omron Electronics LLC

  H7EC-NV-B Datasheet HTML 1Page - Omron Electronics LLC H7EC-NV-B Datasheet HTML 2Page - Omron Electronics LLC H7EC-NV-B Datasheet HTML 3Page - Omron Electronics LLC H7EC-NV-B Datasheet HTML 4Page - Omron Electronics LLC H7EC-NV-B Datasheet HTML 5Page - Omron Electronics LLC H7EC-NV-B Datasheet HTML 6Page - Omron Electronics LLC H7EC-NV-B Datasheet HTML 7Page - Omron Electronics LLC H7EC-NV-B Datasheet HTML 8Page - Omron Electronics LLC H7EC-NV-B Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
2
Self-powered Total Counter
New H7EC
• Eight-digits, counting range 0 to 99999999.
• Dual input speed: 30 Hz
←→ 1 kHz (except for AC/DC multi-
voltage input models)
For the most recent information on models that have been certified for
safety standards, refer to your OMRON website.
Model Number Structure
■ Model Number Legend
Note: Some configurations are not available.
Note: Estimates can be provided for coatings and other specifications that are not given in the datasheet. Ask your OMRON representative for details.
Ordering Information
■ Total Counters
■ Accessories (Order Separately)
Note: 1. Provided with H7EC. (Order additional Brackets separately as required.)
2. Built into H7EC. Order replacements using the above model number before the service life expires.
12
3
H7EC - N
-
1. Count Input
2. Case Color
3. Display
None: No-voltage input
V:
PNP/NPN universal DC voltage input
FV:
AC/DC multi-voltage input
None: Light gray
B:
Black
None: 7-segment LCD without backlight
H:
7-segment LCD with backlight
Count input
Max. counting speed
Display
Model
Light-gray body
Black body
PNP/NPN universal DC
voltage input
(4.5 to 30 VDC)
30 Hz
←→ 1 kHz
(switchable)
7-segment LCD with
backlight
H7EC-NV-H
H7EC-NV-BH
7-segment LCD
H7EC-NV
H7EC-NV-B
AC/DC multi-voltage input
(24 to 240 VAC/VDC)
20 Hz
7-segment LCD
H7EC-NFV
H7EC-NFV-B
No-voltage
30 Hz
←→ 1 kHz
(switchable)
7-segment LCD
H7EC-N
H7EC-N-B
Name
Model
Compact Flush Mounting Bracket
Y92F-35
Flush Mounting Bracket (See note 1)
Y92F-34
Wire-wrap Terminal (set of two Terminals)
Y92S-37
Lithium Battery (See note 2)
Y92S-36
Waterproof Packing (See note 1)
Y92S-32


Similar Part No. - H7EC-NV-B

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H7EC-NV-BH OMRON-H7EC-NV-BH Datasheet
143Kb / 5P
   Self-Powered Counters Subminiature Count Totalizers Require No External Power Supply
More results

Similar Description - H7EC-NV-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H7ET ETC-H7ET Datasheet
449Kb / 7P
   Self-powered Time Counter
logo
Omron Electronics LLC
H7GP-C OMRON-H7GP-C Datasheet
397Kb / 7P
   Total Counter/Time Counter
H7EC-NFV-B OMRON-H7EC-NFV-B Datasheet
1Mb / 12P
   Self-Powered Tachometer
logo
SMSC Corporation
EVB-USB2524 SMSC-EVB-USB2524 Datasheet
307Kb / 8P
   Self-powered operation
logo
Linear Technology
LTC1531 LINER-LTC1531_15 Datasheet
196Kb / 16P
   Self-Powered Isolated Comparator
LTC1531 LINER-LTC1531 Datasheet
266Kb / 16P
   Self-Powered Isolated Comparator
logo
EnOcean GmbH.
ESRPU ENOCEAN-ESRPU Datasheet
282Kb / 2P
   Self-powered, Wireless Switch
logo
STMicroelectronics
AN1040 STMICROELECTRONICS-AN1040 Datasheet
33Kb / 4P
   FOR USB SELF-POWERED DEVICES
logo
Mallory performance clu...
PN8991 MALLORY-PN8991 Datasheet
165Kb / 2P
   MSD Self-Powered Timing Light
logo
Maxim Integrated Produc...
MAX4886EVKIT MAXIM-MAX4886EVKIT Datasheet
282Kb / 8P
   Self-Powered from HDMI Source
Rev 0; 3/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com