Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMG2301L Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMG2301L
Description  P-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMG2301L Datasheet(HTML) 2 Page - Diodes Incorporated

  DMG2301L Datasheet HTML 1Page - Diodes Incorporated DMG2301L Datasheet HTML 2Page - Diodes Incorporated DMG2301L Datasheet HTML 3Page - Diodes Incorporated DMG2301L Datasheet HTML 4Page - Diodes Incorporated DMG2301L Datasheet HTML 5Page - Diodes Incorporated DMG2301L Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMG2301L
Document number: DS37540 Rev. 3 - 2
2 of 6
www.diodes.com
September 2015
© Diodes Incorporated
DMG2301L
Maximum Ratings (@TA = +25°C, unless otherwise specified)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
-20
V
Gate-Source Voltage
VGSS
±8
V
Continuous Drain Current (Note 5) VGS = -4.5V
Steady
State
TA = +25°C
TA = +70°C
ID
-3
-1
A
Pulsed Drain Current (Note 6)
IDM
-10
A
Drain-Source Diode Forward Current ( t < 5 sec)
IS
-0.75
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 5)
PD
1.5
W
Thermal Resistance, Junction to Ambient @TA = +25°C (Note 5)
RθJA
83
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
-20
V
VGS = 0V, ID = -250µA
Zero Gate Voltage Drain Current
TJ = +25°C
IDSS
-1.0
µA
VDS = -16V, VGS = 0V
Gate-Source Leakage
IGSS
±100
nA
VGS = 6V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(TH)
-0.4
-1.2
V
VDS = VGS, ID = -250µA
Static Drain-Source On-Resistance
RDS(ON)
120
m
VGS = -4.5V, ID = -2.8A
150
VGS = -2.5V, ID = -2.0A
Diode Forward Voltage
VSD

-1.2
V
VGS = 0V, IS = -0.75A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
476
pF
VDS = -10V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
53
pF
Reverse Transfer Capacitance
Crss
45
pF
Total Gate Charge
Qg
5.5
nC
VGS = -4.5V, VDS = -6V, ID = -2.8A
Gate-Source Charge
Qgs
0.9
nC
Gate-Drain Charge
Qgd
1.8
nC
Turn-On Delay Time
tD(ON)
5
ns
VDS = -6V, VGS = -4.5V,
RGEN = 6Ω, ID = -1A
Turn-On Rise Time
tR
10
ns
Turn-Off Delay Time
tD(OFF)
30
ns
Turn-Off Fall Time
tF
20
ns
Notes:
5.
Device mounted on 1” x 1” FR-4 PCB with high coverage 2oz. Copper, single sided.
6. Repetitive rating, pulse width limited by junction temperature.
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to production testing.


Similar Part No. - DMG2301L

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
DMG2301L TECHPUBLIC-DMG2301L Datasheet
11Mb / 6P
   P-Channel Enhancement-Mode MOS FETs
logo
Diodes Incorporated
DMG2301LK DIODES-DMG2301LK Datasheet
513Kb / 7P
   Low On-Resistance
DMG2301LK-13 DIODES-DMG2301LK-13 Datasheet
513Kb / 7P
   Low On-Resistance
DMG2301LK-7 DIODES-DMG2301LK-7 Datasheet
513Kb / 7P
   Low On-Resistance
More results

Similar Description - DMG2301L

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com