Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WTB2S-2N3251 Datasheet(PDF) 2 Page - SICK AG

Part # WTB2S-2N3251
Description  Photoelectric sensors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

WTB2S-2N3251 Datasheet(HTML) 2 Page - SICK AG

  WTB2S-2N3251 Datasheet HTML 1Page - SICK AG WTB2S-2N3251 Datasheet HTML 2Page - SICK AG WTB2S-2N3251 Datasheet HTML 3Page - SICK AG WTB2S-2N3251 Datasheet HTML 4Page - SICK AG WTB2S-2N3251 Datasheet HTML 5Page - SICK AG WTB2S-2N3251 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Photoelectric sensorsAAAAAAAAAAAAA© SICK AG. Subject to change without notice.AAAAAAAAAAAAA1/29/2016 5:19:11 AM
Photoelectric sensors
W2S-2, Photoelectric proximity sensor, Background suppression
1) 2) Object with 90 % reflectance (referred to standard white, DIN 5033) 3) Average service life: 100,000 h at TU = +25 °C
Type
> WTB2S-2N3251
Part No.
> 1066114
At a glance
Sensing ranges of up to 150 mm
Almost no black/white shift up to 60 mm
Sensor with line-shaped light spot
Sensor with laser-like focused light spots
Precise background suppression that is immune to interference/crosstalk
High-performance PinPoint 2.0 LED
Your benefits
An ultra-compact design with the performance of large photoelectric proximity
sensors offers new space-saving machine construction possibilities.
Large variety of proximity sensors and operating concepts enable a wide range of
application options
Use in confined spaces: detection of small, flat parts thanks to high-quality
background suppression and almost nonexistent black/white shift
Remote access: models with IO-Link allow data to be easily accessed from the
PLC
High availability and long-term use in grippers thanks to flexible and rugged cable
entry
Illustration may differ
Features
Sensor/detection principle:
Photoelectric proximity sensor, Background suppression
Dimensions (W x H x D):
7.7 mm x 27.5 mm x 13.5 mm
Housing design (light emission):
Rectangular
Sensing range max.:
1 mm ... 150 mm 1)
Sensing range:
18 mm ... 110 mm 2)
Type of light:
Visible red light
Light source:
PinPoint LED 3)
Wave length:
640 nm
Adjustment:
Potentiometer, 3 turns
Light spot size (distance):
X Ø 3.5 mm (50 mm)
Mechanics/electronics
Supply voltage:
10 V DC ... 30 V DC 1)
Ripple:
≤ 5 Vpp 2)
Current consumption:
≤ 20 mA 3)


Similar Part No. - WTB2S-2N3251

ManufacturerPart #DatasheetDescription
logo
SICK AG
WTB2S-2N3210 SICK-WTB2S-2N3210 Datasheet
660Kb / 6P
   Photoelectric proximity sensor, Background suppression
More results

Similar Description - WTB2S-2N3251

ManufacturerPart #DatasheetDescription
logo
SICK AG
WL2S-2P3230 SICK-WL2S-2P3230 Datasheet
749Kb / 6P
   Photoelectric sensors
WTB2S-2N3130 SICK-WTB2S-2N3130 Datasheet
655Kb / 6P
   Photoelectric sensors
WTB2S-2P1145 SICK-WTB2S-2P1145 Datasheet
695Kb / 6P
   Photoelectric sensors
WTB2S-2P1360 SICK-WTB2S-2P1360 Datasheet
628Kb / 6P
   Photoelectric sensors
WTB2S-2P3275 SICK-WTB2S-2P3275 Datasheet
709Kb / 6P
   Photoelectric sensors
WSE2S-2F3030S01 SICK-WSE2S-2F3030S01 Datasheet
688Kb / 6P
   Photoelectric sensors
WTB2S-2F1330 SICK-WTB2S-2F1330 Datasheet
648Kb / 6P
   Photoelectric sensors
GTB2S-N1331 SICK-GTB2S-N1331 Datasheet
704Kb / 6P
   Photoelectric sensors
WSE2S-2N1330 SICK-WSE2S-2N1330 Datasheet
684Kb / 6P
   Photoelectric sensors
WLG4S-3E1134 SICK-WLG4S-3E1134 Datasheet
3Mb / 8P
   PHOTOELECTRIC SENSORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com