Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C141-45JC Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C141-45JC
Description  1K x 8 Dual-Port Static Ram
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C141-45JC Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C141-45JC Datasheet HTML 7Page - Cypress Semiconductor CY7C141-45JC Datasheet HTML 8Page - Cypress Semiconductor CY7C141-45JC Datasheet HTML 9Page - Cypress Semiconductor CY7C141-45JC Datasheet HTML 10Page - Cypress Semiconductor CY7C141-45JC Datasheet HTML 11Page - Cypress Semiconductor CY7C141-45JC Datasheet HTML 12Page - Cypress Semiconductor CY7C141-45JC Datasheet HTML 13Page - Cypress Semiconductor CY7C141-45JC Datasheet HTML 14Page - Cypress Semiconductor CY7C141-45JC Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
CY7C130/CY7C131
CY7C140/CY7C141
11
Typical DC and AC Characteristics
1.4
1.0
0.4
4.0
4.5
5.0
5.5
6.0
-55
25
125
1.2
1.0
120
100
80
60
40
20
0
1.0
2.0
3.0
4.0
SUPPLY VOLTAGE (V)
NORMALIZED SUPPLY CURRENT
vs.SUPPLYVOLTAGE
NORMALIZED SUPPLY CURRENT
vs. AMBIENT TEMPERATURE
AMBIENT TEMPERATURE (
°C)
OUTPUT VOLTAGE (V)
OUTPUT SOURCE CURRENT
vs. OUTPUT VOLTAGE
0.0
0.8
0.8
0.6
0.6
VCC =5.0V
VIN =5.0V
VCC =5.0V
TA =25°C
0
ICC
ICC
1.6
1.4
1.2
1.0
0.8
-55
125
NORMALIZED ACCESS TIME
vs. AMBIENT TEMPERATURE
AMBIENT TEMPERATURE (
°C)
1.4
1.3
1.2
1.0
0.9
4.0
4.5
5.0
5.5
6.0
SUPPLYVOLTAGE (V)
NORMALIZED ACCESS TIME
vs. SUPPLY VOLTAGE
120
140
100
60
40
20
0.0
1.0
2.0
3.0
4.0
0
80
OUTPUT VOLTAGE (V)
OUTPUT SINK CURRENT
vs.OUTPUT VOLTAGE
VCC =5.0V
TA =25°C
0.6
0.8
VCC =5.0V
TA =25°C
1.25
1.0
0.75
10
40
0.50
NORMALIZED ICC vs.CYCLETIME
CYCLE FREQUENCY (MHz)
3.0
2.5
2.0
1.5
0.5
0
1.0
2.0
3.0
5.0
25.0
30.0
20.0
10.0
5.0
0
200
400
600
800
0
15.0
0.0
SUPPLYVOLTAGE (V)
TYPICAL POWER -ON CURRENT
vs. SUPPLY VOLTAGE
CAPACITANCE (pF)
TYPICAL ACCESS TIME CHANGE
vs. OUTPUT LOADING
4.0
1000
1.0
20
30
0.2
0.6
1.2
I SB3
0.2
0.4
ISB3
25
1.1
VCC =4.5V
TA =25°C
VCC =4.5V
TA =25°C
VIN =0.5V


Similar Part No. - CY7C141-45JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C141-45JC CYPRESS-CY7C141-45JC Datasheet
570Kb / 19P
   1K x 8 Dual-Port Static RAM
More results

Similar Description - CY7C141-45JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C130 CYPRESS-CY7C130_05 Datasheet
570Kb / 19P
   1K x 8 Dual-Port Static RAM
logo
Integrated Device Techn...
IDT7130SA IDT-IDT7130SA Datasheet
218Kb / 14P
   HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
7130SA55P IDT-7130SA55P Datasheet
168Kb / 14P
   HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
IDT71V30S IDT-IDT71V30S_17 Datasheet
125Kb / 15P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
IDT71V30S IDT-IDT71V30S_15 Datasheet
628Kb / 15P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
71V30 RENESAS-71V30 Datasheet
376Kb / 16P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
JUNE 2019
logo
Integrated Device Techn...
IDT71V30 IDT-IDT71V30 Datasheet
120Kb / 14P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
logo
List of Unclassifed Man...
MK4801 ETC1-MK4801 Datasheet
236Kb / 5P
   1K x 8-BIT STATIC RAM
logo
TEMIC Semiconductors
M67130 TEMIC-M67130 Datasheet
783Kb / 16P
   1K X 8 CMOS DUAL PORT RAM
logo
Cypress Semiconductor
CY7C132 CYPRESS-CY7C132_05 Datasheet
562Kb / 18P
   2K x 8 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com