Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C141-35JI Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C141-35JI
Description  1K x 8 Dual-Port Static Ram
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C141-35JI Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C141-35JI Datasheet HTML 1Page - Cypress Semiconductor CY7C141-35JI Datasheet HTML 2Page - Cypress Semiconductor CY7C141-35JI Datasheet HTML 3Page - Cypress Semiconductor CY7C141-35JI Datasheet HTML 4Page - Cypress Semiconductor CY7C141-35JI Datasheet HTML 5Page - Cypress Semiconductor CY7C141-35JI Datasheet HTML 6Page - Cypress Semiconductor CY7C141-35JI Datasheet HTML 7Page - Cypress Semiconductor CY7C141-35JI Datasheet HTML 8Page - Cypress Semiconductor CY7C141-35JI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
CY7C130/CY7C131
CY7C140/CY7C141
5
BUSY/INTERRUPT TIMING
tBLA
BUSY LOW from Address Match
15
20
20
ns
tBHA
BUSY HIGH from Address Mismatch[16]
15
20
20
ns
tBLC
BUSY LOW from CE LOW
15
20
20
ns
tBHC
BUSY HIGH from CE HIGH[16]
15
20
20
ns
tPS
Port Set Up for Priority
5
55
ns
tWB
[17]
R/W LOW after BUSY LOW
0
00
ns
tWH
R/W HIGH after BUSY HIGH
13
20
30
ns
tBDD
BUSY HIGH to Valid Data
15
25
30
ns
tDDD
Write Data Valid to Read Data Valid
Note
18
Note
18
Note
18
ns
tWDD
Write Pulse to Data Delay
Note
18
Note
18
Note
18
ns
INTERRUPT TIMING
tWINS
R/W to INTERRUPT Set Time
15
25
25
ns
tEINS
CE to INTERRUPT Set Time
15
25
25
ns
tINS
Address to INTERRUPT Set Time
15
25
25
ns
tOINR
OE to INTERRUPT Reset Time[16]
15
25
25
ns
tEINR
CE to INTERRUPT Reset Time[16]
15
25
25
ns
tINR
Address to INTERRUPT Reset Time[16]
15
25
25
ns
Notes:
16. These parameters are measured from the input signal changing, until the output pin goes to a high-impedance state.
17. CY7C140/CY7C141 only.
18. A write operation on Port A, where Port A has priority, leaves the data on Port B’s outputs undisturbed until one access time after one of the following:
BUSY on Port B goes HIGH.
Port B’s address is toggled.
CE for Port B is toggled.
R/W for Port B is toggled during valid read.
Switching Characteristics Over the Operating Range[6,11]
7C130-35
7C131-35
7C140-35
7C141-35
7C130-45
7C131-45
7C140-45
7C141-45
7C130-55
7C131-55
7C140-55
7C141-55
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
Unit
READ CYCLE
tRC
Read Cycle Time
35
45
55
ns
tAA
Address to Data Valid[12]
35
45
55
ns
tOHA
Data Hold from Address Change
0
0
0
ns
tACE
CE LOW to Data Valid[12]
35
45
55
ns
tDOE
OE LOW to Data Valid[12]
20
25
25
ns
tLZOE
OE LOW to Low Z[9,13, 14]
33
3
ns
tHZOE
OE HIGH to High Z[9,13, 14]
20
20
25
ns
tLZCE
CE LOW to Low Z[9,13, 14]
55
5
ns
tHZCE
CE HIGH to High Z[9,13, 14]
20
20
25
ns
tPU
CE LOW to Power-Up[9]
00
0
ns
tPD
CE HIGH to Power-Down[9]
35
35
35
ns
Switching Characteristics Over the Operating Range[6,11] (continued)
7C131-15[3,4]
7C141-15
7C130-25[3]
7C131-25
7C140-25
7C141-25
7C130-30
7C131-30
7C140-30
7C141-30
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
Unit


Similar Part No. - CY7C141-35JI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C141-35JI CYPRESS-CY7C141-35JI Datasheet
570Kb / 19P
   1K x 8 Dual-Port Static RAM
More results

Similar Description - CY7C141-35JI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C130 CYPRESS-CY7C130_05 Datasheet
570Kb / 19P
   1K x 8 Dual-Port Static RAM
logo
Integrated Device Techn...
IDT7130SA IDT-IDT7130SA Datasheet
218Kb / 14P
   HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
7130SA55P IDT-7130SA55P Datasheet
168Kb / 14P
   HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
IDT71V30S IDT-IDT71V30S_17 Datasheet
125Kb / 15P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
IDT71V30S IDT-IDT71V30S_15 Datasheet
628Kb / 15P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
71V30 RENESAS-71V30 Datasheet
376Kb / 16P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
JUNE 2019
logo
Integrated Device Techn...
IDT71V30 IDT-IDT71V30 Datasheet
120Kb / 14P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
logo
List of Unclassifed Man...
MK4801 ETC1-MK4801 Datasheet
236Kb / 5P
   1K x 8-BIT STATIC RAM
logo
TEMIC Semiconductors
M67130 TEMIC-M67130 Datasheet
783Kb / 16P
   1K X 8 CMOS DUAL PORT RAM
logo
Cypress Semiconductor
CY7C132 CYPRESS-CY7C132_05 Datasheet
562Kb / 18P
   2K x 8 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com