Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB238T100FH Datasheet(PDF) 1 Page - Rohm

Part # RB238T100FH
Description  Schottky Barrier Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RB238T100FH Datasheet(HTML) 1 Page - Rohm

  RB238T100FH Datasheet HTML 1Page - Rohm RB238T100FH Datasheet HTML 2Page - Rohm RB238T100FH Datasheet HTML 3Page - Rohm RB238T100FH Datasheet HTML 4Page - Rohm RB238T100FH Datasheet HTML 5Page - Rohm RB238T100FH Datasheet HTML 6Page - Rohm RB238T100FH Datasheet HTML 7Page - Rohm RB238T100FH Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Datasheet
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
Schottky Barrier Diode
RB238T100FH
AEC-Q101 Qualified
Application
Dimensions
(Unit : mm)
Structure
Switching power supply
Features
1) Cathode common type
2) High reliability
3) Super low IR
Construction
Silicon epitaxial planar type
Absolute Maximum Ratings
(Tc= 25°C)
Repetitive peak reverse voltage
VRM
V
Reverse voltage
VR
V
Operating junction temperature
Tj
°C
Storage temperature
Tstg
°C
Electrical and Thermal Characteristics
(Tj= 25°C)
Symbol
Min. Typ. Max. Unit
Forward voltage
VF
-
-
0.86
V
Reverse current
IR
--
20
A
Thermal resistance
Rth(j-c)
--
2
°C / W
Parameter
100
150
55 to 150
VR=100V
Direct reverse voltage
40
IF=20A
Junction to case
Conditions
Ta=25ºC, 1cycle, per diode
-
-
Symbol
Limits
Unit
110
Parameter
Conditions
Duty≦0.5
A
IFSM
Non-repetitive forward current surge peak
60Hz half sin wave, Non-repetitive at
100
A
Average forward rectified current
Io
Glass epoxy board mounted, 60Hz half sin wave,
resistive load,Tc=85ºC Max., IO/2 per diode
1
ROHM : TO220FN
: Manufacture Date
2.45±
0.5 2.45±0.5
1.2
1.3
0.8
(1) (2) (3)
4.5±
2.6±
0.5
0.3
0.1
2.8±
0.2
0.1
0.75±
0.1
0.05
10.0±
0.3
0.1
3.2±0.2
(1)
(2)
(3)
Anode Cathode Anode
1
1/5
2015.08 - Rev.A


Similar Part No. - RB238T100FH

ManufacturerPart #DatasheetDescription
logo
Rohm
RB238T100 ROHM-RB238T100 Datasheet
692Kb / 6P
   Schottky Barrier Diode
RB238T100HZ ROHM-RB238T100HZ Datasheet
1Mb / 8P
   Schottky Barrier Diode
RB238T100NZ ROHM-RB238T100NZ Datasheet
819Kb / 9P
   Schottky Barrier Diode
More results

Similar Description - RB238T100FH

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com