Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TD301DCANH3 Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # TD301DCANH3
Description  Industrial Bus
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

TD301DCANH3 Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  TD301DCANH3_14 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. TD301DCANH3_14 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. TD301DCANH3_14 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. TD301DCANH3_14 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Industrial Bus
TDx01DCANH3 Series
2014.07.30-A/1
Page 2 of4
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Operating Temperature
-40℃~+105℃
Transportation and Storage
Temperature
-55℃~+125℃
Operating Humidity
10%~90%
Max. Operating Temperature
for casing
Ta=25℃
25℃ (Typ.)
Application Environment
The presence of dust, fierce vibration, impulsion and
corrosive gas may cause damage to the product
Physical Specifications
Casing Material
WH8100-F
Package
DIP8
Dimensions
19.90*16.90*7.00 mm
Weight
4.00g(Typ.)
Cooling Method
Natural cooling
EMC Specifications
EMI
Conducted Disturbance
CISPR22/EN55022
CLASS A (see 2-② for recommended circuit)
Radiated Emission
CISPR22/EN55022
CLASS A (see 2-② for recommended circuit)
EMS
Electrostatic Discharge
IEC/EN61000-4-2
Contact ±4KV
perf. CriteriaB
EFT
IEC/EN61000-4-4
Power supply port ±2KV
(see 2-① for recommended circuit)
perf. CriteriaB
IEC/EN61000-4-4
Signal port ±1KV
(see 2-③ for recommended circuit)
perf. CriteriaB
Surge Immunity
IEC/EN61000-4-5
Power supply port ±1KV
(see 2-① for recommended circuit)
perf. CriteriaB
Signal port ±0.25KV/±0.5KV
(see 2-③ for recommended circuit)
perf. CriteriaB
Signal port ±0.5KV/±1KV
(see 2-③ for recommended circuit)
perf. CriteriaB
Signal port ±1KV/±2KV
(see 2-③ for recommended circuit)
perf. CriteriaB
Signal port ±2KV/±4KV
(see 2-③ for recommended circuit)
perf. CriteriaB
Signal port ±4KV/±6KV
(see 2-③ for recommended circuit)
perf. CriteriaB
Application Precautions
1. Please read the technical manual carefully before use; contact our technical support if you have any problem.
2. Do not use the product in hazardous areas.
3. Use DC power supply for the product and 220V AC power supply is prohibited.
4. Do not dismount and assemble the product without permission to avoid failure or malfunction of equipment.
After-sales service
1. Ex-factory inspection and quality control have been strictly conducted for the product; if there occurs abnormal operation or possibility
of failure of internal module, please contact the local representative or our technical support.
2. The warranty period for the product is3 years as calculated from the date of delivery. If any quality problem occurs under normal use
within the warranty period, the product can be repaired or changed for free.
Applied circuit
See Application Notes for Isolated Transmitter for details.


Similar Part No. - TD301DCANH3_14

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
TD301DCANH3 MORNSUN-TD301DCANH3 Datasheet
872Kb / 3P
   SINGLE HIGH RATE H-CAN ISOLATION TRANSCEIVER MODULE
More results

Similar Description - TD301DCANH3_14

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
TD301D485H MORNSUN-TD301D485H_15 Datasheet
253Kb / 4P
   Industrial Bus
TDH301D485H MORNSUN-TDH301D485H_15 Datasheet
478Kb / 4P
   Industrial Bus
logo
Wall Industries,Inc.
RBCAN01 WALL-RBCAN01 Datasheet
425Kb / 5P
   CAN Isolation Transceiver Module Industrial Bus
RBCAND21 WALL-RBCAND21 Datasheet
469Kb / 5P
   CAN Isolation Transceiver Module Industrial Bus
RBCANH21 WALL-RBCANH21 Datasheet
469Kb / 5P
   CAN Isolation Transceiver Module Industrial Bus
logo
BOSER Technology Co., L...
HS-7238S BOSER-HS-7238S_1 Datasheet
3Mb / 88P
   Pentium짰 4 PCI-ISA Bus Industrial Single Board Computer
logo
Rohm
BR25H020F-2LB ROHM-BR25H020F-2LB Datasheet
989Kb / 31P
   Serial EEPROM Series Industrial EEPROM 125??Operation SPI BUS EEPROM
BR25H320F-2LB ROHM-BR25H320F-2LB Datasheet
963Kb / 31P
   Serial EEPROM Series Industrial EEPROM 125??Operation SPI BUS EEPROM
BR25H010F-2LB ROHM-BR25H010F-2LB Datasheet
987Kb / 31P
   Serial EEPROM Series Industrial EEPROM 125??Operation SPI BUS EEPROM
BR25H160F-2LB ROHM-BR25H160F-2LB Datasheet
986Kb / 31P
   Serial EEPROM Series Industrial EEPROM 125??Operation SPI BUS EEPROM
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com