Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K3GNPDT124VDC Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # K3GNPDT124VDC
Description  1/32 DIN Digital Panel Meter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

K3GNPDT124VDC Datasheet(HTML) 2 Page - Omron Electronics LLC

  K3GNPDT124VDC Datasheet HTML 1Page - Omron Electronics LLC K3GNPDT124VDC Datasheet HTML 2Page - Omron Electronics LLC K3GNPDT124VDC Datasheet HTML 3Page - Omron Electronics LLC K3GNPDT124VDC Datasheet HTML 4Page - Omron Electronics LLC K3GNPDT124VDC Datasheet HTML 5Page - Omron Electronics LLC K3GNPDT124VDC Datasheet HTML 6Page - Omron Electronics LLC K3GNPDT124VDC Datasheet HTML 7Page - Omron Electronics LLC K3GNPDT124VDC Datasheet HTML 8Page - Omron Electronics LLC K3GNPDT124VDC Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
K-8
1/32 DIN Digital Panel Meter
K3GN
Ordering Information
■ List of Models
Specifications
■ Ratings
Note: A control power supply capacity greater than the rated capacity is required when the Digital Panel Meter is turned ON. Do not forget to take
this into consideration when using several Digital Panel Meters. When power is supplied, all indicators will light and outputs will be OFF.
When using startup compensation time operation, the display will read “00000” and all outputs will be OFF.
Input type
Supply
voltage
Output
Communications
No communications
RS-485
DC voltage/current, NPN
24 VDC
Dual relays (SPST-NO)
K3GN-NDC 24 VDC
K3GN-NDC-FLK 24 VDC
Three NPN open collector
K3GN-NDT1 24 VDC
K3GN-NDT1-FLK 24 VDC
DC voltage/current, PNP
Dual relays (SPST-NO)
K3GN-PDC 24 VDC
K3GN-PDC-FLK 24 VDC
Three PNP open collector
K3GN-PDT2 24 VDC
K3GN-PDT2-FLK 24 VDC
Supply voltage
24 VDC
Operating voltage range
85% to 110% of the rated supply voltage
Power consumption (see note)
2.5 W max. (at max. DC load with all indicators lit)
Insulation resistance
20 M
Ω min. (at 500 VDC) between external terminal and case.
Insulation provided between inputs, outputs, and power supply.
Dielectric strength
1,000 VAC for 1 min between external terminal and case.
Insulation provided between inputs, outputs, and power supply.
Noise immunity
±480 V on power supply terminals in normal mode, ±1,500 V in common mode, ±1 µs, or 100 ns for square-
wave noise with 1 ns
Vibration resistance
Malfunction: 10 to 55 Hz, 10 min each in X, Y, and Z directions; acceleration: 9.8 m/s2
Destruction: 10 to 55 Hz, 30 min each in X, Y, and Z directions; acceleration: 19.6 m/s2
Shock resistance
Malfunction: Models with transistor outputs: 196 m/s2 for 3 times each in X, Y, and Z directions
Models with relay contact outputs: 98 m/s2 for 3 times each in X, Y, and Z directions
Destruction: 294 m/s2 for 3 times each in X, Y, and Z directions
Ambient temperature
Operating:
−10°C to 55°C (with no condensation or icing)
Storage:
−25°C to 65°C (with no condensation or icing)
Ambient humidity
Operating:
25% to 85% (with no condensation)
EMC
(EMI)
EN61326+A1
Industry
Emission Enclosure:
CISPR 11 Group 1 class A: CISRP16-1/-2
Emission AC Mains:
CISPR 11 Group 1 class A: CISRP16-1/-2
(EMS)
EN61326+A1
Industry
Immunity ESD:
EN61000-4-2:
4 kV contact discharge (level 2)
8 kV air discharge (level 3)
Immunity RF-interference:
EN61000-4-3:
10 V/m (amplitude-modulated,
80 MHz to 1 GHz) (level 3)
Immunity Fast Transient Noise:
EN61000-4-4:
2 kV (power line) (level 3)
Immunity Burst Noise:
1 kV line to line (I/O signal line)
Immunity Surge:
EN61000-4-5:
1 kV line to line
2 kV line to ground (power line)
Immunity Conducted Disturbance EN61000-4-6:
3 V (0.15 to 80 MHz) (level 2)
Immunity Voltage Dip/Interrupting EN61000-4-11:
0.5 cycles, 0, 180
°, 100% (rated voltage)
Approved standards
UL508, CSA22.2;
Conforms to EN61326+A1, EN61010-1 (IEC61010-1)
Conforms to VDE0106/P100 (finger protection) when the terminal cover is mounted.
Weight
Approx. 100 g


Similar Part No. - K3GNPDT124VDC

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
K3GN-NDC24VDC OMRON-K3GN-NDC24VDC Datasheet
1Mb / 34P
   Contact Displacement Sensors
K3GN-NDT124VDC OMRON-K3GN-NDT124VDC Datasheet
1Mb / 34P
   Contact Displacement Sensors
More results

Similar Description - K3GNPDT124VDC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DM-2000AB MURATA-DM-2000AB Datasheet
814Kb / 3P
   Digital Panel Meter
DM-350 MURATA-DM-350 Datasheet
995Kb / 3P
   3-1/2 Digit Miniature Digital Panel Meter
logo
List of Unclassifed Man...
DM-4101N ETC1-DM-4101N Datasheet
215Kb / 5P
   4 1/2 Digit Differential LED Digital Panel Meter
logo
Murata Manufacturing Co...
DM-2100 MURATA-DM-2100 Datasheet
780Kb / 3P
   3-1/2 Digit Low Cost Digital Panel Meter
DM4101D MURATA-DM4101D Datasheet
3Mb / 9P
   Micro-Bussable 4-1/2 Digit Digital Panel Meter
DM-3100X MURATA-DM-3100X Datasheet
1Mb / 6P
   3-1/2 Digit Micropowered LCD Digital Panel Meter
DM4101N MURATA-DM4101N Datasheet
219Kb / 5P
   4쩍 Digit Differential LED Digital Panel Meter
DM-3000 MURATA-DM-3000 Datasheet
2Mb / 8P
   Multifunctional Digital Panel Meter and Counter Display
DM-4000 MURATA-DM-4000 Datasheet
1Mb / 5P
   4-1/2 and 4-3/4 Digit Miniature Digital Panel Meter
DM3100U1 MURATA-DM3100U1 Datasheet
289Kb / 6P
   3쩍 Digit, LCD Digital Panel Meter with Descriptors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com