Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL-315 Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # EL-315
Description  Infrared Emitting Diodes(GaAs)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

EL-315 Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  EL-315 Datasheet HTML 1Page - KODENSHI_AUK CORP. EL-315 Datasheet HTML 2Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 1-
EL-315
Infrared Emitting Diodes(GaAs)
KODENSHI
Forward voltage
Reverse current
Capacitance
Radiant intensity
Peak emission wavelength
Spectral bandwidth 50%
Half angle
The EL-315 a high-power GaAs IRED mounted in a
clear sidelooking package, is compact, low profile, and
easy to mount.
FEATURES
•Compact
•Low profile package
•Low-cost
•Sidelooking plastic package
APPLICATIONS
•Photointerrupters
•Optical switches
•Toys
DIMENSIONS
(Unit : mm)
Rating
Symbol
Item
MAXIMUM RATINGS
Reverse voltage
Forward current
Pulse forward current
*1
Power dissipation
Operating temp.
Storage temp.
Soldering temp. *2
VR
IF
IFP
PD
Topr.
Tstg.
Tsol.
5
50
0.5
75
-25~+85
-30~+100
240
V
mA
A
mW
Unit
(Ta=25℃)
(Ta=25℃)
ELECTRO-OPTICAL CHARACTERISTICS
IF=50mA
VR=5V
f=1MHz
IF=50mA
IF=50mA
IF=50mA
Item
Typ.
25
0.7
940
50
±30
VF
IR
Ct
PO
λp
Δλ
△θ
1.6
10
V
μ
A
pF
mW/sr
nm
nm
deg.
Symbol
Conditions
Min.
Max.
Unit.
*1. pulse width :tw ≦100 μ
sec.period :T=10msec.
*2. For MAX.5 seconds at the position of 2 mm from the package


Similar Part No. - EL-315

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
EL-313 KODENSHI-EL-313 Datasheet
206Kb / 2P
   Infrared Emitting Diodes(GaAs)
EL-314 KODENSHI-EL-314 Datasheet
192Kb / 2P
   Infrared Emitting Diodes(GaAs)
EL-316 KODENSHI-EL-316 Datasheet
183Kb / 2P
   Infrared Emitting Diodes(GaAs)
More results

Similar Description - EL-315

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
EL6F11 KODENSHI-EL6F11 Datasheet
205Kb / 2P
   Infrared Emitting Diodes(GaAs)
logo
PerkinElmer Optoelectro...
VTE3322LA PERKINELMER-VTE3322LA Datasheet
22Kb / 1P
   GaAs Infrared Emitting Diodes
logo
KODENSHI_AUK CORP.
EL-23G KODENSHI-EL-23G Datasheet
190Kb / 2P
   Infrared Emitting Diodes(GaAs)
EL-305 KODENSHI-EL-305 Datasheet
201Kb / 2P
   Infrared Emitting Diodes(GaAs)
EL-325 KODENSHI-EL-325 Datasheet
74Kb / 2P
   Infrared Emitting Diodes(GaAs)
KEL55L KODENSHI-KEL55L Datasheet
168Kb / 2P
   Infrared Emitting Diodes(GaAs)
KET511 KODENSHI-KET511 Datasheet
385Kb / 2P
   Infrared Emitting Diodes(GaAs)
KEL-3001A KODENSHI-KEL-3001A Datasheet
147Kb / 2P
   Infrared Emitting Diodes(GaAs)
KEL-1ML2 KODENSHI-KEL-1ML2 Datasheet
196Kb / 2P
   Infrared Emitting Diodes(GaAs)
EL-1CL3 KODENSHI-EL-1CL3 Datasheet
193Kb / 2P
   Infrared Emitting Diodes(GaAs)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com