Electronic Components Datasheet Search |
|
OS63GB03P Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers |
|
OS63GB03P Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers |
6 / 12 page 6 Ordering information | Switch fuses OS32...160 A Gamma series Ordering information Front operated switch fuses Including a black ON-OFF plastic handle and shaft as standard. OS50G_ include protected tunnel terminals (IP20) and OS125G include a terminal bolt kit. The handle is IP65 protected, padlockable in the OFF-position and with door interlock in the ON-position and when padlocked. The shaft is adjustable for a range of installation depths. Rated op. Rated op. Fuse Number Type Order number Units/ Weight/ current power size of type unit AC-20...23 AC-23 poles [pcs] [kg] ≤ 690V 400/500/690V [A] [kW] Mechanism between the poles 50 22/30/37 14x51 3 OS50GF12P 1SCA115553R1001 1 1.3 50 22/30/37 14x51 4 OS50GF22N1P 1SCA114622R1001 1 1.6 50 22/30/37 14x51 4 OS50GF22FP 1SCA114623R1001 1 1.6 125 55/75/110 22x58 3 OS125GF12P 1SCA114624R1001 1 1.5 125 55/75/110 22x58 4 OS125GF22N1P 1SCA115893R1001 1 1.8 125 55/75/110 22x58 4 OS125GF22FP 1SCA115614R1001 1 1.8 Mechanism at the end of the switch fuse 50 22/30/37 14x51 3 OS50GF03P 1SCA115492R1001 1 1.3 50 22/30/37 14x51 4 OS50GF04N1P 1SCA115495R1001 1 1.6 50 22/30/37 14x51 4 OS50GF04FP 1SCA115498R1001 1 1.6 125 55/75/110 22x58 3 OS125GF03P 1SCA115602R1001 1 1.5 125 55/75/110 22x58 4 OS125GF04N1P 1SCA115888R1001 1 1.8 125 55/75/110 22x58 4 OS125GF04FP 1SCA115606R1001 1 1.8 Side operated switch fuses without handle and shaft OS50G_ include protected tunnel terminals (IP20) and OS125G include a terminal bolt kit. Rated op. Rated op. Fuse Number Type Order number Units/ Weight/ current power size of type unit AC-20...23 AC-23 poles [pcs] [kg] ≤ 690V 400/500/690V [A] [kW] 50 22/30/37 14x51 3 OS50GFS30 1SCA116050R1001 1 1.3 50 22/30/37 14x51 4 OS50GFS40N1 1SCA116058R1001 1 1.6 50 22/30/37 14x51 4 OS50GFS40F 1SCA116014R1001 1 1.6 125 55/75/110 22x58 3 OS125GFS30 1SCA115973R1001 1 1.5 125 55/75/110 22x58 4 OS125GFS40N1 1SCA115974R1001 1 1.8 125 55/75/110 22x58 4 OS125GFS40F 1SCA115975R1001 1 1.8 Shafts and handles included as standard / Front operated switch fuses Suitable for switches Included shaftIncluded handle Included terminal bolts OS50G_ OXP6X161 OHB45J6 OS125G_ OXP6X161 OHB65J6 M8x25 OS_N1_ = Non-fused neutral on the left side OS_F_ = Fused neutral Switch fuses OS32G...160G_, NFC-types ON ON O F F O F F ON ON OFF OFF ON ON O F F O F F ON ON OFF OFF OS125G_03P OS50G_03P ON ON O F F O F F ON ON O F F O F F OS50GFS_ (handle and the shaft to be ordered separately) OS125GFS_ (handle and the shaft to be ordered separately) |
Similar Part No. - OS63GB03P |
|
Similar Description - OS63GB03P |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |