Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OS125GDS40N2 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # OS125GDS40N2
Description  Switch fuses
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OS125GDS40N2 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  OS125GDS40N2 Datasheet HTML 1Page - List of Unclassifed Manufacturers OS125GDS40N2 Datasheet HTML 2Page - List of Unclassifed Manufacturers OS125GDS40N2 Datasheet HTML 3Page - List of Unclassifed Manufacturers OS125GDS40N2 Datasheet HTML 4Page - List of Unclassifed Manufacturers OS125GDS40N2 Datasheet HTML 5Page - List of Unclassifed Manufacturers OS125GDS40N2 Datasheet HTML 6Page - List of Unclassifed Manufacturers OS125GDS40N2 Datasheet HTML 7Page - List of Unclassifed Manufacturers OS125GDS40N2 Datasheet HTML 8Page - List of Unclassifed Manufacturers OS125GDS40N2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4 Ordering information | Switch fuses OS32...160 A Gamma series
Ordering information
Switch fuses OS32G...160G_, DIN-types
Front operated switch fuses
Including a black ON-OFF plastic handle and shaft as standard. OS32G_...63G_ include protected
tunnel terminals (IP20) and OS125G...160G include a terminal bolt kit. The handle is IP65 protected,
padlockable in the OFF-position and with door interlock in the ON-position and when padlocked. The
shaft is adjustable for a range of installation depths.
Rated op.
Rated op.
Fuse
Number
Type
Order number
Units/
Weight/
current
power
size
of
type
unit
AC-20...23
AC-23
poles
[pcs]
[kg]
≤ 690V
400/500/690V
[A]
[kW]
Mechanism between the poles
32
15/18.5/22 000
3
OS32GD12P
1SCA114581R1001 1
1.3
32
15/18.5/22 000
4
OS32GD22N2P
1SCA115202R1001 1
1.6
63
30/37/55
000
3
OS63GD12P
1SCA115227R1001 1
1.3
63
30/37/55
000
4
OS63GD22N2P
1SCA115230R1001 1
1.6
125
55/75/110 000, 00
3
OS125GD12P
1SCA115641R1001 1
1.5
125
55/75/110 000, 00
4
OS125GD22N2P
1SCA115880R1001 1
1.8
160
75/90/132 000, 00
3
OS160GD12P
1SCA115643R1001 1
1.5
160
75/90/132 000, 00
4
OS160GD22N2P
1SCA115884R1001 1
1.8
Mechanism at the end of the switch fuse
32
15/18.5/22 000
3
OS32GD03P
1SCA115189R1001 1
1.3
32
15/18.5/22 000
4
OS32GD04N2P
1SCA115193R1001 1
1.6
63
30/37/55
000
3
OS63GD03P
1SCA115207R1001 1
1.3
63
30/37/55
000
4
OS63GD04N2P
1SCA115209R1001 1
1.6
125
55/75/110 000, 00
3
OS125GD03P
1SCA115639R1001 1
1.5
125
55/75/110 000, 00
4
OS125GD04N2P
1SCA115877R1001 1
1.8
160
75/90/132 000, 00
3
OS160GD03P
1SCA115399R1001 1
1.5
160
75/90/132 000, 00
4
OS160GD04N2P
1SCA115882R1001 1
1.8
Side operated switch fuses without handle and shaft
OS32G_...63G_ include protected tunnel terminals (IP20) and OS125G...160G include a terminal bolt kit.
Rated op.
Rated op.
Fuse
Number
Type
Order number
Units/
Weight/
current
power
size
of
type
unit
AC-20...23
AC-23
poles
[pcs]
[kg]
≤ 690V
400/500/690V
[A]
[kW]
32
15/18.5/22 000
3
OS32GDS30
1SCA115963R1001 1
1.3
32
15/18.5/22 000
4
OS32GDS40N2
1SCA116046R1001 1
1.6
63
30/37/55
000
3
OS63GDS30
1SCA116007R1001 1
1.3
63
30/37/55
000
4
OS63GDS40N2
1SCA116047R1001 1
1.6
125
55/75/110 000, 00
3
OS125GDS30
1SCA115966R1001 1
1.5
125
55/75/110 000, 00
4
OS125GDS40N2
1SCA115967R1001 1
1.8
160
75/90/132 000, 00
3
OS160GDS30
1SCA115968R1001 1
1.5
160
75/90/132 000, 00
4
OS160GDS40N2
1SCA115969R1001 1
1.8
Shafts and handles included as standard /
Front operated switch fuses
Suitable for switches
Included shaftIncluded handle
Included terminal bolts
OS32G_...63G_
OXP6X161OHB45J6
OS125G_...160G_
OXP6X161OHB65J6
M8x25
OS_N2_ = Non-fused neutral on the right side
ON
ON
O
F
F
O
F
F
ON
ON
OFF
OFF
ON
ON
O
F
F
O
F
F
ON
ON
OFF
OFF
OS125G_...160G_03P
OS32G_...63G_03P
ON
ON
O
F
F
O
F
F
ON
ON
O
F
F
O
F
F
OS32G_...63GDS_
(handle and the shaft to be
ordered separately)
OS125G_...160GDS_
(handle and the shaft to be
ordered separately)


Similar Part No. - OS125GDS40N2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OS1200L03 ETC2-OS1200L03 Datasheet
735Kb / 8P
   Disconnect switches Non-fusible Fusible
logo
OSRAM GmbH
OS128064PK10MG1B10 OSRAM-OS128064PK10MG1B10 Datasheet
299Kb / 2P
   OLED DISPLAY SOLUTIONS
OS128064PK10MO1B10 OSRAM-OS128064PK10MO1B10 Datasheet
299Kb / 2P
   OLED DISPLAY SOLUTIONS
OS128064PK10MW1B10 OSRAM-OS128064PK10MW1B10 Datasheet
299Kb / 2P
   OLED DISPLAY SOLUTIONS
OS128064PK10MY0B10 OSRAM-OS128064PK10MY0B10 Datasheet
299Kb / 2P
   OLED DISPLAY SOLUTIONS
More results

Similar Description - OS125GDS40N2

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
09-12-008-4650 HARTING-09-12-008-4650 Datasheet
548Kb / 2P
   Han-Power S metal w. switch/fuses/LEDs
2021-11-20
logo
Semikron International
FUSES000 SEMIKRON-FUSES000 Datasheet
252Kb / 6P
   FUSES
logo
List of Unclassifed Man...
FUSE125B ETC1-FUSE125B Datasheet
1Mb / 6P
   FUSES
2019
logo
Littelfuse
045101.5NR LITTELFUSE-045101.5NR Datasheet
1Mb / 4P
   Surface Mount Fuses Surface Mount Fuses
044801.6MR LITTELFUSE-044801.6MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
logo
Dubilier
DBCFC1QB100 DUBILIER-DBCFC1QB100 Datasheet
101Kb / 1P
   FUSES 5x20mm CERAMIC FUSES - QUICK BLOW
DBCFC1TD100 DUBILIER-DBCFC1TD100 Datasheet
101Kb / 1P
   FUSES 5x20mm CERAMIC FUSES - QUICK BLOW
DBCFG1TD50 DUBILIER-DBCFG1TD50 Datasheet
104Kb / 1P
   FUSES 5x20mm GLASS FUSES - QUICK BLOW
DBCFG1QB50 DUBILIER-DBCFG1QB50 Datasheet
104Kb / 1P
   FUSES 5x20mm GLASS FUSES - QUICK BLOW
logo
Littelfuse
0452.500MRL LITTELFUSE-0452.500MRL Datasheet
190Kb / 3P
   Surface Mount Fuses Surface Mount Fuses
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com