Electronic Components Datasheet Search |
|
TLV2460QPWRQ1 Datasheet(PDF) 8 Page - Texas Instruments |
|
TLV2460QPWRQ1 Datasheet(HTML) 8 Page - Texas Instruments |
8 / 46 page TLV2460-Q1, TLV2460A-Q1, TLV2461-Q1, TLV2461A-Q1 TLV2462-Q1, TLV2462A-Q1, TLV2463-Q1, TLV2463A-Q1, TLV2464A-Q1 SGLS008F – MARCH 2003 – REVISED DECEMBER 2015 www.ti.com 7.6 Electrical Characteristics - VDD = 3 V at specified free-air temperature, VDD = 3 V (unless otherwise noted) PARAMETER TEST CONDITIONS TA (1) MIN TYP MAX UNIT 25°C 100 2000 VDD = 3 V, TLV246x-Q1 Full range 2200 VIC = 1.5 V, VIO Input offset voltage μV VO = 1.5 V, 25°C 150 1500 TLV246xA-Q1 RS = 50 Ω Full range 1700 Temperature coefficient of VDD = 3 V, VIC = 1.5 V, αVIO 2 μV/°C input offset voltage VO = 1.5 V, RS = 50 Ω 25°C 2.8 7 VDD = 3 V, VIC = 1.5 V, IIO Input offset current pA VO = 1.5 V, RS = 50 Ω Full range 75 25°C 4.4 14 IIB Input bias current VIC = 1.5 V, VO = 1.5 V, RS = 50 Ω pA Full range 75 25°C 2.9 IO = –2.5 mA Full range 2.8 VOH High-level output voltage V 25°C 2.7 IO = –10 mA Full range 2.5 25°C 0.1 VIC = 1.5 V, IOL = 2.5 mA Full range 0.2 VOL Low-level output voltage V 25°C 0.3 VIC = 1.5 V, IOL = 10 mA Full range 0.5 25°C 50 Sourcing Full range 20 IOS Short circuit output current mA 25°C 40 Sinking Full range 20 IO Output current Measured 1 V from rail 25°C ±40 mA 25°C 90 105 Large-signal differential AVD RL = 10 kΩ dB voltage amplification Full range 89 ri(d) Differential input resistance 25°C 109 Ω Common-mode input ci(o) f = 10 kHz 25°C 7 pF capacitance Closed-loop output zo f = 100 kHz, AV = 10 25°C 33 Ω impedance 25°C 66 80 Common-mode rejection CMRR VICR = 0 V to 3 V, RS = 50 Ω dB ratio Full range 60 25°C 80 85 VDD = 2.7 V to 6 V, VIC = VDD/2, No load Full range 75 Supply-voltage rejection kSVR dB ratio ( ΔVDD±/ΔVIO) 25°C 85 95 VDD = 3 V to 5 V, VIC = VDD/2, No load Full range 80 25°C 0.5 0.575 Supply current IDD VO = 1.5 V, No load mA (per channel) Full range 0.9 Supply current in shutdown 25°C 0.3 IDD(SHDN) (TLV2460-Q1, SHDN < 0.7 V, Per channel in shutdown μA Full range 2.5 TLV2463-Q1) (1) Full range is –40°C to 125°C. 8 Submit Documentation Feedback Copyright © 2003–2015, Texas Instruments Incorporated Product Folder Links: TLV2460-Q1 TLV2460A-Q1 TLV2461-Q1 TLV2461A-Q1 TLV2462-Q1 TLV2462A-Q1 TLV2463- Q1 TLV2463A-Q1 TLV2464A-Q1 |
Similar Part No. - TLV2460QPWRQ1 |
|
Similar Description - TLV2460QPWRQ1 |