Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA4188AIPWR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4188AIPWR
Description  Zero-Drift Operational Amplifiers
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4188AIPWR Datasheet(HTML) 4 Page - Texas Instruments

  OPA4188AIPWR Datasheet HTML 1Page - Texas Instruments OPA4188AIPWR Datasheet HTML 2Page - Texas Instruments OPA4188AIPWR Datasheet HTML 3Page - Texas Instruments OPA4188AIPWR Datasheet HTML 4Page - Texas Instruments OPA4188AIPWR Datasheet HTML 5Page - Texas Instruments OPA4188AIPWR Datasheet HTML 6Page - Texas Instruments OPA4188AIPWR Datasheet HTML 7Page - Texas Instruments OPA4188AIPWR Datasheet HTML 8Page - Texas Instruments OPA4188AIPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
1
2
3
4
5
6
7
14
13
12
11
10
9
8
OUTD
-
IND
+IND
V
-
+INC
-
INC
OUTC
OUTA
-
INA
+INA
V+
+INB
-
INB
OUTB
A
B
D
C
OPA4188
SBOS641C – JUNE 2012 – REVISED NOVEMBER 2015
www.ti.com
6 Pin Configuration and Functions
D or PW Packages
14-Pin SOIC or 14-Pin TSSOP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
OUT A
O
Output channel A
2
–IN A
I
Inverting input channel A
3
+IN A
I
Noninverting input channel A
4
V+
I
Positive power supply
5
+IN B
I
Noninverting input channel B
6
–IN B
I
Inverting input channel B
7
OUT B
O
Output channel B
8
OUT C
O
Output channel C
9
–IN C
I
Inverting input channel C
10
+IN C
I
Noninverting input channel C
11
V–
I
Negative power supply
12
+IN D
I
Noninverting input channel D
13
–IN D
I
Inverting input channel D
14
OUT D
O
Output channel D
4
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: OPA4188


Similar Part No. - OPA4188AIPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4188AIPWR TI1-OPA4188AIPWR Datasheet
483Kb / 23P
[Old version datasheet]   0.03-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA4188AIPWR

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK2929T AKM-AK2929T Datasheet
264Kb / 8P
   Zero Drift operational amplifiers
AK2921T AKM-AK2921T Datasheet
563Kb / 15P
   Zero Drift operational amplifiers
AK2920T AKM-AK2920T Datasheet
345Kb / 15P
   Zero Drift operational amplifiers
AK2973 AKM-AK2973 Datasheet
1Mb / 18P
   Zero Drift operational amplifiers
AK2922H AKM-AK2922H Datasheet
193Kb / 5P
   Zero Drift operational amplifiers
AK2910T AKM-AK2910T Datasheet
385Kb / 15P
   Zero Drift operational amplifiers
AK2973H AKM-AK2973H Datasheet
1Mb / 18P
   Zero Drift operational amplifiers
logo
Texas Instruments
TLV333 TI1-TLV333 Datasheet
918Kb / 34P
[Old version datasheet]   CMOS Operational Amplifiers Zero-Drift
logo
Linear Technology
LTC2051 LINER-LTC2051_1 Datasheet
144Kb / 12P
   Dual/Quad Zero-Drift Operational Amplifiers
LTC2052 LINER-LTC2052_15 Datasheet
150Kb / 12P
   Dual/Quad Zero-Drift Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com