Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA1632DGNG4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA1632DGNG4
Description  High-Performance, Fully-Differential Audio Operational Amplifier
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA1632DGNG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA1632DGNG4 Datasheet HTML 2Page - Texas Instruments OPA1632DGNG4 Datasheet HTML 3Page - Texas Instruments OPA1632DGNG4 Datasheet HTML 4Page - Texas Instruments OPA1632DGNG4 Datasheet HTML 5Page - Texas Instruments OPA1632DGNG4 Datasheet HTML 6Page - Texas Instruments OPA1632DGNG4 Datasheet HTML 7Page - Texas Instruments OPA1632DGNG4 Datasheet HTML 8Page - Texas Instruments OPA1632DGNG4 Datasheet HTML 9Page - Texas Instruments OPA1632DGNG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
OPA1632
SBOS286C – DECEMBER 2003 – REVISED OCTOBER 2015
www.ti.com
Electrical Characteristics (continued)
VS = ±15 V; RF = 390 Ω, RL = 800 Ω, and G = +1 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power-Down(1)
Enable Voltage Threshold
(V
−) + 2
V
Disable Voltage Threshold
(V
−) + 0.8
V
Shutdown Current
VENABLE = −15 V
0.85
mA
Turn-On Delay
Time for IQ to Reach 50%
2
μs
Turn-Off Delay
Time for IQ to Reach 50%
2
μs
Power Supply
Specified Operating Voltage
±15
±16
V
Operating Voltage
±2.5
V
Quiescent Current
IQ
Per Channel
14
17.1
mA
Temperature Range
Specified Range
–40
+85
°C
Operating Range
–40
+125
°C
Storage Range
–65
+150
°C
(1)
Amplifier has internal 50-k
Ω pull-up resistor to VCC+ pin. This enables the amplifier with no connection to shutdown pin.
6
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: OPA1632


Similar Part No. - OPA1632DGNG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1632DGNG4 TI-OPA1632DGNG4 Datasheet
535Kb / 15P
[Old version datasheet]   High-Performance, Fully-Differential AUDIO OP AMP
logo
Burr-Brown (TI)
OPA1632DGNG4 BURR-BROWN-OPA1632DGNG4 Datasheet
494Kb / 16P
   High-Performance, Fully-Differential AUDIO OP AMP
More results

Similar Description - OPA1632DGNG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1633 TI1-OPA1633 Datasheet
1Mb / 26P
[Old version datasheet]   OPA1633 High-Performance, Fully-Differential Audio Operational Amplifier
FEBRUARY 2023
OPA1633 TI1-OPA1633_V01 Datasheet
1Mb / 31P
[Old version datasheet]   OPA1633 High-Performance, Fully Differential Audio Operational Amplifier
REVISED JULY 2023
logo
National Semiconductor ...
LME49724 NSC-LME49724 Datasheet
699Kb / 24P
   High Performance, High Fidelity, Fully-Differential Audio Operational Amplifier
logo
Texas Instruments
LME49724 TI1-LME49724 Datasheet
1Mb / 30P
[Old version datasheet]   High Performance, High Fidelity, Fully-Differential Audio Operational Amplifier
logo
Burr-Brown (TI)
OPA1632 BURR-BROWN-OPA1632 Datasheet
494Kb / 16P
   High-Performance, Fully-Differential AUDIO OP AMP
logo
Texas Instruments
OPA1632 TI-OPA1632_07 Datasheet
535Kb / 15P
[Old version datasheet]   High-Performance, Fully-Differential AUDIO OP AMP
OPA1637 TI1-OPA1637_V01 Datasheet
1Mb / 34P
[Old version datasheet]   OPA1637 High-Fidelity, Low-Noise, Fully-Differential, Burr-Brown??Audio Operational Amplifier
LME49710 TI1-LME49710_14 Datasheet
1Mb / 33P
[Old version datasheet]   High Performance, High Fidelity Audio Operational Amplifier
logo
National Semiconductor ...
LME49710 NSC-LME49710_07 Datasheet
815Kb / 28P
   High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49710 TI1-LME49710 Datasheet
1Mb / 34P
[Old version datasheet]   High-Performance, High-Fidelity Audio Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com