Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA350UAG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA350UAG4
Description  Rail-to-Rail Operational Amplifiers MicroAmplifier Series
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA350UAG4 Datasheet(HTML) 1 Page - Texas Instruments

  OPA350UAG4 Datasheet HTML 1Page - Texas Instruments OPA350UAG4 Datasheet HTML 2Page - Texas Instruments OPA350UAG4 Datasheet HTML 3Page - Texas Instruments OPA350UAG4 Datasheet HTML 4Page - Texas Instruments OPA350UAG4 Datasheet HTML 5Page - Texas Instruments OPA350UAG4 Datasheet HTML 6Page - Texas Instruments OPA350UAG4 Datasheet HTML 7Page - Texas Instruments OPA350UAG4 Datasheet HTML 8Page - Texas Instruments OPA350UAG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
1
(−40dBc)
0.1
(−60dBc)
0.01
(−80dBc)
0.001
(−100dBc)
0.0001
(−120dBc)
Frequency (Hz)
1k
10k
100k
1M
G = 1
V
O = 2.5VPP
RL = 600Ω
3rd−Harmonic
2nd−Harmonic
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
OPA350, OPA2350, OPA4350
SBOS099D – SEPTEMBER 2000 – REVISED DECEMBER 2015
OPAx350 High-Speed, Single-Supply, Rail-to-Rail Operational Amplifiers MicroAmplifier
Series
1 Features
3 Description
The OPA350 series of rail-to-rail CMOS operational
1
Rail-to-Rail Input
amplifiers are optimized for low voltage, single-supply
Rail-to-Rail Output (Within 10 mV)
operation. Rail-to-rail input and output, low noise (5
Wide Bandwidth: 38 MHz
nV/
√Hz), and high speed operation (38 MHz, 22 V/μs)
make the amplifiers ideal for driving sampling Analog-
High Slew Rate: 22 V/
μs
to-Digital (A/D) converters. They are also suited for
Low Noise: 5 nV/
√Hz
cell phone PA control loops and video processing
Low THD+Noise: 0.0006%
(75-
Ω drive capability), as well as audio and general
purpose applications. Single, dual, and quad versions
Unity-Gain Stable
have identical specifications for maximum design
MicroSize Packages
flexibility.
Single, Dual, and Quad
The OPA350 series operates on a single supply as
low as 2.5 V, with an input common-mode voltage
2 Applications
range that extends 300 mV below ground and 300
Cell Phone PA Control Loops
mV above the positive supply. Output voltage swing
Driving A/D Converters
is to within 10 mV of the supply rails, with a 10-k
Ω
load. Dual and quad designs feature completely
Video Processing
independent
circuitry
for
lowest
crosstalk
and
Data Acquisition
freedom from interaction.
Process Controls
The single (OPA350) and dual (OPA2350) come in
Audio Processing
the miniature MSOP-8 surface mount, SO-8 surface
Communications
mount, and DIP-8 packages. The quad (OPA4350)
packages are in the space-saving SSOP-16 surface
Active Filters
mount and SO-14 surface mount. All are specified
Test Equipment
from
−40°C to 85°C and operate from −55°C to
150°C.
OPAx350 Harmonic Distortion
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
MSOP (8)
3.00 mm × 3.00 mm
OPA350
SOIC (8)
3.91 mm × 4.90 mm
PDIP (8)
6.35 mm × 9.81 mm
MSOP (8)
3.00 mm × 3.00 mm
OPA2350
SOIC (8)
3.91 mm × 4.90 mm
PDIP (8)
6.35 mm × 9.81 mm
SSOP (16)
3.90 mm × 4.90 mm
OPA4350
SOIC (14)
3.91 mm × 8.65 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - OPA350UAG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA350UA BURR-BROWN-OPA350UA Datasheet
205Kb / 11P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA350UA BURR-BROWN-OPA350UA Datasheet
705Kb / 24P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
logo
Texas Instruments
OPA350UA TI1-OPA350UA Datasheet
1Mb / 28P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA350UA TI-OPA350UA Datasheet
1Mb / 29P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
OPA350UA-2K5 TI-OPA350UA-2K5 Datasheet
1Mb / 29P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
More results

Similar Description - OPA350UAG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA343 BURR-BROWN-OPA343 Datasheet
206Kb / 10P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA2343EA-2K5 TI-OPA2343EA-2K5 Datasheet
859Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier ??Series
OPA2343EA TI-OPA2343EA Datasheet
842Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
OPA2343EA TI-OPA2343EA Datasheet
842Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
OPA340NA-250 TI-OPA340NA-250 Datasheet
1Mb / 28P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier??Series
logo
Burr-Brown (TI)
OPA340 BURR-BROWN-OPA340_06 Datasheet
709Kb / 20P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier TM Series
OPA340 BURR-BROWN-OPA340 Datasheet
348Kb / 10P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier TM Series
OPA342 BURR-BROWN-OPA342 Datasheet
234Kb / 10P
   Low Cost, Low Power, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA344 BURR-BROWN-OPA344 Datasheet
243Kb / 11P
   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA350 BURR-BROWN-OPA350 Datasheet
205Kb / 11P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com