Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA1612-Q1 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA1612-Q1
Description  SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifier
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA1612-Q1 Datasheet(HTML) 2 Page - Texas Instruments

  OPA1612-Q1 Datasheet HTML 1Page - Texas Instruments OPA1612-Q1 Datasheet HTML 2Page - Texas Instruments OPA1612-Q1 Datasheet HTML 3Page - Texas Instruments OPA1612-Q1 Datasheet HTML 4Page - Texas Instruments OPA1612-Q1 Datasheet HTML 5Page - Texas Instruments OPA1612-Q1 Datasheet HTML 6Page - Texas Instruments OPA1612-Q1 Datasheet HTML 7Page - Texas Instruments OPA1612-Q1 Datasheet HTML 8Page - Texas Instruments OPA1612-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
OPA1612-Q1
SLOS931A – NOVEMBER 2015 – REVISED NOVEMBER 2015
www.ti.com
Table of Contents
8.3
Feature Description................................................. 14
1
Features .................................................................. 1
8.4
Device Functional Modes........................................ 17
2
Applications ........................................................... 1
9
Application and Implementation ........................ 18
3
Description ............................................................. 1
9.1
Application Information............................................ 18
4
Revision History..................................................... 2
9.2
Typical Application .................................................. 18
5
Pin Configuration and Functions ......................... 3
10
Power-Supply Recommendations ..................... 22
6
Specifications......................................................... 4
11
Layout................................................................... 22
6.1
Absolute Maximum Ratings ...................................... 4
11.1
Layout Guidelines ................................................. 22
6.2
ESD Ratings.............................................................. 4
11.2
Layout Example .................................................... 23
6.3
Recommended Operating Conditions ....................... 4
12
Device and Documentation Support ................. 24
6.4
Thermal Information .................................................. 4
12.1
Documentation Support ........................................ 24
6.5
Electrical Characteristics: VS = ±2.25 V to ±18 V .... 5
12.2
Community Resource............................................ 24
6.6
Typical Characteristics .............................................. 7
12.3
Trademarks ........................................................... 24
7
Parameter Measurement Information ................ 11
12.4
Electrostatic Discharge Caution ............................ 24
8
Detailed Description ............................................ 14
12.5
Glossary ................................................................ 24
8.1
Overview ................................................................. 14
13
Mechanical, Packaging, and Orderable
8.2
Functional Block Diagram ....................................... 14
Information ........................................................... 24
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Original (November 2015) to Revision A
Page
Changed the device status from Product Preview to Production Data ................................................................................. 1
2
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: OPA1612-Q1


Similar Part No. - OPA1612-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1612-Q1 TI-OPA1612-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   OPA1612-Q1 SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifier
More results

Similar Description - OPA1612-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1612-Q1 TI-OPA1612-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   OPA1612-Q1 SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifier
OPA1611 TI-OPA1611_15 Datasheet
1Mb / 31P
[Old version datasheet]   SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifiers
OPA1622 TI-OPA1622 Datasheet
2Mb / 36P
[Old version datasheet]   OPA1622 SoundPlus??High-Fidelity, Bipolar-Input, Audio Operational Amplifier
OPA1602 TI1-OPA1602 Datasheet
792Kb / 23P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
JUNE2011
OPA1602_1111 TI1-OPA1602_1111 Datasheet
1Mb / 28P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
NOVEMBER2011
OPA1611 TI-OPA1611 Datasheet
736Kb / 21P
[Old version datasheet]   High-Performance Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1602 TI-OPA1602_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1622 TI1-OPA1622 Datasheet
2Mb / 36P
[Old version datasheet]   High-Fidelity, Bipolar-Input, Audio Operational Amplifier
logo
New Japan Radio
MUSE02 NJRC-MUSE02 Datasheet
397Kb / 12P
   High Quality Audio, Bipolar Input, Dual Operational Amplifier
MUSES02 NJRC-MUSES02 Datasheet
396Kb / 12P
   High Quality Audio, Bipolar Input, Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com