Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA350PA Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA350PA
Description  Rail-to-Rail Operational Amplifiers MicroAmplifier Series
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA350PA Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA350PA Datasheet HTML 2Page - Texas Instruments OPA350PA Datasheet HTML 3Page - Texas Instruments OPA350PA Datasheet HTML 4Page - Texas Instruments OPA350PA Datasheet HTML 5Page - Texas Instruments OPA350PA Datasheet HTML 6Page - Texas Instruments OPA350PA Datasheet HTML 7Page - Texas Instruments OPA350PA Datasheet HTML 8Page - Texas Instruments OPA350PA Datasheet HTML 9Page - Texas Instruments OPA350PA Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
OPA350, OPA2350, OPA4350
SBOS099D – SEPTEMBER 2000 – REVISED DECEMBER 2015
www.ti.com
6.6 Electrical Characteristics
VS = 2.7 V to 5.5 V; All specifications at TA = 25°C, RL = 1 kΩ connected to VS/2 and VOUT = VS/2, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
OFFSET VOLTAGE
VS = 5 V
±150
±500
µV
TA = −40°C to
VOS
Input offset voltage
±1
mV
85°C
vs Temperature
TA = –40°C to 85°C
±4
μV/°C
40
150
vs Power-supply
PSRR
VS = 2.7 V to 5.5 V, VCM = 0 V
µV/V
rejection ratio
175
Channel separation (dual, quad)
DC
0.15
µV/V
INPUT BIAS CURRENT
±0.5
±10
IB
Input bias current
pA
vs Temperature
See Typical Characteristics
IOS
Input offset current
±0.5
±10
pA
NOISE
Input voltage noise, f = 100 Hz to 400 kHz
4
μVrms
en
Input voltage noise density, f = 10 kHz
7
nV/
√Hz
Input current noise density, f = 100 kHz
5
nV/
√Hz
in
Current noise density, f = 10 kHz
4
fA/
√Hz
INPUT VOLTAGE RANGE
VCM
Common-mode voltage range
TA = −40°C to 85°C
–0.1
(V+) + 0.1
V
VS = 2.7 V, −0.1 V < VCM < 2.8 V
66
84
VS = 5.5 V, −0.1 V < VCM < 5.6 V
74
90
CMRR
Common-mode rejection ratio
dB
TA = −40°C to 85°C,
74
VS = 5.5 V, −0.1 V < VCM < 5.6 V
INPUT IMPEDANCE
Differential
Ω || pF
1013 || 2.5
Common-mode
Ω || pF
1013 || 6.5
OPEN-LOOP GAIN
RL = 10 kΩ, 50 mV < VO < (V+) –50 mV
100
122
RL = 10 kΩ, 50 mV < VO < (V+) –50 mV
100
Open-loop voltage
AOL
dB
TA = –40°C to
gain
RL = 1 kΩ, 200 mV < VO < (V+) –200 mV
100
120
85°C
RL = 1 kΩ, 200 mV < VO < (V+) –200 mV
100
FREQUENCY RESPONSE (CL = 100 pF)
GBW
Gain-bandwidth product
G = 1
38
MHz
SR
Slew rate
G = 1
22
V/µs
0.1%
0.22
Settling time
G = ±1, 2-V Step
µs
0.01%
0.5
Overload recovery time
VIN × G = VS
0.1
µs
THD+N
Total harmonic distortion + noise
RL = 600 Ω, VO = 2.5 VPP
(2), G = 1, f = 1 kHz
0.0006%
Differential gain error
G = 2, RL = 600 Ω, VO = 1.4 V
(3)
0.17%
Differential phase error
G = 2, RL = 600 Ω, VO = 1.4 V
(3)
0.17
°
OUTPUT
RL = 10 kΩ, AOL ≥ 100 dB
10
50
Voltage output swing
VOUT
RL = 10 kΩ, AOL ≥ 100 dB
50
mV
TA = –40°C to
from rail(4)
85°C
RL = 1 kΩ, AOL ≥ 100 dB
25
200
IOUT
Output current
±40(5)
mA
ISC
short circuit current
±80
mA
CLOAD
Capacitive load drive
See Typical Characteristics
(1)
VS = 5 V
(2)
VOUT = 0.25 V to 2.75 V
(3)
NTSC signal generator used. See Figure 31 for test circuit.
(4)
Output voltage swings are measured between the output and power supply rails.
(5)
See Figure 17.
6
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: OPA350 OPA2350 OPA4350


Similar Part No. - OPA350PA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA350PA BURR-BROWN-OPA350PA Datasheet
205Kb / 11P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA350PA BURR-BROWN-OPA350PA Datasheet
705Kb / 24P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
logo
Texas Instruments
OPA350PA TI1-OPA350PA Datasheet
1Mb / 28P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA350PA TI-OPA350PA Datasheet
1Mb / 29P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
More results

Similar Description - OPA350PA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA343 BURR-BROWN-OPA343 Datasheet
206Kb / 10P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA2343EA-2K5 TI-OPA2343EA-2K5 Datasheet
859Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier ??Series
OPA2343EA TI-OPA2343EA Datasheet
842Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
OPA2343EA TI-OPA2343EA Datasheet
842Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
OPA340NA-250 TI-OPA340NA-250 Datasheet
1Mb / 28P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier??Series
logo
Burr-Brown (TI)
OPA340 BURR-BROWN-OPA340_06 Datasheet
709Kb / 20P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier TM Series
OPA340 BURR-BROWN-OPA340 Datasheet
348Kb / 10P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier TM Series
OPA342 BURR-BROWN-OPA342 Datasheet
234Kb / 10P
   Low Cost, Low Power, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA344 BURR-BROWN-OPA344 Datasheet
243Kb / 11P
   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA350 BURR-BROWN-OPA350 Datasheet
205Kb / 11P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com