Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA541 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA541
Description  High Power Monolithic Operational Amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA541 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA541 Datasheet HTML 4Page - Texas Instruments OPA541 Datasheet HTML 5Page - Texas Instruments OPA541 Datasheet HTML 6Page - Texas Instruments OPA541 Datasheet HTML 7Page - Texas Instruments OPA541 Datasheet HTML 8Page - Texas Instruments OPA541 Datasheet HTML 9Page - Texas Instruments OPA541 Datasheet HTML 10Page - Texas Instruments OPA541 Datasheet HTML 11Page - Texas Instruments OPA541 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Differential
Amplifier
Voltage
Amplifier
High Current
Output Stage with
Current Limiting
Biasing
ILIM
V-IN
V+IN
V-
V+
VO
OPA541
SBOS153B – SEPTEMBER 2000 – REVISED JANUARY 2016
www.ti.com
7 Detailed Description
7.1 Overview
The OPA541 uses a JFET input stage, followed by a main voltage gain stage, and a class A/B high current
output stage.
7.2 Functional Block Diagram
7.3 Feature Description
The OPA541 JFET input stage reduces circuit loading and input bias currents. The class A/B high current output
stage incorporates temperature compensated biasing to reduce crossover distortion. The output stage also
includes a user settable current limit for amplifier and circuit protection.
7.4 Device Functional Modes
The OPA541 has a single functional mode. The OPA541 is operational when the power supply voltage exceeds
10 V (±5 V) and less than 80 V (±40 V).
8
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
Product Folder Links: OPA541


Similar Part No. - OPA541

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA541 BURR-BROWN-OPA541 Datasheet
104Kb / 8P
   High Power Monolithic OPERATIONAL AMPLIFIER
OPA541AM BURR-BROWN-OPA541AM Datasheet
104Kb / 8P
   High Power Monolithic OPERATIONAL AMPLIFIER
OPA541AP BURR-BROWN-OPA541AP Datasheet
104Kb / 8P
   High Power Monolithic OPERATIONAL AMPLIFIER
OPA541BM BURR-BROWN-OPA541BM Datasheet
104Kb / 8P
   High Power Monolithic OPERATIONAL AMPLIFIER
OPA541SM BURR-BROWN-OPA541SM Datasheet
104Kb / 8P
   High Power Monolithic OPERATIONAL AMPLIFIER
More results

Similar Description - OPA541

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA541 BURR-BROWN-OPA541 Datasheet
104Kb / 8P
   High Power Monolithic OPERATIONAL AMPLIFIER
logo
Motorola, Inc
MC1709 MOTOROLA-MC1709 Datasheet
761Kb / 4P
   MONOLITHIC OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LM6313 NSC-LM6313 Datasheet
246Kb / 10P
   High Power Operational Amplifier
logo
Cirrus Logic
CPA241 CIRRUS-CPA241 Datasheet
163Kb / 2P
   High Power Operational Amplifier
CPA241 APEX-CPA241 Datasheet
114Kb / 1P
   HIGH POWER OPERATIONAL AMPLIFIER
logo
Anaren Microwave
MSK115 ANAREN-MSK115 Datasheet
378Kb / 7P
   HIGH POWER OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
AD847JRZ ETC2-AD847JRZ Datasheet
87Kb / 12P
   MICROCIRCUIT, LINEAR, HIGH SPEED, LOW POWER, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
logo
TelCom Semiconductor, I...
TC901 TELCOM-TC901 Datasheet
55Kb / 4P
   MONOLITHIC, AUTO-ZEROED OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LF13741 NSC-LF13741 Datasheet
323Kb / 12P
   MONOLITHIC JFET INPUT OPERATIONAL AMPLIFIER
logo
Analog Devices
AD546 AD-AD546_15 Datasheet
457Kb / 12P
   1A Monolithic Electrometer Operational Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com