Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2314AIDRBT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2314AIDRBT
Description  Operational Amplifier
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2314AIDRBT Datasheet(HTML) 1 Page - Texas Instruments

  OPA2314AIDRBT Datasheet HTML 1Page - Texas Instruments OPA2314AIDRBT Datasheet HTML 2Page - Texas Instruments OPA2314AIDRBT Datasheet HTML 3Page - Texas Instruments OPA2314AIDRBT Datasheet HTML 4Page - Texas Instruments OPA2314AIDRBT Datasheet HTML 5Page - Texas Instruments OPA2314AIDRBT Datasheet HTML 6Page - Texas Instruments OPA2314AIDRBT Datasheet HTML 7Page - Texas Instruments OPA2314AIDRBT Datasheet HTML 8Page - Texas Instruments OPA2314AIDRBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
0
10
20
30
40
50
60
70
80
90
100
110
120
10M
100M
1G
10G
Frequency (Hz)
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
OPA314, OPA2314, OPA4314
SBOS563G – MAY 2011 – REVISED JUNE 2015
OPAx314 3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS
Operational Amplifier
1 Features
3 Description
The OPA314 family of single-, dual-, and quad-
1
Low IQ: 150 µA/ch
channel operational amplifiers represents a new
Wide Supply Range: 1.8 V to 5.5 V
generation of low-power, general-purpose CMOS
Low Noise: 14 nV/
√Hz at 1 kHz
amplifiers. Rail-to-rail input and output swings, low
quiescent current (150
μA typically at 5 VS) combined
Gain Bandwidth: 3 MHz
with a wide bandwidth of 3 MHz, and very low noise
Low Input Bias Current: 0.2 pA
(14 nV/
√Hz at 1 kHz) make this family very attractive
Low Offset Voltage: 0.5 mV
for a variety of battery-powered applications that
require
a
good
balance
between
cost
and
Unity-Gain Stable
performance. The low input bias current supports
Internal RF/EMI Filter
applications with M
Ω source impedances.
Extended Temperature Range:
The robust design of the OPA314 devices provides
–40°C to 125°C
ease-of-use to the circuit designer: unity-gain stability
with capacitive loads of up to 300 pF, an integrated
2 Applications
RF/EMI rejection filter, no phase reversal in overdrive
Battery-Powered Instruments:
conditions, and high electrostatic discharge (ESD)
protection (4-kV HBM).
Consumer, Industrial, Medical
Notebooks, Portable Media Players
These
devices
are
optimized
for
low-voltage
operation as low as 1.8 V (±0.9 V) and up to 5.5 V
Photodiode Amplifiers
(±2.75 V), and are specified over the full extended
Active Filters
temperature range of –40°C to 125°C.
Remote Sensing
The OPA314 (single) is available in both SC70-5 and
Wireless Metering
SOT23-5 packages. The OPA2314 (dual) is offered in
Handheld Test Equipment
SO-8, MSOP-8, and DFN-8 packages. The quad-
channel OPA4314 is offered in a TSSOP-14 package.
EMIRR vs Frequency
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SOT-23 (5)
2.90 mm × 1.60 mm
OPA314
SC70 (5)
2.00 mm × 1.25 mm
VSSOP (8)
3.00 mm × 3.00 mm
OPA2314
SOIC (8)
4.90 mm × 3.91 mm
VSON (8)
3.00 mm × 3.00 mm
OPA4314
TSSOP (14)
5.00 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - OPA2314AIDRBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2314AIDRBT TI1-OPA2314AIDRBT Datasheet
1Mb / 31P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRI/O, 1.8-V CMOS OPERATIONAL AMPLIFIER
MARCH2012
OPA2314AIDRBT TI-OPA2314AIDRBT Datasheet
1Mb / 36P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
More results

Similar Description - OPA2314AIDRBT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
   Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
   Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
   Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
   Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
   Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
   Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
   Operational Amplifier
logo
Texas Instruments
LM7332 TI1-LM7332 Datasheet
1Mb / 34P
[Old version datasheet]   Operational Amplifier
OPA606 TI1-OPA606 Datasheet
113Kb / 10P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA622 TI1-OPA622 Datasheet
361Kb / 19P
[Old version datasheet]   OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1220 LINER-LT1220_15 Datasheet
271Kb / 12P
   Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com