Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H7CX-AS-N Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # H7CX-AS-N
Description  Multifunction Counter/Tachometer
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CX-AS-N Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button H7CX-AS-N Datasheet HTML 5Page - Omron Electronics LLC H7CX-AS-N Datasheet HTML 6Page - Omron Electronics LLC H7CX-AS-N Datasheet HTML 7Page - Omron Electronics LLC H7CX-AS-N Datasheet HTML 8Page - Omron Electronics LLC H7CX-AS-N Datasheet HTML 9Page - Omron Electronics LLC H7CX-AS-N Datasheet HTML 10Page - Omron Electronics LLC H7CX-AS-N Datasheet HTML 11Page - Omron Electronics LLC H7CX-AS-N Datasheet HTML 12Page - Omron Electronics LLC H7CX-AS-N Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
H7CX-A
@-N
9
Block Diagram
Note: All models except for H7CX-
@D-N have basic insulation.
Input Circuits
CP1, CP2, Reset/Reset 1, and Total Reset/Reset 2
Input
Input Connections
The inputs of the H7CX-
@-N are no-voltage (short-circuit or open) inputs or voltage inputs.
No-voltage Inputs (NPN Inputs)
No-voltage Input Signal Levels
Note: The DC voltage must be 30 VDC max.
Voltage Inputs (PNP Inputs)
Voltage Input Signal Levels
Note: 1. The DC voltage must be 30 VDC max.
2. Input resistance: Approx. 4.7 k
Output circuit
(See note.)
Display circuit
Input circuits
(Basic insulation)
(Basic insulation)
Internal
control circuit
Power supply
circuit
Key switch
circuit
No-voltage Inputs
(NPN Inputs)
Voltage Inputs (PNP Inputs)
Internal
circuit
IN
+14V
1 k
IN
Approx. 4.7 k
Internal
circuit
Open Collector
Voltage Output
Contact Input
DC Two-wire Sensor
H7CX-A
@
H7CX-A11
@
Note: Operates with transistor ON.
PLC or
sensor
6789
10
37564
H7CX-A
@
H7CX-A11
@
Note: Operates with transistor ON.
Sensor
6789
10
37564
Note: Operates with relay ON.
H7CX-A
@
H7CX-A11
@
6789
10
37564
Note: Operates with transistor ON.
H7CX-A
@
H7CX-A11
@
6789
10
37564
No-contact input
Short-circuit level (transistor ON)
• Residual voltage: 3 V max.
• Impedance when ON: 1 k
Ω max.
(The leakage current is approx. 12 mA when the impedance is 0
Ω.)
Open level (transistor OFF)
• Impedance when OFF: 100 k
Ω min.
Contact input
Use contacts which can adequately switch 5 mA at 10 V.
Applicable Two-wire Sensor
• Leakage current: 1.5 mA max.
• Switching capacity: 5 mA min.
• Residual voltage: 3 VDC max.
• Operating voltage: 10 VDC
No-contact Input (NPN Transistor)
No-contact Input (PNP Transistor)
Contact Input
Note: Operates with transistor OFF.
H7CX-A
@
H7CX-A11
@
Sensor
6789
10
37564
Note: Operates with transistor ON.
H7CX-A
@
H7CX-A11
@
Sensor
6789
10
37564
Note: Operates with relay ON.
H7CX-A
@
H7CX-A11
@
6789
10
37564
High level (input ON): 4.5 to 30 VDC
Low level (input OFF): 0 to 2 VDC


Similar Part No. - H7CX-AS-N

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H7CX-AS OMRON-H7CX-AS Datasheet
2Mb / 43P
   Multifunction Preset Counter
H7CX-ASD OMRON-H7CX-ASD Datasheet
2Mb / 43P
   Multifunction Preset Counter
H7CX-ASD1 OMRON-H7CX-ASD1 Datasheet
2Mb / 43P
   Multifunction Preset Counter
H7CX-ASD1G OMRON-H7CX-ASD1G Datasheet
2Mb / 43P
   Multifunction Preset Counter
H7CX-ASDG OMRON-H7CX-ASDG Datasheet
2Mb / 43P
   Multifunction Preset Counter
More results

Similar Description - H7CX-AS-N

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
KCT-6ST-C PF-KCT-6ST-C Datasheet
1Mb / 3P
   Timer, Counter, Tachometer
KC-LCDC-48-6T-230VAC PF-KC-LCDC-48-6T-230VAC Datasheet
1Mb / 3P
   Timer, Counter, Tachometer
logo
Omron Electronics LLC
H7CC OMRON-H7CC Datasheet
15Mb / 66P
   Digital Counter/Tachometer
logo
Pepperl+Fuchs Inc.
KC-LCDL-48-2R-24VDC PF-KC-LCDL-48-2R-24VDC Datasheet
1Mb / 3P
   Timer, Counter, Tachometer
KC-LCDC-48-2R-230VAC PF-KC-LCDC-48-2R-230VAC Datasheet
1Mb / 3P
   Timer, Counter, Tachometer
KCT-6S-C PF-KCT-6S-C Datasheet
1Mb / 2P
   Timer, Counter, Tachometer
KC-LCDC-48-2T-230VAC PF-KC-LCDC-48-2T-230VAC Datasheet
1Mb / 3P
   Timer, Counter, Tachometer
TC-LCDC-8A-24VDC PF-TC-LCDC-8A-24VDC Datasheet
705Kb / 3P
   Counter/Timer/Tachometer
KC-LCDC-48-6T-24VDC PF-KC-LCDC-48-6T-24VDC Datasheet
1Mb / 3P
   Timer, Counter, Tachometer
KCT2-6ST-V PF-KCT2-6ST-V Datasheet
151Kb / 3P
   Counter/Timer/Tachometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com