Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HU361DSWA Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HU361DSWA
Description  Receptacle Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HU361DSWA Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HU361DSWA Datasheet HTML 1Page - List of Unclassifed Manufacturers HU361DSWA Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Data Sheet
H362AWC
Receptacle Switch , 60A, 600VAC, 3-Phase,
Fusible, Heavy Duty, 3-Pole
List Price
$1,897.00 USD
Availability Stock Item: This item is normally stocked in our distribution facility.
Wiring Configuration
4-Wire
Depth
7.00 Inches
Height
16.50 Inches
Width
9.00 Inches
Action
Single Throw
Ampere Rating
60A
Approvals
UL Listed
Catalog Reference Number
3100CT9801
Electrical Interlock
None
Enclosure Material
Galvannealed Steel
Enclosure Rating
NEMA 3R/12
Factory Installed Neutral
No
Enclosure Type
Rainproof, Ice/Sleet proof and Dust Tight (Indoor/Outdoor)
Horsepower Rating
30HP@480VAC - 50HP@600VAC
Phase
3-Phase
Disconnect Type
Fusible
Terminal Type
Receptacle for APJ6485 Plug
Mounting Type
Surface
Type of Duty
Heavy Duty
Short Circuit Current Rating
10kA (Class H or K) - 200kA (Class R,J or L)
Number of Poles
3-Pole
Receptacle Type
Crouse-Hinds Arktite
Maximum Voltage Rating
600VAC
Wire Size
#12 to #2 AWG(Al) or #14 to #2 AWG(Cu)
Technical Characteristics
Category
00118 - Safety Switch, Heavy Duty, with Crouse-Hinds Receptacle, fused and unfused
Discount Schedule
DE1
Article Number
785901195573
Package Quantity
1
Weight
27.28 lbs.
Availability Code
Stock Item: This item is normally stocked in our distribution facility.
Returnability
Y
Shipping and Ordering
As standards, specifications, and designs change from time to time, please ask for confirmation of the information given in this document.
Generated: 06/18/2009 02:24:28
© 2009 Schneider Electric. All rights reserved.
1


Similar Part No. - HU361DSWA

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
HU361DSWA SCHNEIDER-HU361DSWA Datasheet
63Kb / 2P
   Safety switch, heavy duty, non fusible, 30A, 600 VAC/VDC, 3 poles, 30 hp, NEMA Type 4, 4X, 5, 304 steel, appleton
HU361DSWAVW SCHNEIDER-HU361DSWAVW Datasheet
64Kb / 2P
   Safety switch, heavy duty, non fusible, 30A, 600 VAC/VDC, 3 poles, 30 hp, NEMA Type 4, 4X, 5, appleton, window
More results

Similar Description - HU361DSWA

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301020211 MOLEX11-1301020211 Datasheet
32Kb / 1P
   Super-Safeway Rubber Hand Lamp with Switch & Receptacle
1301020249 MOLEX11-1301020249 Datasheet
36Kb / 1P
   Safeway Phenolic Hand Lamp with 100W Screw Release Guard Switch and Receptacle
1301020224 MOLEX11-1301020224 Datasheet
29Kb / 1P
   Super-Safeway Rubber Hand Lamp with Nylon Guard with Switch and Receptacle
1301020222 MOLEX11-1301020222 Datasheet
29Kb / 1P
   Super-Safeway Rubber Hand Lamp with Nylon Guard with Switch and Receptacle
130102-0223 MOLEX11-130102-0223 Datasheet
37Kb / 1P
   Super-Safeway Rubber Hand Lamp with Nylon Guard with Switch and Receptacle 7.62m
logo
Peregrine Semiconductor...
PE4256 PEREGRINE-PE4256_15 Datasheet
295Kb / 8P
   Switch
PE4280 PEREGRINE-PE4280_15 Datasheet
261Kb / 8P
   Switch
logo
Mini-Circuits
MSW-2-20 MINI-MSW-2-20 Datasheet
312Kb / 2P
   Switch
logo
E-SWITCH
RA1H1C112R E-SWITCH-RA1H1C112R Datasheet
63Kb / 1P
   SWITCH
c
logo
Mini-Circuits
TOSW-425 MINI-TOSW-425 Datasheet
237Kb / 2P
   Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com