Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H365NR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # H365NR
Description  Safety Switch
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

H365NR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  H365NR Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Data Sheet
H365NR
Safety Switch , 400A, 600V, Fusible, Heavy Duty,
3-Pole
Wire Size
#1/0 to 750 AWG/kcmil(Al/Cu)
Width
27.88 Inches
Depth
10.13 Inches
Height
50.31 Inches
Action
Single Throw
Ampere Rating
400A
Approvals
UL Listed
Catalog Reference Number
3100CT9801
Enclosure Type
Rainproof and Sleet/Ice proof (Indoor/Outdoor)
Electrical Interlock
None
Enclosure Rating
NEMA 3R
Enclosure Material
Galvannealed Steel
Factory Installed Neutral
Yes
Short Circuit Current Rating
10kA (Class H or K) - 200kA (Class R,J or L)
Maximum Voltage Rating
600V
Terminal Type
Lugs
Disconnect Type
Fusible
Mounting Type
Surface
Type of Duty
Heavy Duty
Number of Poles
3-Pole
Technical Characteristics
Category
00054 - Safety Switch, Heavy Duty, NEMA3R, 400 - 1200 Amp, fused and unfused
Discount Schedule
DE1
Article Number
785901026686
Package Quantity
1
Weight
186 lbs.
Availability Code
Availability Code: D
Returnability
Y
Shipping and Ordering
As standards, specifications, and designs change from time to time, please ask for confirmation of the information given in this document.
1


Similar Part No. - H365NR

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
H365NR SCHNEIDER-H365NR Datasheet
140Kb / 4P
   Safety switch, heavy duty, fusible, 400A, 3 poles 250 hp, 600 VAC/DC, NEMA 3R, neutral factory installed
More results

Similar Description - H365NR

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
VAZ-IER1-ACTUATOR1-S PF-VAZ-IER1-ACTUATOR1-S Datasheet
184Kb / 1P
   Safety Switch
VAZ-IER2-ACTUATOR2-S PF-VAZ-IER2-ACTUATOR2-S Datasheet
171Kb / 1P
   Safety Switch
VAA-1E-IEI3-READER1-S-V31 PF-VAA-1E-IEI3-READER1-S-V31 Datasheet
149Kb / 1P
   Safety Switch
VAA-2E-IM1-J-S-V1 PF-VAA-2E-IM1-J-S-V1 Datasheet
228Kb / 2P
   Safety Switch
2019-01-09
VAA-2E2A-IM1-J-S-V1 PF-VAA-2E2A-IM1-J-S-V1 Datasheet
233Kb / 2P
   Safety Switch
2019-01-09
logo
List of Unclassifed Man...
H361AWK ETC2-H361AWK Datasheet
492Kb / 2P
   Safety Switch
logo
Pepperl+Fuchs Inc.
VAZ-IEI3-TAG1-S PF-VAZ-IEI3-TAG1-S Datasheet
129Kb / 1P
   Safety Switch
VAA-2E1A-IER1-S-1M-V1 PF-VAA-2E1A-IER1-S-1M-V1 Datasheet
301Kb / 2P
   Safety Switch
logo
List of Unclassifed Man...
HU362 ETC2-HU362 Datasheet
443Kb / 2P
   Safety Switch
logo
Pepperl+Fuchs Inc.
VAA-2E-IER2-S-1M-V1 PF-VAA-2E-IER2-S-1M-V1 Datasheet
286Kb / 2P
   Safety Switch
2019-01-09
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com