Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H7CX-A11D1-N Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # H7CX-A11D1-N
Description  Multifunction Counter/Tachometer
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CX-A11D1-N Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button H7CX-A11D1-N Datasheet HTML 2Page - Omron Electronics LLC H7CX-A11D1-N Datasheet HTML 3Page - Omron Electronics LLC H7CX-A11D1-N Datasheet HTML 4Page - Omron Electronics LLC H7CX-A11D1-N Datasheet HTML 5Page - Omron Electronics LLC H7CX-A11D1-N Datasheet HTML 6Page - Omron Electronics LLC H7CX-A11D1-N Datasheet HTML 7Page - Omron Electronics LLC H7CX-A11D1-N Datasheet HTML 8Page - Omron Electronics LLC H7CX-A11D1-N Datasheet HTML 9Page - Omron Electronics LLC H7CX-A11D1-N Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
6
H7CX-A
@-N
Tachometer Function Ratings
* An input OFF time of at least 20 ms is required.
Characteristics
Model
Item
H7CX-A114
@-N
H7CX-A11
@-N
H7CX-A4
@-N
H7CX-A
@-N
H7CX-A4W
@-N
H7CX-AW
@-N/-AU@-N
Input mode
No tachometer
functionality
Selectable from independent measurements for 1 or 2 inputs, differential input for 2 inputs, absolute ratio for 2 inputs, and
error ratio for 2 inputs.
Pulse measurement method
Periodic measurement
Pulse width measurement
Maximum counting speed
30 Hz
1-input mode: 10 kHz
Other modes: 5 kHz
30 Hz
1-input mode: 10 kHz
Other modes: 5 kHz
Minimum input signal width
---
---
30 ms*1
1-input mode: 0.2 ms
Other modes: 0.4 ms*
Measuring ranges
0.01 to 30.00 Hz
1-input mode: 0.01 to 10 kHz,
Other modes: 0.01 to 5 kHz
0.030 to 999999 s
1-input mode: 0.0002 to 99999 s
Other modes: 0.0004 to 99999 s
Sampling period
200 ms min.
200 ms min. or continuous
selectable (minimum interval of 10
ms)
Continuous (minimum interval of 10 ms)
Measuring accuracy
±0.1% FS ±1 digit max. (at 23 ±5°C)
Output mode
Input mode:
Not 2-input independent measurement: HI-LO, AREA, HI-HI, LO-LO
2-input independent measurement: HI-HI, LO-LO
Auto-zero time
0.1 to 999.9s
Startup time
0.0 to 99.9s
Averaging
Simple averaging/moving averaging selectable, Processing: OFF, 2, 4, 8, or 16 times
Hold input
Minimum input signal width: 20 ms
* Refer to the Life-test Curve.
Applicable Standards
* The following safety standards apply to models with sockets (H7CX-A11
@ or H7CX-A114@).
cUL (Listing): Applicable when an OMRON P2CF(-E) Socket is used.
cUR (Recognition): Applicable when any other socket is used.
Insulation resistance
100 M
Ω min. (at 500 VDC) between current-carrying terminals and exposed non-
current-carrying metal parts, and between non-continuous contacts
Dielectric strength
2,000 VAC, 50/60 Hz for 1 min between current-carrying metal parts and non-
current-carrying metal parts
2,000 VAC, 50/60 Hz for 1 min between power supply and input circuit for all models
except H7CX-
@D@ (1,000 VAC for 24 VAC/12 to 24 VDC)
1,000 VAC (for H7CX-
@SD@), 50/60 Hz for 1 min between control output, power
supply, and input circuit (2,000 VAC for models other than H7CX-
@SD@)
1,000 VAC, 50/60 Hz for 1 min between non-continuous contacts
Impulse withstand voltage
3.0 kV between power terminals (1.0 kV for models with 24 VAC/12 to 24 VDC or 12
to 24 VDC)
4.5 kV between current-carrying terminals and exposed non-current-carrying metal
parts (1.5 kV for models with 24 VAC/12 to 24 VDC or 12 to 24 VDC)
Noise immunity
±1.5 kV between power terminals (±480 V for models with 12 to 24 VDC)
±600 V between input terminals
Square-wave noise by noise simulator (pulse width: 100 ns/1
µs, 1-ns rise)
Static immunity
Malfunction: 8 kV
Destruction: 15 kV
Vibration
resistance
Destruction
10 to 55 Hz with 0.75-mm single amplitude each in three directions for 2 h each
Malfunction
10 to 55 Hz with 0.35-mm single amplitude each in three directions for 10 min each
Shock re-
sistance
Destruction
300 m/s2 each in three directions
Malfunction
100 m/s2 each in three directions
Life expectancy
Mechanical: 10,000,000 operations min.
Electrical: 100,000 operations min. (3 A at 250 VAC, resistive load, ambient
temperature condition: 23
°C)*
Weight
Approx. 130 g (Counter only)
Approved
safety
standards
cULus (or cURus): UL508/CSA C22.2 No. 14*
EN 61010-1 (IEC 61010-1): Pollution degree 2/overvoltage category II
B300 PILOT DUTY
1/4 HP 120 VAC, 1/3 HP, 240 VAC, 3 A resistive load
VDE0106/P100 (finger protection)
EMC
(EMI)
EN61326
Emission Enclosure:
EN 55011 Group 1 class A
Emission AC mains:
EN 55011 Group 1 class A
(EMS)
EN61326
Immunity ESD:
EN 61000-4-2:
4 kV contact discharge;
8 kV air discharge
Immunity RF-interference:
EN 61000-4-3:
10 V/m (Amplitude-modulated, 80 MHz to 1
GHz);
10 V/m (Pulse-modulated, 900 MHz
±5 MHz)
Immunity Conducted Disturbance: EN 61000-4-6:
10 V (0.15 to 80 MHz)
Immunity Burst:
EN 61000-4-4:
2 kV power-line;
1 kV I/O signal-line
Immunity Surge:
EN 61000-4-5:
1 kV line to lines (power and output lines);
2 kV line to ground (power and output lines)
Immunity Voltage Dip/Interruption: EN 61000-4-11: 0.5 cycle, 100% (rated voltage)
Life-test Curve (Reference
Values)
Resistive load
Inductive load
A current of 0.15 A max. can be switched at 125
VDC (cos
φ=1) and current of 0.1 A max. can be
switched if L/R=7 ms. In both cases, a life of
100,000 operations can be expected.
1,000
700
500
300
100
70
50
Load current (A)
01
2
3
4
30 VDC (cos
φ=1)
250 VAC (cos
φ=1)
1,000
700
500
300
100
70
50
01
2
3
4
30 VDC (L/R=7 ms)
Load current (A)
250 VAC (cos
φ=1)


Similar Part No. - H7CX-A11D1-N

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H7CX-A11D1 OMRON-H7CX-A11D1 Datasheet
2Mb / 43P
   Multifunction Preset Counter
H7CX-A11D1G OMRON-H7CX-A11D1G Datasheet
2Mb / 43P
   Multifunction Preset Counter
More results

Similar Description - H7CX-A11D1-N

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
KCT-6ST-C PF-KCT-6ST-C Datasheet
1Mb / 3P
   Timer, Counter, Tachometer
KC-LCDC-48-6T-230VAC PF-KC-LCDC-48-6T-230VAC Datasheet
1Mb / 3P
   Timer, Counter, Tachometer
logo
Omron Electronics LLC
H7CC OMRON-H7CC Datasheet
15Mb / 66P
   Digital Counter/Tachometer
logo
Pepperl+Fuchs Inc.
KC-LCDL-48-2R-24VDC PF-KC-LCDL-48-2R-24VDC Datasheet
1Mb / 3P
   Timer, Counter, Tachometer
KC-LCDC-48-2R-230VAC PF-KC-LCDC-48-2R-230VAC Datasheet
1Mb / 3P
   Timer, Counter, Tachometer
KCT-6S-C PF-KCT-6S-C Datasheet
1Mb / 2P
   Timer, Counter, Tachometer
KC-LCDC-48-2T-230VAC PF-KC-LCDC-48-2T-230VAC Datasheet
1Mb / 3P
   Timer, Counter, Tachometer
TC-LCDC-8A-24VDC PF-TC-LCDC-8A-24VDC Datasheet
705Kb / 3P
   Counter/Timer/Tachometer
KC-LCDC-48-6T-24VDC PF-KC-LCDC-48-6T-24VDC Datasheet
1Mb / 3P
   Timer, Counter, Tachometer
KCT2-6ST-V PF-KCT2-6ST-V Datasheet
151Kb / 3P
   Counter/Timer/Tachometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com