Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H7CX-A114-N Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # H7CX-A114-N
Description  Multifunction Counter/Tachometer
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CX-A114-N Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button H7CX-A114-N Datasheet HTML 7Page - Omron Electronics LLC H7CX-A114-N Datasheet HTML 8Page - Omron Electronics LLC H7CX-A114-N Datasheet HTML 9Page - Omron Electronics LLC H7CX-A114-N Datasheet HTML 10Page - Omron Electronics LLC H7CX-A114-N Datasheet HTML 11Page - Omron Electronics LLC H7CX-A114-N Datasheet HTML 12Page - Omron Electronics LLC H7CX-A114-N Datasheet HTML 13Page - Omron Electronics LLC H7CX-A114-N Datasheet HTML 14Page - Omron Electronics LLC H7CX-A114-N Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
H7CX-A
@-N
11
Dimensions with Flush Mounting Adapter
48
× 48
44.8
× 44.8
59
6
H7CX-AD-N/-ASD-N/-AWSD-N/-A4D-N/-A4SD-N/-A4WSD-N (Flush Mounting Models)
Note: M3.5 terminal screw (effective length: 6 mm)
48
× 48
44.8
× 44.8
63.7
14.4
6
H7CX-A11-N/-A11S-N/-A11D1-N/-A11SD1-N/-A114-N/-A114S-N/-A114D1-N (Flush Mounting/Surface Mounting Models)
58
48
76.5
7.5
Panel
Y92F-30 (provided)
Flush Mounting Adapter
Y92S-29 (provided)
Waterproof Packing
(51)
H7CX-A-N/-AS-N/-AW-N/-AWS-N/-AWD1-N/-AWSD1-N/-A4-N/-A4S-N/-A4W-N
(Provided with Adapter and Waterproof Packing)
Panel Cutouts
Panel cutouts are as shown below. (according
to DIN43700).
Note: 1. The mounting panel thickness
should be 1 to 5 mm.
2. To allow easier operation, it is
recommended that Adapters be
mounted so that the gap between
sides with hooks is at least 15 mm
(i.e., with the panel cutouts
separated by at least 60 mm).
3. It is possible to mount counters
side by side, but only in the
direction without the hooks. If they
are mounted side-by-side, water-
resistance will be lost.
Dimensions with Front
Connecting Socket
* These dimensions depend on the kind of DIN Track.
(Reference value)
60 min.
60 min.
15 min.
45
+0.6
0
45
+0.6
0
A
With Y92A-48F1 attached.
With Y92A-48 attached.
A=(48n
−2.5)
+1
−0
A=(51n
−5.5) +1
−0
A={48n
−2.5+(n−1)×4} +1
−0
n Units mounted
side by side
103.2*
100.9
H7CX
-A11
@
P2CF-11(-E) Front Connecting Socket
(order separately)
58
48
(51)
7.5
57.5
Panel
Y92F-30 (provided)
Flush Mounting Adapter
Y92S-29 (provided)
Waterproof Packing
H7CX-AD-N/-ASD-N/-AWSD-N/-A4D-N/-A4SD-N/-A4WSD-N
(Provided with Adapter and Waterproof Packing)
58
48
(51)
7.5
89.9
Panel
Y92F-30 (order separately)
Flush Mounting Adapter
Y92S-29 (order separately)
Waterproof Packing
H7CX-A11-N/-A11S-N/-A11D1-N/-A11SD1-N/-A114-N/-A114S-N/-A114D1-N
(Adapter and Waterproof Packing Ordered Separately)


Similar Part No. - H7CX-A114-N

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H7CX-A114 OMRON-H7CX-A114 Datasheet
2Mb / 43P
   Multifunction Preset Counter
H7CX-A114D OMRON-H7CX-A114D Datasheet
2Mb / 43P
   Multifunction Preset Counter
H7CX-A114D1 OMRON-H7CX-A114D1 Datasheet
2Mb / 43P
   Multifunction Preset Counter
H7CX-A114D1G OMRON-H7CX-A114D1G Datasheet
2Mb / 43P
   Multifunction Preset Counter
H7CX-A114DG OMRON-H7CX-A114DG Datasheet
2Mb / 43P
   Multifunction Preset Counter
More results

Similar Description - H7CX-A114-N

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
KCT-6ST-C PF-KCT-6ST-C Datasheet
1Mb / 3P
   Timer, Counter, Tachometer
KC-LCDC-48-6T-230VAC PF-KC-LCDC-48-6T-230VAC Datasheet
1Mb / 3P
   Timer, Counter, Tachometer
logo
Omron Electronics LLC
H7CC OMRON-H7CC Datasheet
15Mb / 66P
   Digital Counter/Tachometer
logo
Pepperl+Fuchs Inc.
KC-LCDL-48-2R-24VDC PF-KC-LCDL-48-2R-24VDC Datasheet
1Mb / 3P
   Timer, Counter, Tachometer
KC-LCDC-48-2R-230VAC PF-KC-LCDC-48-2R-230VAC Datasheet
1Mb / 3P
   Timer, Counter, Tachometer
KCT-6S-C PF-KCT-6S-C Datasheet
1Mb / 2P
   Timer, Counter, Tachometer
KC-LCDC-48-2T-230VAC PF-KC-LCDC-48-2T-230VAC Datasheet
1Mb / 3P
   Timer, Counter, Tachometer
TC-LCDC-8A-24VDC PF-TC-LCDC-8A-24VDC Datasheet
705Kb / 3P
   Counter/Timer/Tachometer
KC-LCDC-48-6T-24VDC PF-KC-LCDC-48-6T-24VDC Datasheet
1Mb / 3P
   Timer, Counter, Tachometer
KCT2-6ST-V PF-KCT2-6ST-V Datasheet
151Kb / 3P
   Counter/Timer/Tachometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com