Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H7CX-X-N Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # H7CX-X-N
Description  Multifunction Counter/Tachometer
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CX-X-N Datasheet(HTML) 2 Page - Omron Electronics LLC

  H7CX-X-N Datasheet HTML 1Page - Omron Electronics LLC H7CX-X-N Datasheet HTML 2Page - Omron Electronics LLC H7CX-X-N Datasheet HTML 3Page - Omron Electronics LLC H7CX-X-N Datasheet HTML 4Page - Omron Electronics LLC H7CX-X-N Datasheet HTML 5Page - Omron Electronics LLC H7CX-X-N Datasheet HTML 6Page - Omron Electronics LLC H7CX-X-N Datasheet HTML 7Page - Omron Electronics LLC H7CX-X-N Datasheet HTML 8Page - Omron Electronics LLC H7CX-X-N Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 56 page
background image
2
H7CX-@-N
Other Features
The front color can be changed simply by
replacing the Front Panel.
The Front Panel can be replaced with an optional Front Panel (sold
separately) with a different color to match the installation site. Select
from black, white, and light gray (except for models with tachometer
function only).
Universal NPN/PNP Input
DC 2-wire sensors can be connected for a wide range of input
devices.
Waterproof, Dust-proof Structure (UL508 Type
4X and IP66)
Worry-free application is possible in locations subject to water.
Note: When the Y92S-29 Waterproof Packing is used.
Key Protection
Select from any of seven protection patterns. Use the best one for the
application.
New Functions
Many useful functions have been added, including a Twin Counter
Mode and many tachometer functions to handle even more
applications.
New Tachometer Functions
• Control with two independent inputs (independent measurements,
differential, absolute ratio, and error ratio)
• Peak/bottom hold function
• Output hysteresis setting
• Output OFF delay
• Switching the measurement method (pulse cycle/pulse width)
• Startup time
• Auto-zero time
• Averaging method/Number of averaging times
• AMD-compatible Mode
Model Number Structure
Model Configuration
*1. Set the tachometer input mode from the function setting mode to switch to the tachometer function.
White
Light gray
Black
(Standard)
Only the Front
Panel can be
replaced.
H7CX Series
Model
H7CX-A-series Multifunction Preset Counter
H7CX-R-series Digital Tachometer
Classification
Preset counter
Preset counter/tachometer
Tachometer
Model
H7CX-A
@-N
H7CX-A4W
@-N
H7CX-AW
@-N/-AU@-N
H7CX-R11
@-N
H7CX-R11W
@-N
Function
1-stage preset
counter
Yes
Yes
Yes
No
2-stage preset
counter
No
Yes
Yes
No
Total and preset
counter
Yes
Yes
Yes
No
Batch counter
No
Yes
Yes
No
Dual counter
No
Yes
Yes
No
Twin counter
No
Yes
Yes
No
Tachometer
No
No
Yes*1
Yes
Tachometer input
No
No
Yes
1 input or 2 inputs
(independent
measurements, differential,
absolute ratio value, and
error ratio value)
Yes
1 input
Yes
2 inputs (independent
measurement) only
Settings
1-stage
2-stage
1-stage
External connections
11-pin socket
Screw terminals
11-pin socket
Display color of present value
Red
Red, green, or orange
Red
Display digits
4 or 6 digits
4 digits
6 digits
6 digits


Similar Part No. - H7CX-X-N

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H7CX-A OMRON-H7CX-A Datasheet
2Mb / 43P
   Multifunction Preset Counter
H7CX-A11 OMRON-H7CX-A11 Datasheet
2Mb / 43P
   Multifunction Preset Counter
H7CX-A114 OMRON-H7CX-A114 Datasheet
2Mb / 43P
   Multifunction Preset Counter
H7CX-A114D OMRON-H7CX-A114D Datasheet
2Mb / 43P
   Multifunction Preset Counter
H7CX-A114D1 OMRON-H7CX-A114D1 Datasheet
2Mb / 43P
   Multifunction Preset Counter
More results

Similar Description - H7CX-X-N

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
KCT-6ST-C PF-KCT-6ST-C Datasheet
1Mb / 3P
   Timer, Counter, Tachometer
KC-LCDC-48-6T-230VAC PF-KC-LCDC-48-6T-230VAC Datasheet
1Mb / 3P
   Timer, Counter, Tachometer
logo
Omron Electronics LLC
H7CC OMRON-H7CC Datasheet
15Mb / 66P
   Digital Counter/Tachometer
logo
Pepperl+Fuchs Inc.
KC-LCDL-48-2R-24VDC PF-KC-LCDL-48-2R-24VDC Datasheet
1Mb / 3P
   Timer, Counter, Tachometer
KC-LCDC-48-2R-230VAC PF-KC-LCDC-48-2R-230VAC Datasheet
1Mb / 3P
   Timer, Counter, Tachometer
KCT-6S-C PF-KCT-6S-C Datasheet
1Mb / 2P
   Timer, Counter, Tachometer
KC-LCDC-48-2T-230VAC PF-KC-LCDC-48-2T-230VAC Datasheet
1Mb / 3P
   Timer, Counter, Tachometer
TC-LCDC-8A-24VDC PF-TC-LCDC-8A-24VDC Datasheet
705Kb / 3P
   Counter/Timer/Tachometer
KC-LCDC-48-6T-24VDC PF-KC-LCDC-48-6T-24VDC Datasheet
1Mb / 3P
   Timer, Counter, Tachometer
KCT2-6ST-V PF-KCT2-6ST-V Datasheet
151Kb / 3P
   Counter/Timer/Tachometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com