Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H3Y-4 Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # H3Y-4
Description  Solid-state Timer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H3Y-4 Datasheet(HTML) 8 Page - Omron Electronics LLC

  H3Y-4 Datasheet HTML 1Page - Omron Electronics LLC H3Y-4 Datasheet HTML 2Page - Omron Electronics LLC H3Y-4 Datasheet HTML 3Page - Omron Electronics LLC H3Y-4 Datasheet HTML 4Page - Omron Electronics LLC H3Y-4 Datasheet HTML 5Page - Omron Electronics LLC H3Y-4 Datasheet HTML 6Page - Omron Electronics LLC H3Y-4 Datasheet HTML 7Page - Omron Electronics LLC H3Y-4 Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
H3Y
H3Y
8
Installation
Connection
H3Y-2
H3Y-4
Connect the DC power supply to
terminals 13 and 14 according
to the polarity marks.
Connect the DC power supply to
terminals 13 and 14 according to
the polarity marks.
Precautions
When selecting a control output, use the H3Y-2 for switching ON
and OFF the power and the H3Y-4 for switching ON and OFF the
minute load.
The operating voltage will increase when using the H3Y in any place
where the ambient temperature is more than 50
°C. Supply 90% to
110% of the rated voltages (at 12 VDC: 95% to 110%) when operat-
ing at 50
°C or higher.
Do not leave the H3Y in time-up condition for a long period of time
(for example, more than one month in any place where the ambient
temperature is high), otherwise the internal parts (aluminum elec-
trolytic capacitor) may become damaged. Therefore, the use of the
H3Y with a relay as shown in the following circuit diagram is recom-
mended to extend the service life of the H3Y.
MY Relay
H3Y
Do not connect the H3Y as shown in the following circuit diagram on
the right hand side, otherwise the H3Y’s internal contacts different
from each other in polarity may become short-circuited.
Correct
Incorrect
Use the following safety circuit when building a self-holding or self-
resetting circuit with the H3Y and an auxiliary relay, such as an MY
Relay, in combination.
: H3Y
Auxiliary relay:
MY Relay
Do not use the H3Y in places where there is excessive dust, corro-
sive gas, or direct sunlight.
Do not mount more than one H3Y closely together, otherwise the
internal parts may become damaged. Make sure that there is a
space of 5 mm or more between any H3Y Models next to each other
to allow heat radiation.
The internal parts may become damaged if a supply voltage other
than the rated ones is imposed on the H3Y. When more than 100 V is
applied to 12 or 24 VDC, the internal element (varistor) may break.
OMRON Corporation
Supervisory Control Devices Division
28th Fl., Crystal Tower Bldg.,
1-2-27, Shiromi, Chuo-ku,
Osaka 540-6028 Japan
Phone: (81)6-949-6035 Fax: (81)6-949-6069
ALL DIMENSIONS SHOWN ARE IN MILLIMETERS.
To convert millimeters into inches, multiply by 0.03937. To convert grams into ounces, multiply by 0.03527.
Cat. No. L097-E1-1
In the interest of product improvement, specifications are subject to change without notice.
Printed in Japan
0597-2M (0597)
a
Limited issue for Southeast Asian countries


Similar Part No. - H3Y-4

ManufacturerPart #DatasheetDescription
logo
FOTEK CONTROLS CO., LTD...
H3Y-10H FOTEK-H3Y-10H Datasheet
468Kb / 1P
   Panel Type POWER ON DELAY TIMER
H3Y-10M FOTEK-H3Y-10M Datasheet
468Kb / 1P
   Panel Type POWER ON DELAY TIMER
H3Y-10S FOTEK-H3Y-10S Datasheet
468Kb / 1P
   Panel Type POWER ON DELAY TIMER
H3Y-1S FOTEK-H3Y-1S Datasheet
468Kb / 1P
   Panel Type POWER ON DELAY TIMER
H3Y-30H FOTEK-H3Y-30H Datasheet
468Kb / 1P
   Panel Type POWER ON DELAY TIMER
More results

Similar Description - H3Y-4

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H3CR OMRON-H3CR Datasheet
2Mb / 61P
   Solid-state Timer
H3DE-M OMRON-H3DE-M Datasheet
1Mb / 34P
   Solid-state Timer
H3BA-N OMRON-H3BA-N Datasheet
1Mb / 22P
   Solid-state Timer
H3JA OMRON-H3JA Datasheet
288Kb / 8P
   Solid-state Timer
H3BA-X OMRON-H3BA-X Datasheet
1Mb / 16P
   Solid-state Timer
Y92F-40 OMRON-Y92F-40 Datasheet
1,000Kb / 7P
   Solid-state Timer
logo
List of Unclassifed Man...
1071 ETC2-1071 Datasheet
79Kb / 1P
   INDUSTRIAL SOLID STATE TIMER
logo
Omron Electronics LLC
H3CA OMRON-H3CA Datasheet
398Kb / 15P
   Solid-State Digital Timer
H3CR-A OMRON-H3CR-A Datasheet
401Kb / 22P
   Solid-state Multi-functional Timer
logo
Littelfuse
T10 LITTELFUSE-T10 Datasheet
177Kb / 1P
   Solid-State On-Delay Timer
2019 Rev: 2-B-043019
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com