Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EOT32U3P4-P Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # EOT32U3P4-P
Description  enclosed switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EOT32U3P4-P Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button EOT32U3P4-P Datasheet HTML 5Page - List of Unclassifed Manufacturers EOT32U3P4-P Datasheet HTML 6Page - List of Unclassifed Manufacturers EOT32U3P4-P Datasheet HTML 7Page - List of Unclassifed Manufacturers EOT32U3P4-P Datasheet HTML 8Page - List of Unclassifed Manufacturers EOT32U3P4-P Datasheet HTML 9Page - List of Unclassifed Manufacturers EOT32U3P4-P Datasheet HTML 10Page - List of Unclassifed Manufacturers EOT32U3P4-P Datasheet HTML 11Page - List of Unclassifed Manufacturers EOT32U3P4-P Datasheet HTML 12Page - List of Unclassifed Manufacturers EOT32U3P4-P Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Enclosed switches - eOT | 9
Ordering information
Accessories
Auxiliary contacts
Contact numbering according to EN 50013. AC thermal amp rating 10 A and AC rated voltage
600 V. IP20 touch safe. The catalog numbers are for one piece.
Maximum number of auxiliary contacts: 2NO+2NC, if fourth pole installed: 1NO+2NC
OA2G11 suitable only for plastic enclosed disconnect switches, not mountable on same side
as the fourth pole.
Weight/
unit
Function
Mounting to the side of the switch
Catalog number
[kg]
1NC
left
OA1G01
0.03
1NO
right
OA1G10
0.03
1NO+1NC
right
OA2G11
0.03
Fourth poles
Mountable on the side of the switch. Only one additional pole per switch.
AC rated voltage 600 V. IP20 touch safe. The catalog numbers are for one piece.
AC thermal
Weight/
Suitable for
amp rating
unit
switches
[A]
Catalog number
[kg]
Simultaneous function with the main contacts
EOT16, EOT32
40
OTPS40FPN2
0.03
EOT30, EOT60
60
OTPS60FP
0.14
EOT45, EOT63
80
OTPS80FP
0.06
EOT100
100
OTPS125FP
0.14
Late-break and early-make
EOT16, EOT32
40
OTPL40FP
0.03
EOT30, EOT60
60
OTPL60FP
0.14
EOT45, EOT63
80
OTPL80FP
0.06
EOT100
100
OTPL125FP
0.14
Solid neutral pole
EOT16, EOT32
40
OTPN40FP
0.03
EOT30, EOT60
60
OTPN60FP
0.14
EOT45, EOT63
80
OTPN80FP
0.06
EOT100
100
OTPN125FP
0.14
OA1G
S00261A
OA2G
S01025A
OTP_40_
S00262A
OTP_80_
S00263A
OTP_60/125_
S01342A


Similar Description - EOT32U3P4-P

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
BAF HONEYWELL-BAF Datasheet
2Mb / 11P
   High Capacity Enclosed Switches
May 2015
logo
Honeywell Accelerometer...
LZA1 HONEYWELL-ACC-LZA1 Datasheet
277Kb / 2P
   Installation and adjusting instructions LZ metal-enclosed switches
logo
List of Unclassifed Man...
LZL1 ETC1-LZL1 Datasheet
277Kb / 2P
   Installation and adjusting instructions LZ metal-enclosed switches
logo
Omron Electronics LLC
ZE-N-2G OMRON-ZE-N-2G Datasheet
1Mb / 11P
   General-purpose Enclosed Switches with High Breaking Capacity and High Durability
logo
Honeywell Solid State E...
8LS1 HONEYWELL-8LS1 Datasheet
60Kb / 1P
   SWITCH-ENCLOSED
BZE6-2RN HONEYWELL-BZE6-2RN Datasheet
39Kb / 1P
   SWITCH - ENCLOSED
logo
Omron Electronics LLC
SHL-Q2255 OMRON-SHL-Q2255 Datasheet
1Mb / 8P
   Enclosed Switch
logo
Honeywell Accelerometer...
LSD1A HONEYWELL-ACC-LSD1A Datasheet
729Kb / 10P
   SWITCH-ENCLOSED
logo
Honeywell Solid State E...
LSC2B HONEYWELL-LSC2B Datasheet
729Kb / 10P
   SWITCH - ENCLOSED
DTE6-2RN HONEYWELL-DTE6-2RN Datasheet
36Kb / 1P
   SWITCH-ENCLOSED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com